Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2931AZ-5.0 Datasheet(PDF) 4 Page - ON Semiconductor

Part # LM2931AZ-5.0
Description  LOW DROPOUT VOLTAGE REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2931AZ-5.0 Datasheet(HTML) 4 Page - ON Semiconductor

  LM2931AZ-5.0 Datasheet HTML 1Page - ON Semiconductor LM2931AZ-5.0 Datasheet HTML 2Page - ON Semiconductor LM2931AZ-5.0 Datasheet HTML 3Page - ON Semiconductor LM2931AZ-5.0 Datasheet HTML 4Page - ON Semiconductor LM2931AZ-5.0 Datasheet HTML 5Page - ON Semiconductor LM2931AZ-5.0 Datasheet HTML 6Page - ON Semiconductor LM2931AZ-5.0 Datasheet HTML 7Page - ON Semiconductor LM2931AZ-5.0 Datasheet HTML 8Page - ON Semiconductor LM2931AZ-5.0 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LM2931 Series
4
MOTOROLA ANALOG IC DEVICE DATA
ELECTRICAL CHARACTERISTICS (Vin = 14 V, IO = 10 mA, CO = 100 µF, CO(ESR) = 0.3 Ω, TJ = 25°C [Note 1].)
Ch
i i
Sb l
LM2931–5.0
LM2931A–5.0
Ui
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
FIXED OUTPUT
Ripple Rejection (f = 120 Hz)
RR
60
90
60
90
dB
Dropout Voltage
VI–VO
V
IO = 10 mA
0.015
0.2
0.015
0.2
IO = 100 mA
0.16
0.6
0.16
0.6
Over–Voltage Shutdown Threshold
Vth(OV)
26
29.5
40
26
29.5
40
V
Output Voltage with Reverse Polarity Input (Vin = –15 V)
–VO
– 0.3
0
– 0.3
0
V
ELECTRICAL CHARACTERISTICS (Vin = 14 V, IO = 10 mA, CO = 100 µF, CO(ESR) = 0.3 Ω, TJ = 25°C [Note 1].)
LM2931C
LM2931AC
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Typ
Unit
ADJUSTABLE OUTPUT
Reference Voltage (Note 2, Figure 18)
Vref
V
IO = 10 mA, TJ = 25°C
1.14
1.20
1.26
1.17
1.20
1.23
IO ≤ 100 mA, TJ = – 40 to +125°C
1.08
1.32
1.15
1.25
Output Voltage Range
VOrange
3.0 to
24
2.7 to
29.5
3.0 to
24
2.7 to
29.5
V
Line Regulation (Vin = VO + 0.6 V to 26 V)
Regline
0.2
1.5
0.2
1.5
mV/V
Load Regulation (IO = 5.0 mA to 100 mA)
Regload
0.3
1.0
0.3
1.0
%/V
Output Impedance
ZO
m
Ω/V
IO = 10 mA, ∆IO = 1.0 mA, f = 10 Hz to 10 kHz
40
40
Bias Current
IB
mA
IO = 100 mA
6.0
6.0
IO = 10 mA
0.4
1.0
0.4
1.0
Output Inhibited (Vth(OI) = 2.5 V)
0.2
1.0
0.2
1.0
Adjustment Pin Current
IAdj
0.2
0.2
µA
Output Noise Voltage (f = 10 Hz to 100 kHz)
Vn
140
140
µVrms/V
Long–Term Stability
S
0.4
0.4
%/kHR
Ripple Rejection (f = 120 Hz)
RR
0.10
0.003
0.10
0.003
%/V
Dropout Voltage
VI–VO
V
IO = 10 mA
0.015
0.2
0.015
0.2
IO = 100 mA
0.16
0.6
0.16
0.6
Over–Voltage Shutdown Threshold
Vth(OV)
26
29.5
40
26
29.5
40
V
Output Voltage with Reverse Polarity Input (Vin = –15 V)
–VO
– 0.3
0
–0.3
0
V
Output Inhibit Threshold Voltages
Vth(OI)
V
Output “On”:
TJ = 25°C
2.15
1.90
2.15
1.90
TJ = – 40° to +125°C
1.20
1.20
Output “Off”:
TJ = 25°C
2.50
2.26
2.50
2.26
TJ = – 40° to +125°C
3.25
3.25
Output Inhibit Threshold Current (Vth(OI) = 2.5 V)
Ith(OI)
30
50
30
50
µA
NOTES: 1. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
2. The reference voltage on the adjustable device is measured from the output to the adjust pin across R1.


Similar Part No. - LM2931AZ-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2931AZ-5.0 NSC-LM2931AZ-5.0 Datasheet
363Kb / 18P
   Series Low Dropout Regulators
logo
Motorola, Inc
LM2931AZ-5.0 MOTOROLA-LM2931AZ-5.0 Datasheet
311Kb / 16P
   Low Dropout Voltage Regulators
logo
ON Semiconductor
LM2931AZ-5.0 ONSEMI-LM2931AZ-5.0 Datasheet
254Kb / 23P
   100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
March, 2007 ??Rev. 20
logo
National Semiconductor ...
LM2931AZ-5.0 NSC-LM2931AZ-5.0 Datasheet
411Kb / 18P
   Series Low Dropout Regulators
logo
Texas Instruments
LM2931AZ-5.0 TI1-LM2931AZ-5.0 Datasheet
447Kb / 19P
[Old version datasheet]   Series Low Dropout Regulators
More results

Similar Description - LM2931AZ-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
   LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
TPS7133Q TI-TPS7133Q Datasheet
690Kb / 31P
[Old version datasheet]   LOW-DROPOUT VOLTAGE REGULATORS
logo
STMicroelectronics
L2605 STMICROELECTRONICS-L2605 Datasheet
79Kb / 6P
   LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com