Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM89S16R1C25 Datasheet(PDF) 11 Page - SyncMOS Technologies,Inc

Part # SM89S16R1C25
Description  8-Bits Micro-controller With 64KB Flash ROM & IKB RAM & RTC & ADC & PWM & PDWU embedded
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM89S16R1C25 Datasheet(HTML) 11 Page - SyncMOS Technologies,Inc

Back Button SM89S16R1C25 Datasheet HTML 7Page - SyncMOS Technologies,Inc SM89S16R1C25 Datasheet HTML 8Page - SyncMOS Technologies,Inc SM89S16R1C25 Datasheet HTML 9Page - SyncMOS Technologies,Inc SM89S16R1C25 Datasheet HTML 10Page - SyncMOS Technologies,Inc SM89S16R1C25 Datasheet HTML 11Page - SyncMOS Technologies,Inc SM89S16R1C25 Datasheet HTML 12Page - SyncMOS Technologies,Inc SM89S16R1C25 Datasheet HTML 13Page - SyncMOS Technologies,Inc SM89S16R1C25 Datasheet HTML 14Page - SyncMOS Technologies,Inc SM89S16R1C25 Datasheet HTML 15Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
SyncMOS Technologies Inc.
SM89S16R1
8-Bits Micro-controller
With 64KB Flash ROM & IKB RAM & RTC & ADC & PWM & PDWU embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
SM89S16R1 V1.0 JANUARY 2005
11
Figure 4 External Clock Drive waveform
Figure 5 AC Testing Input/Output
Figure 6 AC Testing, Floating Waveform
ALE
/PSEN
PORT0
PORT2
A0-A7
INSTR IN
A0-A7
A8-A15
A8-A15
A8-A15
A8-A15
tLHLL
tLLPL
tPLPH
tLLAX
tAVIV
tAVLL
tLLIV
tPLAZ
tPXIX
tPXIZ
tPLIV
Figure 7 External Program Memory Read Cycle
Floating
2.0V
0.8V
0.8V
2.0V
Notes:
The float state is define as the point which PORT 0
pins sinks 3.2mA or source 400
µA at the voltage
test level.
Test Points
2.0V
0.8V
0.8V
2.0V
Notes:
AC inputs during testing are driven at 2.4V for logic
“HIGH” and 0.45V for logic “LOW”. Timing
measurements are at 2.0V for logic “HIGH” and 0.8V
tCLKH
tCLKL
0.8V
tCLK
VIH1
tCLKR
tLLIV


Similar Part No. - SM89S16R1C25

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM89S16R1C25 SYNCMOS-SM89S16R1C25 Datasheet
695Kb / 29P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
More results

Similar Description - SM89S16R1C25

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM89S16R1 SYNCMOS-SM89S16R1_06 Datasheet
695Kb / 29P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
SM89T16R1 SYNCMOS-SM89T16R1 Datasheet
522Kb / 34P
   8-Bits Micro-controller With 64KB Flash ROM & IKB RAM & Two UART & RTC & ADC & PWM embedded
SM89T16R1 SYNCMOS-SM89T16R1_06 Datasheet
845Kb / 35P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & Two UART & RTC & ADC & PWM embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
SM894051 SYNCMOS-SM894051 Datasheet
493Kb / 15P
   8-Bits Micro-controller With 4KB Flash ROM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
SM79164 SYNCMOS-SM79164 Datasheet
453Kb / 25P
   8 - Bit Micro-controller with 64KB flash & 4KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com