Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM89S16R1 Datasheet(PDF) 20 Page - SyncMOS Technologies,Inc

Part # SM89S16R1
Description  8-Bits Micro-controller With 64KB Flash ROM & IKB RAM & RTC & ADC & PWM & PDWU embedded
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc

SM89S16R1 Datasheet(HTML) 20 Page - SyncMOS Technologies,Inc

Back Button SM89S16R1 Datasheet HTML 16Page - SyncMOS Technologies,Inc SM89S16R1 Datasheet HTML 17Page - SyncMOS Technologies,Inc SM89S16R1 Datasheet HTML 18Page - SyncMOS Technologies,Inc SM89S16R1 Datasheet HTML 19Page - SyncMOS Technologies,Inc SM89S16R1 Datasheet HTML 20Page - SyncMOS Technologies,Inc SM89S16R1 Datasheet HTML 21Page - SyncMOS Technologies,Inc SM89S16R1 Datasheet HTML 22Page - SyncMOS Technologies,Inc SM89S16R1 Datasheet HTML 23Page - SyncMOS Technologies,Inc SM89S16R1 Datasheet HTML 24Page - SyncMOS Technologies,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
SyncMOS Technologies Inc.
SM89S16R1
8-Bits Micro-controller
With 64KB Flash ROM & IKB RAM & RTC & ADC & PWM & PDWU embedded
Specifications subject to change without notice contact your sales representatives for the most recent information.
SM89S16R1 V1.0 JANUARY 2005
20
Internal Data memory
The data memory of SM89S16R1 consists of 1024 bytes internal data memory (256 bytes standard RAM and 768
bytes AUX-RAM). The AUX-RAM is enable by SCONF.1 ($BF.1), and read/write by MOVX
Analog to Digital Converter (ADC)
The ADC block diagram was shown as below:
Those are only 4 pins mirror to Port 2[7:4] at Vin<3:0>. The digital output DATA [11:4] were put into ADCD ($8FH).
And the ADC interrupt vector is 4BH.
The ADC SFR shown as below:
ADSCR ($8EH)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
Com
Con
ADCSS1
ADCSS0
CH1
CH0
COM: Read only. When conversion complete, it will be set.
CON: when set, the ADC will conversion continuous, else it will conversion only once.
ADCSS [1:0]: ADC clock select. (ADC_CLK range 500 KHz~2.5 MHz).If over frequency of ADC_CLK, the
conversion data may be unstable.
ADCSS1
ADCSS0
ADC_CLK
0
0
FOSC/8
0
1
FOSC/16
1
0
FOSC/32
1
1
FOSC/64
CH [1:0]: ADC channel select.
CH1
CH0
Input select
0
0
CH0
0
1
CH1
1
0
CH2
1
1
CH3
ADCD ($8FH)
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
AD.5
AD.4
AD.3
AD.2
AD.1
AD.0
*Read Only.
6-bit S A R A D C
VS S
VDD(= V re f)
A D C_ CL K
4
V A IN < 3 :0 > { P 2 .4 ~ P 2.7}
CH < 2 :0 > { A D S CR[3 :2 ]}
3
6
D A T A <5 :0 >
{ A D C D [7:2]}
A D C SS1 A D C SS 0 A D C _ C L K
0
0
F o sc /4
0
1
F o sc /8
1
0
F o sc /1 6
1
1
F o sc /3 2
A D C S S [1:0]= {A D S C R [5:4]}
C ontinuou s { A D S C R .6}
Co m p le te
{ A D S CR.7 }
Figure 16 ADC Block Diagram


Similar Part No. - SM89S16R1

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM89S16R1 SYNCMOS-SM89S16R1 Datasheet
695Kb / 29P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
SM89S16R1C25 SYNCMOS-SM89S16R1C25 Datasheet
695Kb / 29P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
SM89S16R1C40 SYNCMOS-SM89S16R1C40 Datasheet
695Kb / 29P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
SM89S16R1L25 SYNCMOS-SM89S16R1L25 Datasheet
695Kb / 29P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
SM89S16R1 SYNCMOS-SM89S16R1_06 Datasheet
695Kb / 29P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
More results

Similar Description - SM89S16R1

ManufacturerPart #DatasheetDescription
logo
SyncMOS Technologies,In...
SM89S16R1 SYNCMOS-SM89S16R1_06 Datasheet
695Kb / 29P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & RTC & ADC & PWM & PDWU embedded
SM89T16R1 SYNCMOS-SM89T16R1 Datasheet
522Kb / 34P
   8-Bits Micro-controller With 64KB Flash ROM & IKB RAM & Two UART & RTC & ADC & PWM embedded
SM89T16R1 SYNCMOS-SM89T16R1_06 Datasheet
845Kb / 35P
   8-Bits Micro-controller With 64KB Flash ROM & 1KB RAM & Two UART & RTC & ADC & PWM embedded
SM89516A SYNCMOS-SM89516A_06 Datasheet
873Kb / 22P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM89516 SYNCMOS-SM89516 Datasheet
735Kb / 19P
   8-Bits Micro-controller With 64KB flash & 1KB RAM embedded
SM5964 SYNCMOS-SM5964_06 Datasheet
886Kb / 26P
   8-Bits Micro-controller 64KB ISP flash & 1KB RAM embedded
SM894051 SYNCMOS-SM894051 Datasheet
493Kb / 15P
   8-Bits Micro-controller With 4KB Flash ROM embedded
SM89516L SYNCMOS-SM89516L Datasheet
436Kb / 19P
   8 - Bit Micro-controller with 64KB flash & 1KB RAM embedded
SM5964A SYNCMOS-SM5964A Datasheet
885Kb / 30P
   8-Bit Micro-controller With 64KB ISP Flash & TWSI & PWM & 1KB RAM embedded
SM79164 SYNCMOS-SM79164 Datasheet
453Kb / 25P
   8 - Bit Micro-controller with 64KB flash & 4KB RAM embedded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com