Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M5M51016BTP-12VL-I Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part No. M5M51016BTP-12VL-I
Description  1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

M5M51016BTP-12VL-I Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MITSUBISHI LSIs
1048576-BIT(65536-WORD BY 16-BIT)CMOS STATIC RAM
MITSUBISHI
ELECTRIC
9 Jul ,1997
M5M51016BTP,RT-12VL-I,
-12VLL-I
(2) READ CYCLE
(3) WRITE CYCLE
Symbol
Parameter
tCR
Read cycle time
Address access time
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
tCW
tw(W)
tsu(A)
ten(OE)
tsu(BC1)
tsu(BC2 )
tsu(CS)
tsu(D)
th(D)
trec(W)
tdis(W)
tdis(OE)
ten(W)
Symbol
Parameter
Write cycle time
Write pulse width
Unit
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Max
Typ
Min
Max
Typ
Min
Limits
ta(BC1)
ta(BC2)
ta(CS)
ta(OE)
tdis(BC1)
tdis(BC2)
tdis(CS)
tdis(OE)
ten(BC1)
ten(BC2)
ta(A)
Limits
ten(CS)
ten(OE)
ns
ns
tsu(A-WH)
ns
tv(A)
120
Address set up time
0
Address set up time with respect to W
100
85
Data set up time
45
Data hold time
0
Byte control 1 setup time
100
Chip select set up time
100
5
Byte control 2 setup time
100
Write recovery time
0
Output enable time from W high
5
Output enable time from OE low
Output disable time from W low
Output disable time from OE high
Output enable access time
Output disable time after CS low
120
Byte control 1 access time
Chip select access time
Output enable time after CS high
Data valid time after address
Byte control 2 access time
Output disable time after BC1 high
Output disable time after BC2 high
Output disable time after OE high
Output enable time after BC1 low
Output enable time after BC2 low
Output enable time after OE low
60
40
120
120
120
10
10
120
40
40
40
10
10
5
40
40
AC ELECTRICAL CHARACTERISTICS (Ta = - 40 ~ 85
, VCC = 2.7V~ 3.6V, unless otherwise noted )
(1) MEASUREMENT CONDITIONS
Input pulse level
Input rise and fall time
Reference level
Transition is measured
500mV from steady
state voltage. ( for ten, tdis )
Output loads
Fig.1 Output load
CL ( Including scope
and JIG )
DQ
VIH = 2.2V, VIL = 0.4V
5ns
VOH = 1.5V, VOL = 1.5V
Fig.1,CL = 30pF
CL = 5pF ( for ten, tdis )
......................
..............
........................
............................
ns
M5M51016B
-12VL,-12VLL
M5M51016B
-12VL,-12VLL
4
1TTL
C
o
+
_


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn