Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FB1004 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FB1004
Description  10 Amp. Glass Passivated Bridge Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FB1004 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FB1004 Datasheet HTML 1Page - List of Unclassifed Manufacturers FB1004 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
Max. forward voltage drop per element at I
F = 5 A
Max. reverse current per element at V
RRM d.c.
Typical thermal resistance junction to case
Isolation voltage from case to leads
50 A
200 A
200 A2sec
– 55 to + 150 °C
– 55 to + 150 °C
FB1000
FB1000L
50
20
FB1000........ FB1010
FB1000L ....... FB1010L
• Glass Passivated Junction
• UL recognized under component
index file number E130180
• Terminals: FASTON
• Terminals: WIRE LEADS
Lead and polarity identifications
High surge current capability
Dimensions in mm.
Maximum Ratings, according to IEC publication No. 134
Peak Recurrent ReverseVoltage (V)
Recommended Input Voltage (V)
Max. forward current R-load: At T case = 55
oC
Max. forward current R-load: At T case = 90
oC
With Al Square Chassis (200 cm2 x 3 mm.)
Tamb = 45
oC
Recurrent peak forward current
10 ms. peak forward current
I2t value for fusing (t = 10 ms)
Operating temperature range
Storage temperature range
V
RRM
V
R
I
F(AV)
10 A
7.5 A
5 A
I
FRM
I
FSM
I2t
T
j
T
stg
Electrical Characteristics at Tamb = 25 °C
V
F
I
R
R
thj-c
1.1 V
5 µ A
2 oC/W
2500 Vac
FB1001
FB1001L
100
40
FB1002
FB1002L
200
80
FB1004
FB1004L
400
125
FB1006
FB1006L
600
250
FB1008
FB1008L
800
380
FB1010
FB1010L
1000
500
10 Amp. Glass Passivated Bridge Rectifier
Voltage
50 to 1000 V
Current
10 A
Metal heat sink
Ø 1 ± 0.05
Epoxy case
18.1 ± 0.5
11.4 ± 0.5
Metal heat sink
0.8 ± 0.05
6.35 ± 0.05
Ø 2.5
Ø 5.21 + 0.1
– 0
Epoxy case
18.1
16.6
• Max. Mounting Torque: 25 Kg x cm
Jan - 00
35
Maximum RMS Voltage (V)
V
RMS
70
140
280
420
560
700


Similar Part No. - FB1004

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FB100505 FRONTIER-FB100505 Datasheet
126Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
FB100505G100 FRONTIER-FB100505G100 Datasheet
126Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
FB100505G102 FRONTIER-FB100505G102 Datasheet
126Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
FB100505G121 FRONTIER-FB100505G121 Datasheet
126Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
FB100505G152 FRONTIER-FB100505G152 Datasheet
126Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
More results

Similar Description - FB1004

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B40C1500R ETC1-B40C1500R Datasheet
20Kb / 2P
   1.5 Amp. Glass Passivated Bridge Rectifier
TL400G ETC2-TL400G Datasheet
127Kb / 4P
   4 AMP Glass Passivated Bridge Rectifier
FBI6A5M1 ETC1-FBI6A5M1 Datasheet
35Kb / 2P
   6 Amp. Glass Passivated Bridge Rectifier
FBI4A5M1 ETC1-FBI4A5M1 Datasheet
32Kb / 2P
   4 Amp. Glass Passivated Bridge Rectifier
FBI8A5M1 ETC1-FBI8A5M1 Datasheet
35Kb / 2P
   8 Amp. Glass Passivated Bridge Rectifier
FBI4A7M1 ETC1-FBI4A7M1 Datasheet
32Kb / 2P
   4 Amp. Glass Passivated Bridge Rectifier
FBI6A1M1 ETC-FBI6A1M1 Datasheet
37Kb / 2P
   6 Amp. Glass Passivated Bridge Rectifier
FB5000 ETC1-FB5000 Datasheet
27Kb / 2P
   50 Amp. Glass Passivated Bridge Rectifier
FB3500 ETC1-FB3500 Datasheet
35Kb / 2P
   35 Amp. Glass Passivated Bridge Rectifier
FB2506 ETC1-FB2506 Datasheet
188Kb / 2P
   25 Amp. Glass Passivated Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com