Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-9089903MYX Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 5962-9089903MYX
Description  MICROCIRCUIT, MEMORY, DIGITAA, CMOS, 128K X 8 BIT FLASH EEPROM, MONOLITHIC SILICON
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

5962-9089903MYX Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 5962-9089903MYX Datasheet HTML 6Page - List of Unclassifed Manufacturers 5962-9089903MYX Datasheet HTML 7Page - List of Unclassifed Manufacturers 5962-9089903MYX Datasheet HTML 8Page - List of Unclassifed Manufacturers 5962-9089903MYX Datasheet HTML 9Page - List of Unclassifed Manufacturers 5962-9089903MYX Datasheet HTML 10Page - List of Unclassifed Manufacturers 5962-9089903MYX Datasheet HTML 11Page - List of Unclassifed Manufacturers 5962-9089903MYX Datasheet HTML 12Page - List of Unclassifed Manufacturers 5962-9089903MYX Datasheet HTML 13Page - List of Unclassifed Manufacturers 5962-9089903MYX Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
STANDARD
MICROCIRCUIT DRAWING
DEFENSE SUPPLY CENTER COLUMBUS
COLUMBUS, OHIO 43216-5000
SIZE
A
5962-90899
REVISION LEVEL
C
SHEET
10
DSCC FORM 2234
APR 97
3.9 Verification and review for device class M. For device class M, DSCC, DSCC's agent, and the acquiring activity retain
the option to review the manufacturer's facility and applicable required documentation. Offshore documentation shall be made
available onshore at the option of the reviewer.
3.10 Microcircuit group assignment for device class M. Device class M devices covered by this drawing shall be in
microcircuit group number 41 (see MIL-PRF-38535, appendix A).
3.11 Processing of EEPROMs. All testing requirements and quality assurance provisions herein shall be satisfied by the
manufacturer prior to delivery.
3.11.1 Conditions of the supplied devices. Devices will be supplied in an unprogrammed or clear state. No provision will
be made for supplying programmed devices.
3.11.2 Erasure of EEPROMs. When specified, devices shall be erased in accordance with procedures and
characteristics specified in 4.5.1.
3.11.3 Programming of EEPROMs. When specified, devices shall be programmed in accordance with procedures and
characteristics specified in 4.5.2.
3.11.4 Verification of state of EEPROMs. When specified, devices shall be verified as either written to the specified
pattern or cleared. As a minimum, verification shall consist of performing a read of the entire array to verify that all bits are in
the proper state. Any bit that does not verify to be in the proper state shall constitute a device failure and the device shall be
removed from the lot or sample.
3.12 Endurance. A reprogrammability test shall be completed as part of the vendor's reliability monitors. This
reprogrammability test shall be done for initial characterization and after any design or process changes which may affect the
reprogrammability of the device. The methods and procedures may be vendor specific, but shall guarantee the number of
program/erase endurance cycles listed in section 1.3 herein over the full military temperature range. The vendor's procedure
shall be kept under document control and shall be made available upon request of the acquiring or preparing activity, along
with test data.
3.13 Data retention. A data retention stress test shall be completed as part of the vendor's reliability monitors. This test
shall be done for initial characterization and after any design or process change which may affect data retention. The
methods and procedures may be vendor specific, but shall guarantee the number of years listed in section 1.3 herein over
the full military temperature range. The vendor's procedure shall be kept under document control and shall be made
available upon request of the acquiring or preparing activity, along with test data.


Similar Part No. - 5962-9089903MYX

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5962-9089401MEA AD-5962-9089401MEA Datasheet
447Kb / 14P
   Software Programmable Gain Amplifier
REV. D
5962-9089401MEA AD-5962-9089401MEA Datasheet
447Kb / 14P
   Software Programmable Gain Amplifier
REV. D
5962-9089401MEA AD-5962-9089401MEA Datasheet
560Kb / 15P
   Software Programmable Gain Amplifier
5962-9089401MEA AD-5962-9089401MEA Datasheet
498Kb / 15P
   Software Programmable Gain Amplifier
logo
Texas Instruments
5962-9089501M2A TI-5962-9089501M2A Datasheet
869Kb / 39P
[Old version datasheet]   Advanced LinCMOS PRECISION CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
More results

Similar Description - 5962-9089903MYX

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29F001T MCNIX-MX29F001T Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
List of Unclassifed Man...
MX28F1000P ETC-MX28F1000P Datasheet
213Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Macronix International
MX28F1000P MCNIX-MX28F1000P Datasheet
127Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Winbond
W29EE012 WINBOND-W29EE012 Datasheet
242Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29EE011 WINBOND-W29EE011 Datasheet
183Kb / 20P
   128K X 8 CMOS FLASH MEMORY
W29C011A WINBOND-W29C011A Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W39L010 WINBOND-W39L010 Datasheet
780Kb / 27P
   128K X 8 CMOS FLASH MEMORY
logo
Alliance Semiconductor ...
AS29F010 ALSC-AS29F010 Datasheet
175Kb / 10P
   5V 128K x 8 CMOS FLASH EEPROM
logo
Intel Corporation
A28F010 INTEL-A28F010 Datasheet
300Kb / 23P
   1024K (128K x 8) CMOS FLASH MEMORY
M28F010 INTEL-M28F010 Datasheet
317Kb / 22P
   1024K (128K x 8) CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com