Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C009V Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C009V
Description  3.3V 64K/128K x 8/9 Dual-Port Static RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C009V Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C009V Datasheet HTML 1Page - Cypress Semiconductor CY7C009V Datasheet HTML 2Page - Cypress Semiconductor CY7C009V Datasheet HTML 3Page - Cypress Semiconductor CY7C009V Datasheet HTML 4Page - Cypress Semiconductor CY7C009V Datasheet HTML 5Page - Cypress Semiconductor CY7C009V Datasheet HTML 6Page - Cypress Semiconductor CY7C009V Datasheet HTML 7Page - Cypress Semiconductor CY7C009V Datasheet HTML 8Page - Cypress Semiconductor CY7C009V Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
CY7C008V/009V
CY7C018V/019V
Document #: 38-06044 Rev. *B
Page 5 of 18
Notes:
8.
fMAX=1/tRC=All inputs cycling at f=1/tRC (except output enable). f=0 means no address or control lines change. This applies only to inputs at CMOS level standby
ISB3.
9.
Tested initially and after any design or process changes that may affect these parameters.
Electrical Characteristics Over the Operating Range
Parameter
Description
CY7C008V/009V
CY7C018V/019V
Unit
-15
-20
-25
Min.
Typ
.
Max. Min. Typ. Max. Min. Typ. Max.
VOH
Output HIGH Voltage (VCC = Min., IOH = –4.0 mA) 2.4
2.4
2.4
V
VOL
Output LOW Voltage (VCC = Min., IOH = +4.0 mA)
0.4
0.4
0.4
V
VIH
Input HIGH Voltage
2.2
2.2
2.2
V
VIL
Input LOW Voltage
0.8
0.8
0.8
V
IIX
Input Leakage Current
–55
–55
–55
µA
IOZ
Output Leakage Current
–10
10
–10
10
–10
10
µA
ICC
Operating Current (VCC=Max.
IOUT = 0 mA) Outputs Disabled
Com’l.
125
185
120
175
115
165
mA
Ind.[7]
140
195
mA
ISB1
Standby Current (Both Ports TTL Level)
CEL & CER ≥ VIH, f = fMAX
Com’l.
35
50
35
45
30
40
mA
Ind.[7]
45
55
mA
ISB2
Standby Current (One Port TTL Level)
CEL | CER ≥ VIH, f = fMAX
Com’l.
80
120
75
110
65
95
mA
Ind.[7]
85
120
mA
ISB3
Standby Current (Both Ports CMOS Lev-
el) CEL & CER ≥ VCC − 0.2V, f = 0
Com’l.
10
250
10
250
10
250
µA
Ind.[7]
10
250
µA
ISB4
Standby Current (One Port CMOS Lev-
el) CEL | CER ≥ VIH, f = fMAX
[8]
Com’l.
75
105
70
95
60
80
mA
Ind.[7]
80
105
mA
Capacitance[9]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 3.3V
10
pF
COUT
Output Capacitance
10
pF
AC Test Loads and Waveforms
3.0V
GND
90%
90%
10%
3ns
3 ns
10%
ALL INPUT PULSES
(a) Normal Load (Load 1)
R1 = 590
3.3V
OUTPUT
R2 = 435
C= 30 pF
VTH =1.4V
OUTPUT
C= 30pF
(b) Thévenin Equivalent (Load 1)
(c) Three-State Delay (Load 2)
R1 = 590
R2 = 435
3.3V
OUTPUT
C= 5pF
RTH = 250Ω
including scope and jig)
(Used for tLZ, tHZ, tHZWE, & tLZWE


Similar Part No. - CY7C009V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C009V-15AC CYPRESS-CY7C009V-15AC Datasheet
451Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
CY7C009V-15AXC CYPRESS-CY7C009V-15AXC Datasheet
451Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
CY7C009V-15AXC CYPRESS-CY7C009V-15AXC Datasheet
649Kb / 23P
   3.3 V 4 K / 8 K / 16 16 Dual-Port Static RAM
CY7C009V-20AC CYPRESS-CY7C009V-20AC Datasheet
451Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
CY7C009V-20AI CYPRESS-CY7C009V-20AI Datasheet
451Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
More results

Similar Description - CY7C009V

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C008V CYPRESS-CY7C008V_05 Datasheet
451Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
CY7C008 CYPRESS-CY7C008 Datasheet
537Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
CY7C008 CYPRESS-CY7C008_05 Datasheet
451Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
CY7C09079V CYPRESS-CY7C09079V_05 Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09079V CYPRESS-CY7C09079V Datasheet
333Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C09089 CYPRESS-CY7C09089 Datasheet
347Kb / 19P
   64K/128K x 8/9 Synchronous Dual-Port Static RAM
logo
Integrated Device Techn...
IDT7M1001 IDT-IDT7M1001 Datasheet
171Kb / 11P
   128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
logo
Renesas Technology Corp
70V18 RENESAS-70V18 Datasheet
342Kb / 19P
   HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
DECEMBER 2017
logo
Integrated Device Techn...
IDT70V18L IDT-IDT70V18L_15 Datasheet
641Kb / 18P
   HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
IDT70V18L IDT-IDT70V18L Datasheet
146Kb / 17P
   HIGH-SPEED 3.3V 64K x 9 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com