Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F29C51001T Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # F29C51001T
Description  1MEGABIT(131,072 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

F29C51001T Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button F29C51001T Datasheet HTML 5Page - List of Unclassifed Manufacturers F29C51001T Datasheet HTML 6Page - List of Unclassifed Manufacturers F29C51001T Datasheet HTML 7Page - List of Unclassifed Manufacturers F29C51001T Datasheet HTML 8Page - List of Unclassifed Manufacturers F29C51001T Datasheet HTML 9Page - List of Unclassifed Manufacturers F29C51001T Datasheet HTML 10Page - List of Unclassifed Manufacturers F29C51001T Datasheet HTML 11Page - List of Unclassifed Manufacturers F29C51001T Datasheet HTML 12Page - List of Unclassifed Manufacturers F29C51001T Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
F29C51001T/F29C51001B V1.0 May 1999
SyncMOS
F29C51001T/F29C51001B
Functional Description
The F29C51001T/F29C51001B consists of 256
equally-sized sectors of 512 bytes each. The 8 KB
lockable Boot Block is intended for storage of the
system BIOS boot code. The boot code is the first
piece of code executed each time the system is
powered on or rebooted.
The F29C51001 is available in two versions: the
F29C51001T with the Boot Block address starting
from 1E000H to 1FFFFH, and the F29C51001B
with the Boot Block address starting from 00000H
to 1FFFFH.
Read Cycle
A read cycle is performed by holding both CE
and OE signals LOW. Data Out becomes valid only
when these conditions are met. During a read cycle
WE must be HIGH prior to CE and OE going LOW.
WE must remain HIGH during the read operation
for the read to complete (see Table 1).
Output Disable
Returning OE or CE HIGH, whichever occurs first
will terminate the read operation and place the l/O
pins in the HIGH-Z state.
Standby
The device will enter standby mode when the CE
signal is HIGH. The l/O pins are placed in the
HIGH-Z, independent of the OE signal.
Byte Program Cycle
The F29C51001T/F29C51001B is programmed
on a byte-by-byte basis. The byte program
operation is initiated by using a specific four-bus-
cycle sequence: two unlock program cycles, a
program setup command and program data
program cycles (see Table 2).
During the byte program cycle, addresses are
latched on the falling edge of either CE or WE,
whichever is last. Data is latched on the rising edge
of CE or WE, whichever is first. The byte program
cycle can be CE controlled or WE controlled.
Sector Erase Cycle
The F29C51001T/F29C51001B features a
sector erase operation which allows each sector to
be erased and reprogrammed without affecting
data stored in other sectors. Sector erase operation
is initiated by using a specific six-bus-cycle
sequence: Two unlock program cycles, a setup
command, two additional unlock program cycles,
and the sector erase command (see Table 2). A
sector must be first erased before it can be
reprogrammed. While in the internal erase mode,
the device ignores any program attempt into the
device. The internal erase completion can be
determined via DATA polling or toggle bit.
The F29C51001T/F29C51001B is shipped with
pre-erased sectors (all bits = 1).
8KB Boot Block
512
512
512
512
512
512
512
512
8KB Boot Block
F29C51001T
F29C51001B
1FFFFH
1E000H
00000H
01FFFH
51001-13
00000H
8KB Boot Block = 16 Sectors
Table 1. Operation Modes Decoding
Decoding Mode
CE
OE
WE
A0
A1
A9
I/O
Read
VIL
VIL
VIH
A0
A1
A9
READ
Byte Write
VIL
VIH
VIL
A0
A1
A9
PD
Standby
VIH
X
X
X
X
X
HIGH-Z
Autoselect Device ID
VIL
VIL
VIH
VIH
VIL
VH
CODE
Autoselect Manufacture ID
VIL
VIL
VIH
VIL
VIL
VH
CODE
Enabling Boot Block Protection Lock
VIL
VH
VIL
X
X
VH
X


Similar Part No. - F29C51001T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F29C51004 ETC1-F29C51004 Datasheet
100Kb / 16P
   The F29C51004T/F29C51004B is a high speed 524,288 x 8 bit CMOS flash memory
F29C51004T ETC1-F29C51004T Datasheet
100Kb / 16P
   The F29C51004T/F29C51004B is a high speed 524,288 x 8 bit CMOS flash memory
F29C51004T12J ETC1-F29C51004T12J Datasheet
100Kb / 16P
   The F29C51004T/F29C51004B is a high speed 524,288 x 8 bit CMOS flash memory
F29C51004T12JI ETC1-F29C51004T12JI Datasheet
100Kb / 16P
   The F29C51004T/F29C51004B is a high speed 524,288 x 8 bit CMOS flash memory
F29C51004T12P ETC1-F29C51004T12P Datasheet
100Kb / 16P
   The F29C51004T/F29C51004B is a high speed 524,288 x 8 bit CMOS flash memory
More results

Similar Description - F29C51001T

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V29C51001T MOSEL-V29C51001T Datasheet
74Kb / 16P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29LC51001 MOSEL-V29LC51001 Datasheet
52Kb / 12P
   1 MEGABIT 131,072 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
List of Unclassifed Man...
S29C51001T ETC1-S29C51001T Datasheet
7Mb / 16P
   1 MEGABIT (131,072 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
logo
Integrated Silicon Solu...
IS28F010 ISSI-IS28F010 Datasheet
695Kb / 18P
   131,072 x 8 CMOS FLASH MEMORY
logo
Mosel Vitelic, Corp
V29C51000T MOSEL-V29C51000T Datasheet
75Kb / 16P
   512K BIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51002T MOSEL-V29C51002T Datasheet
74Kb / 16P
   2 MEGABIT 262,144 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29LC51002 MOSEL-V29LC51002 Datasheet
52Kb / 12P
   2 MEGABIT 262,144 x 8 BIT 5 VOLT CMOS FLASH MEMORY
V29C51004T MOSEL-V29C51004T Datasheet
67Kb / 15P
   4 MEGABIT 524,288 x 8 BIT 5 VOLT CMOS FLASH MEMORY
logo
List of Unclassifed Man...
S29C51004B ETC1-S29C51004B Datasheet
3Mb / 16P
   4 MEGABIT (524,288 x 8 BIT) 5 VOLT CMOS FLASH MEMORY
logo
Mosel Vitelic, Corp
V29LC51000 MOSEL-V29LC51000 Datasheet
52Kb / 12P
   512 KILOBIT 65,536 x 8 BIT 5 VOLT CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com