Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LF441C Datasheet(PDF) 1 Page - ON Semiconductor

Part No. LF441C
Description  LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LF441C Datasheet(HTML) 1 Page - ON Semiconductor

  LF441C Datasheet HTML 1Page - ON Semiconductor LF441C Datasheet HTML 2Page - ON Semiconductor LF441C Datasheet HTML 3Page - ON Semiconductor LF441C Datasheet HTML 4Page - ON Semiconductor LF441C Datasheet HTML 5Page - ON Semiconductor LF441C Datasheet HTML 6Page - ON Semiconductor LF441C Datasheet HTML 7Page - ON Semiconductor LF441C Datasheet HTML 8Page - ON Semiconductor LF441C Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LF441C
LF442C
LF444C
SEMICONDUCTOR
TECHNICAL DATA
LOW POWER
JFET INPUT
OPERATIONAL AMPLIFIERS
Order this document by LF441C/D
1
+
D SUFFIX
PLASTIC PACKAGE
CASE 751
(SO–8)
N SUFFIX
PLASTIC PACKAGE
CASE 626
Offset Null
Inputs
VEE
(Single, Top View)
NC
VCC
Output
Offset Null
Output 1
Inputs 1
VEE
(Dual, Top View)
Inputs 2
Output 2
VCC
1
2
3
4
8
7
6
5
+
+
2
1
2
3
4
8
7
6
5
8
1
8
1
PIN CONNECTIONS
D SUFFIX
PLASTIC PACKAGE
CASE 751A
(SO–14)
N SUFFIX
PLASTIC PACKAGE
CASE 646
Output 1
Inputs 1
VCC
Inputs 2
Output 2
Output 4
Inputs 4
VEE
Inputs 3
Output 3
(Quad, Top View)
1
2
3
4
5
6
78
9
10
11
12
13
14
4
23
++
++
1
14
1
14
1
––
––
PIN CONNECTIONS
1
MOTOROLA ANALOG IC DEVICE DATA
Low Power JFET Input
Operational Amplifiers
These JFET input operational amplifiers are designed for low power
applications. They feature high input impedance, low input bias current and
low input offset current. Advanced design techniques allow for higher slew
rates, gain bandwidth products and output swing. The LF441C device
provides for the external null adjustment of input offset voltage.
These devices are specified over the commercial temperature range. All
are available in plastic dual in–line and SOIC packages.
Low Supply Current: 200 µA/Amplifier
Low Input Bias Current: 5.0 pA
High Gain Bandwidth: 2.0 MHz
High Slew Rate: 6.0 V/µs
High Input Impedance: 1012 Ω
Large Output Voltage Swing: ±14 V
Output Short Circuit Protection
Representative Schematic Diagram
(Each Amplifier)
1
5
VEE
LF441C input offset voltage
null adjust circuit
100 k
1.5 k
15
*
*
Inputs
J1
J2
R1
R2
R3
R4
Q1
Q2
Q3
Q4
Q5
R5
C1
C2
Q6
D1
Q7
D2
VEE
Output
VCC
*Null adjustment pins for LF441 only.
+
+
ORDERING INFORMATION
Device
Function
Operating
Temperature Range
Package
LF441CD
LF441CN
Single
T0
°
70
°C
SO–8
Plastic DIP
LF442CD
LF442CN
Dual
TA = 0° to +70°C
SO–8
Plastic DIP
LF444CD
LF444CN
Quad
SO–14
Plastic DIP
© Motorola, Inc. 1996
Rev 0


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn