Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LF441C Datasheet(PDF) 6 Page - ON Semiconductor

Part No. LF441C
Description  LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

LF441C Datasheet(HTML) 6 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LF441C LF442C LF444C
6
MOTOROLA ANALOG IC DEVICE DATA
–PSR
Figure 17. Common Mode Rejection
versus Frequency
Figure 18. Power Supply Rejection
versus Frequency
f, FREQUENCY (Hz)
f, FREQUENCY (Hz)
140
120
100
80
60
40
20
0
100
1.0 k
10 k
100 k
1.0 M
140
120
100
80
60
40
20
0
100
1.0 k
10 k
100 k
1.0 M
+
∆VCM
∆VO
CMR = 20 Log
∆VCM
∆VO
x ADM
()
ADM
∆VCC
∆VO
∆VEE
+PSR
(
∆VCC = ±1.5 V)
(
∆VEE=±1.5 V)
+
ADM
∆VCC
+PSR = 20 Log
∆VO /ADM
∆VEE
–PSR = 20 Log
∆VO /ADM
)
)
(
(
10 mV
Figure 19. Input Noise Voltage versus Frequency
Figure 20. Open Loop Voltage
Gain versus Supply Voltage
Figure 21. Output Impedance versus Frequency
Figure 22. Inverter Settling Time
f, FREQUENCY (Hz)
f, FREQUENCY (Hz)
VCC,  VEE , SUPPLY VOLTAGE (V)
ts, SETTLING TIME (µs)
70
60
50
40
30
20
10
0
10
100
1.0 k
10 k
100 k
1.0 M
100 k
10 k
0
5.0
10
15
20
25
350
300
250
200
150
100
50
0
100
1.0k
10k
100k
1.0M
10
5.0
0
–5.0
–10
0.1
1.0
10
RL = 10 kΩ
125
°C
–55
°C
10 mV
1.0 mV
1.0 mV
VCC = +15 V
VEE = –15 V
VCM = 0 V
∆VCM = ±1.5 V
TA = 25°C
VCC = +15 V
VEE = –15 V
TA = 25°C
VCC = +15 V
VEE = –15 V
VCM = 0 V
TA = 25°C
25
°C
VCC = +15 V
VEE = –15 V
TA = 25°C
VCC = +15 V
VEE = –15 V
TA = 25°C
AV = 100
AV = 10
AV = 1.0


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn