Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

J310 Datasheet(PDF) 2 Page - ON Semiconductor

Part # J310
Description  JFET VHF/UHF Amplifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

J310 Datasheet(HTML) 2 Page - ON Semiconductor

  J310 Datasheet HTML 1Page - ON Semiconductor J310 Datasheet HTML 2Page - ON Semiconductor J310 Datasheet HTML 3Page - ON Semiconductor J310 Datasheet HTML 4Page - ON Semiconductor J310 Datasheet HTML 5Page - ON Semiconductor J310 Datasheet HTML 6Page - ON Semiconductor J310 Datasheet HTML 7Page - ON Semiconductor J310 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
J308 J309 J310
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
SMALL– SIGNAL CHARACTERISTICS (continued)
Common–Source Forward Transconductance
(VDS = 10 Vdc, ID = 10 mAdc, f = 100 MHz)
Re(yfs)
12
mmhos
Common–Gate Input Conductance
(VDS = 10 Vdc, ID = 10 mAdc, f = 100 MHz)
Re(yig)
12
mmhos
Common–Source Forward Transconductance
(VDS = 10 Vdc, ID = 10 mAdc, f = 1.0 kHz)
J308
J309
J310
gfs
8000
10000
8000
20000
20000
18000
µmhos
Common–Source Output Conductance
(VDS = 10 Vdc, ID = 10 mAdc, f = 1.0 kHz)
gos
250
µmhos
Common–Gate Forward Transconductance
(VDS = 10 Vdc, ID = 10 mAdc, f = 1.0 kHz)
J308
J309
J310
gfg
13000
13000
12000
µmhos
Common–Gate Output Conductance
(VDS = 10 Vdc, ID = 10 mAdc, f = 1.0 kHz)
J308
J309
J310
gog
150
100
150
µmhos
Gate–Drain Capacitance
(VDS = 0, VGS = –10 Vdc, f = 1.0 MHz)
Cgd
1.8
2.5
pF
Gate–Source Capacitance
(VDS = 0, VGS = –10 Vdc, f = 1.0 MHz)
Cgs
4.3
5.0
pF
FUNCTIONAL CHARACTERISTICS
Noise Figure
(VDS = 10 Vdc, ID = 10 mAdc, f = 450 MHz)
NF
1.5
dB
Equivalent Short–Circuit Input Noise Voltage
(VDS = 10 Vdc, ID = 10 mAdc, f = 100 Hz)
en
10
nV
Hz


Similar Part No. - J310

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
J310 FAIRCHILD-J310 Datasheet
196Kb / 2P
   SFET RF,VHF, UHF, Amplitiers
logo
Vishay Siliconix
J310 VISHAY-J310 Datasheet
102Kb / 8P
   N-Channel JFETs
Rev. H, 24-Jan-05
logo
Fairchild Semiconductor
J310 FAIRCHILD-J310 Datasheet
561Kb / 13P
   N-Channel RF Amplifier
logo
New Jersey Semi-Conduct...
J310 NJSEMI-J310 Datasheet
144Kb / 3P
   N-Channel JFETs
logo
Calogic, LLC
J310 CALOGIC-J310 Datasheet
26Kb / 2P
   N-Channel JFET High Frequency Amplifier
More results

Similar Description - J310

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5484 ONSEMI-2N5484 Datasheet
278Kb / 8P
   JFET VHF/UHF Amplifiers
1997
J308 ONSEMI-J308_06 Datasheet
190Kb / 6P
   JFET VHF/UHF Amplifiers
August, 2006 ??Rev. 2
2N5486 ONSEMI-2N5486 Datasheet
174Kb / 8P
   JFET VHF/UHF Amplifiers
May, 2001 ??Rev. 0
J309 ONSEMI-J309_12 Datasheet
72Kb / 5P
   JFET VHF/UHF Amplifiers N.Channel . Depletion
March, 2006 ??Rev. 1
BF245A ONSEMI-BF245A Datasheet
172Kb / 8P
   JFET VHF/UHF Amplifiers N-Channel - Depletion
June, 2001 ??Rev. 0
J309 ONSEMI-J309 Datasheet
66Kb / 5P
   JFET VHF/UHF Amplifiers N-Channel - Depletion
March, 2006 ??Rev. 1
logo
New Jersey Semi-Conduct...
2N5487 NJSEMI-2N5487 Datasheet
76Kb / 2P
   JFET VHF/UHF Amplifiers N-Channel ??Depletion
logo
ON Semiconductor
2N5486 ONSEMI-2N5486_06 Datasheet
146Kb / 6P
   JFET VHF/UHF Amplifiers N?묬hannel - Depletion
October, 2006 ??Rev. 2
2N3819G ONSEMI-2N3819G Datasheet
175Kb / 8P
   JFET VHF/UHF Amplifier
March, 2002 ??Rev. 0
logo
New Jersey Semi-Conduct...
2N4416A NJSEMI-2N4416A Datasheet
190Kb / 2P
   JFET VHF/UHF AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com