Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC143T Datasheet(PDF) 6 Page - ON Semiconductor

Part # DTC143T
Description  NPN SILICON BIAS RESISTOR TRANSISTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTC143T Datasheet(HTML) 6 Page - ON Semiconductor

Back Button DTC143T Datasheet HTML 2Page - ON Semiconductor DTC143T Datasheet HTML 3Page - ON Semiconductor DTC143T Datasheet HTML 4Page - ON Semiconductor DTC143T Datasheet HTML 5Page - ON Semiconductor DTC143T Datasheet HTML 6Page - ON Semiconductor DTC143T Datasheet HTML 7Page - ON Semiconductor DTC143T Datasheet HTML 8Page - ON Semiconductor DTC143T Datasheet HTML 9Page - ON Semiconductor DTC143T Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
DTC114E SERIES
http://onsemi.com
6
TYPICAL ELECTRICAL CHARACTERISTICS
DTC144E
Figure 12. VCE(sat) versus IC
02
4
6
8
10
100
10
1
0.1
0.01
0.001
Vin, INPUT VOLTAGE (VOLTS)
TA = –25°C
75
°C
25
°C
Figure 13. DC Current Gain
Figure 14. Output Capacitance
100
10
1
0.1
010
20
30
40
50
IC, COLLECTOR CURRENT (mA)
Figure 15. Output Current versus Input Voltage
1000
10
IC, COLLECTOR CURRENT (mA)
TA =75°C
25
°C
–25
°C
100
10
1
100
Figure 16. Input Voltage versus Output Current
0
204060
80
10
1
0.1
0.01
IC, COLLECTOR CURRENT (mA)
TA = –25°C
25
°C
75
°C
TA = –25°C
25
°C
75
°C
50
010
20
30
40
1
0.8
0.6
0.4
0.2
0
VR, REVERSE BIAS VOLTAGE (VOLTS)
f = 1 MHz
lE = 0 V
TA = 25°C
VO = 5 V
VCE = 10 V
IC/IB = 10
VO = 0.2 V


Similar Part No. - DTC143T

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC143T ROHM-DTC143T Datasheet
704Kb / 9P
   DIGITAL TRANSISTOR
DTC143T ROHM-DTC143T Datasheet
878Kb / 3P
   DTA/DTC SERIES
logo
Unisonic Technologies
DTC143T UTC-DTC143T Datasheet
93Kb / 3P
   NPN DIGITAL TRANSISTOR (BUILT- IN BIAS RESISTORS)
DTC143T UTC-DTC143T Datasheet
185Kb / 3P
   NPN DIGITAL TRANSISTOR BUILT- IN BIAS RESISTORS)
DTC143T UTC-DTC143T Datasheet
151Kb / 3P
   NPN DIGITAL TRANSISTOR
More results

Similar Description - DTC143T

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
DTC114EE WEITRON-DTC114EE_08 Datasheet
438Kb / 13P
   Bias Resistor Transistor NPN Silicon
DTC114EM WEITRON-DTC114EM Datasheet
292Kb / 10P
   Bias Resistor Transistor NPN Silicon
logo
Guangdong Kexin Industr...
KMUN2214 KEXIN-KMUN2214 Datasheet
214Kb / 2P
   NPN Silicon Bias Resistor Transistor
logo
ON Semiconductor
MUN2211T1 ONSEMI-MUN2211T1 Datasheet
150Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
January, 2005 ??Rev. 11
logo
Motorola, Inc
MMUN2211LT1 MOTOROLA-MMUN2211LT1 Datasheet
175Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211 Datasheet
438Kb / 10P
   Bias Resistor Transistor NPN Silicon
MUN2211 WEITRON-MUN2211 Datasheet
388Kb / 10P
   NPN Silicon Bias Resistor Transistor
MUN5211 WEITRON-MUN5211 Datasheet
437Kb / 9P
   NPN Silicon Bias Resistor Transistor
MUN2211 WEITRON-MUN2211_09 Datasheet
1Mb / 10P
   NPN Silicon Bias Resistor Transistor
logo
Guangdong Kexin Industr...
KMUN2231T1 KEXIN-KMUN2231T1 Datasheet
122Kb / 1P
   NPN Silicon Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com