Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8713 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX8713
Description  Simplified Multichemistry SMBus Battery Charger
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8713 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX8713 Datasheet HTML 1Page - Maxim Integrated Products MAX8713 Datasheet HTML 2Page - Maxim Integrated Products MAX8713 Datasheet HTML 3Page - Maxim Integrated Products MAX8713 Datasheet HTML 4Page - Maxim Integrated Products MAX8713 Datasheet HTML 5Page - Maxim Integrated Products MAX8713 Datasheet HTML 6Page - Maxim Integrated Products MAX8713 Datasheet HTML 7Page - Maxim Integrated Products MAX8713 Datasheet HTML 8Page - Maxim Integrated Products MAX8713 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Simplified Multichemistry
SMBus Battery Charger
4
_______________________________________________________________________________________
TIMING CHARACTERISTICS
(VDCIN = VDCSNS = 12V, VBATT = VCSIP = VCSIN = VBST = VLX = 8.4V, GND = PGND = 0, LDO = DLOV, CREF = CLDO = CDLOV = 1µF,
CDAC = 0.1µF , VDD = 3.3V. Pins CCI and CCV are compensated per Figure 1. TA = 0°C to +85°C, unless otherwise noted. Typical
values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SMBus TIMING SPECIFICATION (VDD = 2.7V TO 5.5V) (Figures 6 and 7)
SMBus Frequency
fSMB
10
100
kHz
Bus Free Time
tBUF
4.7
µs
Start Condition Hold Time from SCL
tHD:STA
4
µs
Start Condition Setup Time from SCL
tSU:STA
4.7
µs
Stop Condition Setup Time from SCL
tSU:STO
4
µs
SDA Hold Time from SCL
tHD:DAT
300
ns
SDA Setup Time from SCL
tSU:DAT
250
ns
SCL Low Timeout
tTIMEOUT
(Note 1)
25
35
ms
SCL Low Period
tLOW
4.7
µs
SCL High Period
tHIGH
4
µs
Cumulative Clock Low Extend Time
tLOW:SEXT
(Note 2)
25
ms
ELECTRICAL CHARACTERISTICS (continued)
(VDCIN = VDCSNS = 12V, VBATT = VCSIP = VCSIN = VBST = VLX = 8.4V, GND = PGND = 0, LDO = DLOV, CREF = CLDO = CDLOV = 1µF,
CDAC = 0.1µF , VDD = 3.3V. Pins CCI and CCV are compensated per Figure 1. TA = 0°C to +85°C, unless otherwise noted. Typical
values are at TA = +25°C.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
GMI Amplifier Transconductance
ChargingCurrent() = 0x03e0,
VCSIP - VCSIN = 39.68mV
0.5
1
2.0
mA/V
CCI/CCV Clamp Voltage
0.25V < VCCV/I < 2.0V
150
300
600
mV
SMBus INTERFACE LEVEL SPECIFICATIONS
SDA/SCL Input Low Voltage
VDD = 2.7V to 5.5V
0.8
V
SDA/SCL Input High Voltage
VDD = 2.7V to 5.5V
2.1
V
SDA/SCL Input Bias Current
VDD = 2.7V to 5.5V
-1
+1
µA
SDA, Output Sink Current
V(SDA) = 0.4V
6
mA


Similar Part No. - MAX8713

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX871 MAXIM-MAX871 Datasheet
97Kb / 8P
   Switched-Capacitor Voltage Inverters
Rev 0; 6/97
MAX8710 MAXIM-MAX8710 Datasheet
618Kb / 25P
   Low-Cost, Linear-Regulator LCD Panel Power Supplies
Rev 1; 10/05
MAX8710-MAX8761 MAXIM-MAX8710-MAX8761 Datasheet
618Kb / 25P
   Low-Cost, Linear-Regulator LCD Panel Power Supplies
Rev 1; 10/05
MAX8710ETG++ MAXIM-MAX8710ETG+ Datasheet
618Kb / 25P
   Low-Cost, Linear-Regulator LCD Panel Power Supplies
Rev 1; 10/05
MAX8711 MAXIM-MAX8711 Datasheet
618Kb / 25P
   Low-Cost, Linear-Regulator LCD Panel Power Supplies
Rev 1; 10/05
More results

Similar Description - MAX8713

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24702 TI1-BQ24702_16 Datasheet
886Kb / 37P
[Old version datasheet]   MULTICHEMISTRY BATTERY CHARGER CONTROLLER
logo
Maxim Integrated Produc...
MAX846A MAXIM-MAX846A Datasheet
106Kb / 12P
   Cost-Saving Multichemistry Battery-Charger System
Rev 0; 9/96
MAX1772 MAXIM-MAX1772_09 Datasheet
223Kb / 20P
   Low-Cost, Multichemistry Battery-Charger Building Block
Rev 4; 2/09
MAX1772 MAXIM-MAX1772 Datasheet
340Kb / 20P
   Low-Cost, Multichemistry Battery- Charger Building Block
19-1772; Rev 2; 5/02
logo
Texas Instruments
BQ24702 TI-BQ24702 Datasheet
521Kb / 32P
[Old version datasheet]   MULTICHEMISTRY BATTERY CHARGER CONTROLLER AND SYSTEM POWER SELECTOR
logo
Intersil Corporation
ISL88731A INTERSIL-ISL88731A Datasheet
490Kb / 23P
   SMBus Level 2 Battery Charger
ISL88731AHRZ INTERSIL-ISL88731AHRZ Datasheet
772Kb / 23P
   SMBus Level 2 Battery Charger
June 8, 2011
ISL88731CHRTZ INTERSIL-ISL88731CHRTZ Datasheet
897Kb / 25P
   SMBus Level 2 Battery Charger
June 8, 2011
logo
ON Semiconductor
NCP3800V ONSEMI-NCP3800V Datasheet
221Kb / 15P
   SMBus Level 2 Battery Charger
April, 2013 ??Rev. 0
logo
Intersil Corporation
ISL88731HRZ INTERSIL-ISL88731HRZ Datasheet
806Kb / 22P
   SMBus Level 2 Battery Charger
June 8, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com