Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6670 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6670
Description  Remote Temperature Switches with Integrated Fan Controller/Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6670 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6670 Datasheet HTML 1Page - Maxim Integrated Products MAX6670 Datasheet HTML 2Page - Maxim Integrated Products MAX6670 Datasheet HTML 3Page - Maxim Integrated Products MAX6670 Datasheet HTML 4Page - Maxim Integrated Products MAX6670 Datasheet HTML 5Page - Maxim Integrated Products MAX6670 Datasheet HTML 6Page - Maxim Integrated Products MAX6670 Datasheet HTML 7Page - Maxim Integrated Products MAX6670 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Description
The MAX6668/MAX6670 remote-junction thermal
switches with an internal power transistor drive a cool-
ing fan rated for supply voltages up to +12V and
250mA. These devices measure the temperature of an
external P-N junction (typically a diode-connected tran-
sistor) and turn on the fan power switch when the
remote temperature rises above a factory-programmed
threshold. Self-contained and requiring no software
development, the MAX6668/MAX6670 are simple
“drop-in” fan-control solutions for a variety of systems.
The MAX6670 features an open-drain WARN output
that goes active when the remote temperature exceeds
the factory-programmed fan activation threshold by
+15°C. The MAX6670 features an open-drain OT output
that goes active when the remote temperature exceeds
the factory-programmed threshold by +30°C. The
MAX6668/MAX6670 provide a fan-control input,
FORCEON, that allows the fan to be driven externally,
regardless of temperature.
Available temperature thresholds range from +40°C to
+75°C in 5°C increments. Hysteresis is preset to 8°C on
the MAX6668 or pin selectable to 4°C, 8°C, or 12°C
using a three-level logic input on the MAX6670.
Temperature threshold accuracy is ±1°C (typ) and
±2.2°C (max) for remote-junction temperatures from
+40°C to +75°C.
The MAX6668/MAX6670 operate from a +3V to +3.6V
power supply, and are specified over the automotive
temperature range (-40°C to +125°C). The MAX6668 is
offered in an 8-pin µMAX package and the MAX6670 is
available in a space-saving 10-pin µMAX package.
Applications
Notebook and Desktop Computers
Network Switches
PC Power Supplies
Laboratory Instruments
Card Racks
Temperature Alarms
Fan Controls
Features
o +12V, 250mA Integrated Fan Driver
o No Calibration Required
o Pin-Selectable 4°C, 8°C, or 12°C Hysteresis
(MAX6670)
o Factory-Programmed Temperature Thresholds
from +40°C to +75°C
o Overtemperature Warning Signals
o 110µA (typ) Supply Current
o Space-Saving 8-Pin and 10-Pin µMAX Packages
Remote Temperature Switches with Integrated
Fan Controller/Driver
________________________________________________________________ Maxim Integrated Products
1
DXP
GND
PGND
HYST
VDD
MAX6670
FORCEON
FANOUT
WARN
OT
VDD
DXN
VDD
CS
2200pF
2N3904
10k
10k
250mA
FAN
+3.3V
VDD
+12V
Typical Application Circuit
Ordering Information
19-2133; Rev 2; 11/02
Pin Configuration appears at end of data sheet.
Typical Operating Circuit appears at end of data sheet.
Ordering Information continued at end of data sheet.
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP
RANGE
PIN-
PACKAGE
THRESH-
OLD
(
°C)
MAX6668AUA40 -40
°C to +125°C
8 µMAX
40
MAX6668AUA45 -40
°C to +125°C
8 µMAX
45
MAX6668AUA50 -40
°C to +125°C
8 µMAX
50
MAX6668AUA60 -40
°C to +125°C
8 µMAX
60
MAX6668AUA70 -40
°C to +125°C
8 µMAX
70
MAX6668AUA75 -40
°C to +125°C
8 µMAX
75


Similar Part No. - MAX6670

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6670 MAXIM-MAX6670 Datasheet
222Kb / 8P
   12V, 250mA Integrated Fan Driver
Rev 2; 11/02
More results

Similar Description - MAX6670

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM96063 TI1-LM96063_14 Datasheet
1Mb / 46P
[Old version datasheet]   Remote Diode Digital Temperature Sensor with Integrated Fan Control
THMC50 TI-THMC50 Datasheet
437Kb / 32P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
LM96063 TI1-LM96063 Datasheet
495Kb / 44P
[Old version datasheet]   LM96063 Remote Diode Digital Temperature Sensor with Integrated Fan Control
logo
Maxim Integrated Produc...
MAX1669 MAXIM-MAX1669 Datasheet
213Kb / 20P
   Fan Controller and Remote Temperature Sensor with SMBus Serial Interface
Rev 0; 1/00
MAX6665 MAXIM-MAX6665 Datasheet
130Kb / 6P
   Fan Controller/Driver with Factory- Programmed Temperature Thresholds
Rev 0; 5/01
logo
Texas Instruments
THMC50 TI1-THMC50_08 Datasheet
537Kb / 34P
[Old version datasheet]   REMOTE/LOCAL TEMPERATURE MONITOR AND FAN CONTROLLER WITH SMBus INTERFACE
logo
Princeton Technology Co...
PT2129A PTC-PT2129A Datasheet
548Kb / 6P
   Remote Fan Controller IC?
logo
List of Unclassifed Man...
BA8206BA4 ETC2-BA8206BA4 Datasheet
106Kb / 1P
   Remote Control Fan Controller
logo
Princeton Technology Co...
PT2128A PTC-PT2128A Datasheet
408Kb / 5P
   Remote Fan Controller IC
logo
Microchip Technology
TC652AGVUA MICROCHIP-TC652AGVUA Datasheet
450Kb / 14P
   Integrated Temperature Sensor & Brushless DC Fan Controller
04/20/02
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com