Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FIN1049 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. FIN1049
Description  LVDS Dual Line Driver with Dual Line Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FIN1049 Datasheet(HTML) 3 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions
Note 2: The “Absolute Maximum Ratings”: are those values beyond which
damage to the device may occur. The databook specifications should be
met, without exception, to ensure that the system design is reliable over its
power supply, temperature and output/input loading variables. Fairchild
does not recommend operation of circuits outside databook specification.
DC Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified
Note 3: All typical values are at TA = 25°C and with VCC = 3.3V.
Note 4: Both driver and receiver inputs are static. All LVDS outputs have 100
Ω load. None of the outputs have any lumped capacitive load.
Supply Voltage (VCC)
−0.5V to +4.6V
LVDS DC Input Voltage (VIN)
−0.5V to +4.6V
LVDS DC Output Voltage (VOUT)
−0.5V to +4.6V
Driver Short Circuit Current (IOSD)
Continuous 10mA
Storage Temperature Range (TSTG)
−65°C to +150°C
Max Junction Temperature (TJ)
150
°C
Lead Temperature (TL)
(Soldering, 10 seconds)
260
°C
ESD (Human Body Model)
>7000V
ESD (Machine Model)
>250V
Supply Voltage (VCC)
3.0V to 3.6V
Magnitude of Differential Voltage
(|VID|)
100mV to VCC
Operating Temperature (TA)
−40°C to +85°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
(Note 3)
LVDS Input DC Specifications (RIN1+, RIN1−, RIN2+, RIN2−) See Figure 1 and Table 1
VTH
Differential Input Threshold HIGH
VCM
= 1.2V, 0.05V, 2.35V
0.0
35.0
mV
VTL
Differential Input Threshold LOW
−100
0.0
mV
VIC
Common Mode Voltage Range
VID = 100mV, VCC = 3.3V
VID/2
VCC − (VID/2)
V
IIN
Input Current
VCC = 0V or 3.6V, VIN = 0V or 2.8V
±20.0
mA
CMOS/ LVTTL Input DC Specifications (EN, ENb, DIN1, DIN2)
VIH
Input High Voltage (LVTTL)
2.0
VCC
V
VIL
Input Low Voltage (LVTTL)
GND
0.8
V
IIN
Input Current
VIN = 0V or VCC
±20.0
µA
(EN, ENb, DIN1, DIN2, RINx+, and
RINx−)
VIK
Input Clamp Voltage
VIK = −18mA
−1.5
−0.7
V
LVDS Output DC Specifications (DOUT1+, DOUT1−, DOUT2+, DOUT2−)
VOD
Output Differential Voltage
250
350
450
mV
∆V
OD
VOD Magnitude Change from
RL = 100Ω,
35.0
mV
Differential LOW-to-HIGH
Driver Enabled,
VOS
Offset Voltage
See Figure 2
1.125
1.25
1.375
V
∆V
OS
Offset Magnitude Change from
25.0
mV
Differential LOW-to-HIGH
IOS
Short Circuit Output Current
DOUT+ = 0V & DOUT− = 0V, Driver Enabled
−9.0
mA
IOSD
VOD = 0V, Driver Enabled
−9.0
mA
IOFF
Power-Off Input or Output Current
VCC = 0V, VOUT = 0V or VCC
±20.0
µA
IOZD
Disabled Output Leakage Current
Driver Disabled, DOUT+ = 0V or VCC
±10.0
µA
or DOUT− = 0V or VCC
CMOS/LVTTL Output DC Specifications (ROUT1, ROUT2)
VOH
Output High Voltage
IOH = −2mA, VID = 200mV
2.7
V
VOL
Output Low Voltage
IOL = 2mA, VID = 200mV
0.250
V
IOZ
Disabled Output Leakage Current
Driver Disabled, ROUTn = 0V or VCC
±10.0
µA
ICC
Power Supply Current (Note 4)
Drivers Enabled, Any Valid Input Condition
25.0
mA
ICCZ
Power Supply Current
Drivers Disabled
10.0
mA
CIND
Input Capacitance
LVDS Input
3.0
pF
COUT
Output Capacitance
LVDS Output
4.0
pF
CINT
Input Capacitance
LVTTL Input
3.5
pF


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn