Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C9851 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part No. C9851
Description  Clock Generator for Pentium III Server and Workstation Applications
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo 

C9851 Datasheet(HTML) 3 Page - Cypress Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Clock Generator for Pentium
III Server and Workstation Applications
Cypress Semiconductor Corporation
525 Los Coches St.
Document#: 38-07068 Rev. **
05/04/2001
Milpitas, CA 95035. Tel: 408-263-6300, Fax: 408-263-6571
Page 3 of 14
http://www.cypress.com
PRELIMINARY
C9851
Maximum Ratings
Maximum Input Voltage Relative to VSS: VSS - 0.5V
Maximum Input Voltage Relative to VSS: VDD + 0.7V
Storage Temperature:
-65ºC to + 150ºC
Operating Temperature:
0ºC to +70ºC
Maximum ESD protection
2000V
Maximum Power Supply:
5.5V
This device contains circuitry to protect the inputs
against damage due to high static voltages or electric
field; however, precautions should be taken to avoid
application of any voltage higher than the maximum
rated voltages to this circuit. For proper operation, Vin
and Vout should be constrained to the range:
VSS<(Vin or Vout)<VDD
Unused inputs must always be tied to an appropriate
logic voltage level (either VSS or VDD).
DC Parameters (VDDI = VDD = VDDR = VDDL = VDDM = VDDC = 3.3V
±5%, TA = 0°C to +70°C)
Characteristic
Symbol
Min
Typ
Max
Units
Conditions
Input Low Voltage
VIL1
-
-
0.8
Vdc
Input High Voltage
VIH1
2.0
-
-
Vdc
Note 1
Input Low Current (@Vin =
VSS)
IIL
-16
-4
µA
Input High Current (@Vin =
VDD)
IIH
0
5
µA
For internal Pull up resistors, Note 1
and Note 2
-
Input Low Current (@Vin =
VSS)
IIL
0
-
µA
Input High Current (@Vin =
VDD)
IIH
4
16
µA
For internal Pull down resistors, Note
1 and Note 2
Tri-State leakage Current
Ioz
-
-
10
µA
Static Supply Current
Idd
-
-
30
mA
PwrDwn=Low
Dynamic Supply Current
Isdd
-
-
200
mA
133 MHz CPU, Note 3
Input pin capacitance
Cin
-
-
5
pF
Output pin capacitance
Cout
-
-
6
pF
Pin Inductance
Lpin
-
-
7
nH
Crystal pin capacitance
Cxtal
34
36
38
pF
Measured from Pin to Ground. See
crystal specification section presented
later in this data sheet.
Crystal Startup time
Txs
-
-
40
µS
From Stable 3.3V power supply.
Internal Pull-up and Pull-
down resistor value
Rpi
200
250
500
K
Note1:
Applicable to input signals: Sel100/133, Sel(A:B)), Spread#, PWRDN#, MultSel(0:1)
Note2:
Although internal pull-up or Pull-Down resistors have a typical value of 250K, this value may vary between 200K and 500K.
Note3:
All outputs loaded as per the maximum capacitive table in this data sheet.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn