Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C9851 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part No. C9851
Description  Clock Generator for Pentium III Server and Workstation Applications
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CYPRESS [Cypress Semiconductor]
Homepage  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

C9851 Datasheet(HTML) 5 Page - Cypress Semiconductor

  C9851 Datasheet HTML 1Page - Cypress Semiconductor C9851 Datasheet HTML 2Page - Cypress Semiconductor C9851 Datasheet HTML 3Page - Cypress Semiconductor C9851 Datasheet HTML 4Page - Cypress Semiconductor C9851 Datasheet HTML 5Page - Cypress Semiconductor C9851 Datasheet HTML 6Page - Cypress Semiconductor C9851 Datasheet HTML 7Page - Cypress Semiconductor C9851 Datasheet HTML 8Page - Cypress Semiconductor C9851 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Clock Generator for Pentium
III Server and Workstation Applications
Cypress Semiconductor Corporation
525 Los Coches St.
Document#: 38-07068 Rev. **
05/04/2001
Milpitas, CA 95035. Tel: 408-263-6300, Fax: 408-263-6571
Page 5 of 14
http://www.cypress.com
PRELIMINARY
C9851
Group Limits and Parameters (applicable to all settings: Sel133/100# = x) (Continued)
Output name
Max Load
CPU[(1:6), (1:6)#]
Rs = 33.2
Ω, Rp = 49.9Ω
3VMref, 3VMref_b
30 pF
REF
20 pF
3V66
30 pF
Table 2.
Lumped Test Load Configurations
The following shows lumped test load configurations for the differential Host Clock Outputs.
(MULTsel1 = 0, MULTsel0 = 1)
Fig.1A
Test Nodes
Rp
Rs
Rs
49.9ohm
49.9ohm
Rp
33.2ohm
33.2ohm


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn