Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BTA24-600B Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part No. BTA24-600B
Description  Bi-Directional Triode Thyristor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

BTA24-600B Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  BTA24-600B Datasheet HTML 1Page - First Silicon Co., Ltd BTA24-600B Datasheet HTML 2Page - First Silicon Co., Ltd BTA24-600B Datasheet HTML 3Page - First Silicon Co., Ltd BTA24-600B Datasheet HTML 4Page - First Silicon Co., Ltd BTA24-600B Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2016. 08. 12
2/5
BTA24-600B
Revision No : 0
Electrical Characteristics (Tj=25℃,unless other wise specified)
Symbol
Test Condition
Quadrant
Limit
Unit
CW(C) BW(B)
IGT
VD=12V,RL=33Ω
-Ⅱ-Ⅲ
MAX
35
50
mA
VGT
-Ⅱ-Ⅲ
MAX
1.3
V
VGD
VD=VDRM RL=3.3KΩ Tj=125℃
-Ⅱ-Ⅲ
MIN
0.2
V
IL
IG=1.2IGT
-Ⅲ
MAX
50
70
mA
MAX
60
80
mA
IH
IT=100mA
MAX
40
60
mA
Dv/dt
VD=67%VDRM gate open TJ=125℃
MIN
500
1000
V/us
(Dv/dt)c
(dl/dt)c=8.8A/ms Tj=125℃
MIN
8.5
14
V/us
Static Characteristics
Symbol
Parameter
Value(MAX)
Unit
VTM
ITM=35A,tp=380us
Tj=25℃
1.55
V
IDRM
VD=VDRM VR=VRRM
Tj=25℃
5
uA
IRRM
Tj=125℃
3
mA
-
-
-
-
Thermal Resistances
Symbol
Parameter
Value
Unit
Rth(J-C)
Junction to case(AC)
1.7
/W


Similar Part No. - BTA24-600B

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
BTA24-600B STMICROELECTRONICS-BTA24-600B Datasheet
137Kb / 12P
   25A TRIACS
Tiger Electronic Co.,Ltd
Tiger Electronic Co.,Lt...
BTA24-600B TGS-BTA24-600B Datasheet
128Kb / 1P
   25A TRIACS
Kersemi Electronic Co., Ltd.
Kersemi Electronic Co.,...
BTA24-600B KERSEMI-BTA24-600B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
Inchange Semiconductor Company Limited
Inchange Semiconductor ...
BTA24-600B ISC-BTA24-600B Datasheet
121Kb / 1P
   isc Triacs
Tiger Electronic Co.,Ltd
Tiger Electronic Co.,Lt...
BTA24-600BF TGS-BTA24-600BF Datasheet
61Kb / 1P
   25A TRIACS
More results

Similar Description - BTA24-600B

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
BT134-F ETC-BT134-F Datasheet
670Kb / 6P
   BI- DIRECTIONAL TRIODE THYRISTOR
STF4A60 ETC1-STF4A60 Datasheet
655Kb / 6P
   Bi-Directional Triode Thyristor
SemiWell Semiconductor
SemiWell Semiconductor
BT134F SEMIWELL-BT134F Datasheet
651Kb / 6P
   Bi-Directional Triode Thyristor
BT138F-600 SEMIWELL-BT138F-600 Datasheet
681Kb / 6P
   Bi-Directional Triode Thyristor
STF12A60 SEMIWELL-STF12A60 Datasheet
728Kb / 6P
   Bi-Directional Triode Thyristor
BT136-D SEMIWELL-BT136-D Datasheet
605Kb / 5P
   Bi-Directional Triode Thyristor
BTA08-600B SEMIWELL-BTA08-600B Datasheet
660Kb / 6P
   Bi-Directional Triode Thyristor
BTA12-600B SEMIWELL-BTA12-600B Datasheet
643Kb / 6P
   Bi-Directional Triode Thyristor
STR2A60 SEMIWELL-STR2A60 Datasheet
487Kb / 5P
   Bi-Directional Triode Thyristor
STR4A80 SEMIWELL-STR4A80 Datasheet
601Kb / 6P
   Bi-Directional Triode Thyristor
STW25A60 SEMIWELL-STW25A60_07 Datasheet
536Kb / 5P
   Bi-Directional Triode Thyristor
More results


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz