Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BTA24-600B Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part No. BTA24-600B
Description  Bi-Directional Triode Thyristor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

BTA24-600B Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  BTA24-600B Datasheet HTML 1Page - First Silicon Co., Ltd BTA24-600B Datasheet HTML 2Page - First Silicon Co., Ltd BTA24-600B Datasheet HTML 3Page - First Silicon Co., Ltd BTA24-600B Datasheet HTML 4Page - First Silicon Co., Ltd BTA24-600B Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2016.08. 12
3/5
BTA24-600B
Revision No : 0
+ Current
+ Voltage
VTM
IH
Symbol
Parameter
VDRM
Peak Repetitive Forward Off State Voltage
IDRM
Peak Forward Blocking Current
VRRM
Peak Repetitive Reverse Off State Voltage
IRRM
Peak Reverse Blocking Current
Voltage Current Characteristic of Triacs (Bidirectional Device)
IDRM at VDRM
on state
off state
IRRM at VRRM
Quadrant 1
MainTerminal 2 +
Quadrant 3
MainTerminal 2−
VTM
IH
VTM
Maximum On State Voltage
IH
Holding Current
MT1
(+) IGT
GATE
(+) MT2
REF
MT1
(−) IGT
GATE
(+) MT2
REF
MT1
(+) IGT
GATE
(−) MT2
REF
MT1
(−) IGT
GATE
(−) MT2
REF
MT2 NEGATIVE
(Negative Half Cycle)
MT2 POSITIVE
(Positive Half Cycle)
+
V
I
t
n
a
r
d
a
u
Q
I
I
I
t
n
a
r
d
a
u
Q
I
t
n
a
r
d
a
u
Q
I
I
t
n
a
r
d
a
u
Q
Quadrant Definitions for a Triac
IGT
+ IGT
All polarities are referenced to MT1.
With in−phase signals (using standard AC lines) quadrants I and III are used.


Similar Part No. - BTA24-600B

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
BTA24-600B STMICROELECTRONICS-BTA24-600B Datasheet
137Kb / 12P
   25A TRIACS
Tiger Electronic Co.,Ltd
Tiger Electronic Co.,Lt...
BTA24-600B TGS-BTA24-600B Datasheet
128Kb / 1P
   25A TRIACS
Kersemi Electronic Co., Ltd.
Kersemi Electronic Co.,...
BTA24-600B KERSEMI-BTA24-600B Datasheet
2Mb / 11P
   Snuberrless and Standard 25 A Triacs
Inchange Semiconductor Company Limited
Inchange Semiconductor ...
BTA24-600B ISC-BTA24-600B Datasheet
121Kb / 1P
   isc Triacs
Tiger Electronic Co.,Ltd
Tiger Electronic Co.,Lt...
BTA24-600BF TGS-BTA24-600BF Datasheet
61Kb / 1P
   25A TRIACS
More results

Similar Description - BTA24-600B

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
BT134-F ETC-BT134-F Datasheet
670Kb / 6P
   BI- DIRECTIONAL TRIODE THYRISTOR
STF4A60 ETC1-STF4A60 Datasheet
655Kb / 6P
   Bi-Directional Triode Thyristor
SemiWell Semiconductor
SemiWell Semiconductor
BT134F SEMIWELL-BT134F Datasheet
651Kb / 6P
   Bi-Directional Triode Thyristor
BT138F-600 SEMIWELL-BT138F-600 Datasheet
681Kb / 6P
   Bi-Directional Triode Thyristor
STF12A60 SEMIWELL-STF12A60 Datasheet
728Kb / 6P
   Bi-Directional Triode Thyristor
BT136-D SEMIWELL-BT136-D Datasheet
605Kb / 5P
   Bi-Directional Triode Thyristor
BTA08-600B SEMIWELL-BTA08-600B Datasheet
660Kb / 6P
   Bi-Directional Triode Thyristor
BTA12-600B SEMIWELL-BTA12-600B Datasheet
643Kb / 6P
   Bi-Directional Triode Thyristor
STR2A60 SEMIWELL-STR2A60 Datasheet
487Kb / 5P
   Bi-Directional Triode Thyristor
STR4A80 SEMIWELL-STR4A80 Datasheet
601Kb / 6P
   Bi-Directional Triode Thyristor
STW25A60 SEMIWELL-STW25A60_07 Datasheet
536Kb / 5P
   Bi-Directional Triode Thyristor
More results


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz