Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC124E Datasheet(PDF) 9 Page - ON Semiconductor

Part # DTC124E
Description  NPN SILICON BIAS RESISTOR TRANSISTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTC124E Datasheet(HTML) 9 Page - ON Semiconductor

Back Button DTC124E Datasheet HTML 4Page - ON Semiconductor DTC124E Datasheet HTML 5Page - ON Semiconductor DTC124E Datasheet HTML 6Page - ON Semiconductor DTC124E Datasheet HTML 7Page - ON Semiconductor DTC124E Datasheet HTML 8Page - ON Semiconductor DTC124E Datasheet HTML 9Page - ON Semiconductor DTC124E Datasheet HTML 10Page - ON Semiconductor DTC124E Datasheet HTML 11Page - ON Semiconductor DTC124E Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
DTC114E SERIES
http://onsemi.com
9
PACKAGE DIMENSIONS
TO–92
(TO–226)
CASE 29–11
ISSUE AL
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. CONTOUR OF PACKAGE BEYOND DIMENSION R
IS UNCONTROLLED.
4. LEAD DIMENSION IS UNCONTROLLED IN P AND
BEYOND DIMENSION K MINIMUM.
R
A
P
J
L
B
K
G
H
SECTION X–X
C
V
D
N
N
XX
SEATING
PLANE
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.175
0.205
4.45
5.20
B
0.170
0.210
4.32
5.33
C
0.125
0.165
3.18
4.19
D
0.016
0.021
0.407
0.533
G
0.045
0.055
1.15
1.39
H
0.095
0.105
2.42
2.66
J
0.015
0.020
0.39
0.50
K
0.500
–––
12.70
–––
L
0.250
–––
6.35
–––
N
0.080
0.105
2.04
2.66
P
–––
0.100
–––
2.54
R
0.115
–––
2.93
–––
V
0.135
–––
3.43
–––
1
STYLE 1:
PIN 1. EMITTER
2. BASE
3. COLLECTOR
STYLE 6:
PIN 1. GATE
2. SOURCE & SUBSTRATE
3. DRAIN
STYLE 11:
PIN 1. ANODE
2. CATHODE & ANODE
3. CATHODE
STYLE 16:
PIN 1. ANODE
2. GATE
3. CATHODE
STYLE 21:
PIN 1. COLLECTOR
2. EMITTER
3. BASE
STYLE 26:
PIN 1. VCC
2. GROUND 2
3. OUTPUT
STYLE 31:
PIN 1. GATE
2. DRAIN
3. SOURCE
STYLE 2:
PIN 1. BASE
2. EMITTER
3. COLLECTOR
STYLE 7:
PIN 1. SOURCE
2. DRAIN
3. GATE
STYLE 12:
PIN 1. MAIN TERMINAL 1
2. GATE
3. MAIN TERMINAL 2
STYLE 17:
PIN 1. COLLECTOR
2. BASE
3. EMITTER
STYLE 22:
PIN 1. SOURCE
2. GATE
3. DRAIN
STYLE 27:
PIN 1. MT
2. SUBSTRATE
3. MT
STYLE 32:
PIN 1. BASE
2. COLLECTOR
3. EMITTER
STYLE 3:
PIN 1. ANODE
2. ANODE
3. CATHODE
STYLE 8:
PIN 1. DRAIN
2. GATE
3. SOURCE & SUBSTRATE
STYLE 13:
PIN 1. ANODE 1
2. GATE
3. CATHODE 2
STYLE 18:
PIN 1. ANODE
2. CATHODE
3. NOT CONNECTED
STYLE 23:
PIN 1. GATE
2. SOURCE
3. DRAIN
STYLE 28:
PIN 1. CATHODE
2. ANODE
3. GATE
STYLE 33:
PIN 1. RETURN
2. INPUT
3. OUTPUT
STYLE 4:
PIN 1. CATHODE
2. CATHODE
3. ANODE
STYLE 9:
PIN 1. BASE 1
2. EMITTER
3. BASE 2
STYLE 14:
PIN 1. EMITTER
2. COLLECTOR
3. BASE
STYLE 19:
PIN 1. GATE
2. ANODE
3. CATHODE
STYLE 24:
PIN 1. EMITTER
2. COLLECTOR/ANODE
3. CATHODE
STYLE 29:
PIN 1. NOT CONNECTED
2. ANODE
3. CATHODE
STYLE 34:
PIN 1. INPUT
2. GROUND
3. LOGIC
STYLE 5:
PIN 1. DRAIN
2. SOURCE
3. GATE
STYLE 10:
PIN 1. CATHODE
2. GATE
3. ANODE
STYLE 15:
PIN 1. ANODE 1
2. CATHODE
3. ANODE 2
STYLE 20:
PIN 1. NOT CONNECTED
2. CATHODE
3. ANODE
STYLE 25:
PIN 1. MT 1
2. GATE
3. MT 2
STYLE 30:
PIN 1. DRAIN
2. GATE
3. SOURCE
STYLE 35:
PIN 1. GATE
2. COLLECTOR
3. EMITTER


Similar Part No. - DTC124E

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC124E ROHM-DTC124E Datasheet
704Kb / 9P
   DIGITAL TRANSISTOR
DTC124E ROHM-DTC124E Datasheet
878Kb / 3P
   DTA/DTC SERIES
logo
Unisonic Technologies
DTC124E UTC-DTC124E Datasheet
111Kb / 3P
   NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTC124E UTC-DTC124E Datasheet
177Kb / 3P
   NPN DIGITAL TRANSISTOR
logo
Rohm
DTC124E ROHM-DTC124E Datasheet
1Mb / 12P
   NPN 100mA 50V Digital Transistor
More results

Similar Description - DTC124E

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
DTC114EE WEITRON-DTC114EE_08 Datasheet
438Kb / 13P
   Bias Resistor Transistor NPN Silicon
DTC114EM WEITRON-DTC114EM Datasheet
292Kb / 10P
   Bias Resistor Transistor NPN Silicon
logo
Guangdong Kexin Industr...
KMUN2214 KEXIN-KMUN2214 Datasheet
214Kb / 2P
   NPN Silicon Bias Resistor Transistor
logo
ON Semiconductor
MUN2211T1 ONSEMI-MUN2211T1 Datasheet
150Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
January, 2005 ??Rev. 11
logo
Motorola, Inc
MMUN2211LT1 MOTOROLA-MMUN2211LT1 Datasheet
175Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211 Datasheet
438Kb / 10P
   Bias Resistor Transistor NPN Silicon
MUN2211 WEITRON-MUN2211 Datasheet
388Kb / 10P
   NPN Silicon Bias Resistor Transistor
MUN5211 WEITRON-MUN5211 Datasheet
437Kb / 9P
   NPN Silicon Bias Resistor Transistor
MUN2211 WEITRON-MUN2211_09 Datasheet
1Mb / 10P
   NPN Silicon Bias Resistor Transistor
logo
Guangdong Kexin Industr...
KMUN2231T1 KEXIN-KMUN2231T1 Datasheet
122Kb / 1P
   NPN Silicon Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com