Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA56004HD Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SA56004HD
Description  1 Degrees Celcious accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with over temperature alarms
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA56004HD Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SA56004HD Datasheet HTML 3Page - NXP Semiconductors SA56004HD Datasheet HTML 4Page - NXP Semiconductors SA56004HD Datasheet HTML 5Page - NXP Semiconductors SA56004HD Datasheet HTML 6Page - NXP Semiconductors SA56004HD Datasheet HTML 7Page - NXP Semiconductors SA56004HD Datasheet HTML 8Page - NXP Semiconductors SA56004HD Datasheet HTML 9Page - NXP Semiconductors SA56004HD Datasheet HTML 10Page - NXP Semiconductors SA56004HD Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Philips Semiconductors
Product data sheet
SA56004X
±1 °C accurate, SMBus-compatible, 8-pin, remote/local
digital temperature sensor with over temperature alarms
2004 Oct 06
7
PERFORMANCE CURVES
SL02164
TEMPERATURE (
°C)
–50
0
25
50
100
125
0
75
–25
4
8
12
16
20
VDD = 3.6 V
VDD = 3.3 V
VDD = 5.5 V
VDD = 3.0 V
Figure 4. Typical IDD shutdown versus
temperature and VDD
SL02157
TEMPERATURE (
°C)
–50
0
25
50
100
125
100
75
–25
150
200
250
300
400
VCC = 3.6 V
VCC = 3.3 V
VCC = 5.5 V
VCC = 3.0 V
350
Figure 5. Typical IDD quiescent current versus
temperature and VDD (conversion rate = 0.06 Hz)
SL02158
TEMPERATURE (
°C)
–50
0
25
50
100
125
200
75
–25
300
400
500
600
700
VDD = 3.6 V
VDD = 3.3 V
VDD = 5.5 V
VDD = 3.0 V
Figure 6. Typical IDD quiescent current versus
temperature and VDD (conversion rate = 16 Hz)
SL02159
TEMPERATURE (
°C)
–50
0
25
50
100
125
100
75
–25
200
300
400
500
8.0 Hz
4.0 Hz
16 Hz
2.0 Hz
1.0 Hz
0.25 Hz
0.5 Hz
0.12 Hz
0.06 Hz
Figure 7. Typical IDD quiescent current versus
temperature and conversion rate (VDD = 3.3 V)


Similar Part No. - SA56004HD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA56004HD NXP-SA56004HD Datasheet
207Kb / 36P
   짹1 째C accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with overtemperature alarms
Rev. 05-22 May 2008
SA56004HDP NXP-SA56004HDP Datasheet
207Kb / 36P
   짹1 째C accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with overtemperature alarms
Rev. 05-22 May 2008
More results

Similar Description - SA56004HD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA56004X NXP-SA56004X Datasheet
207Kb / 36P
   짹1 째C accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with overtemperature alarms
Rev. 05-22 May 2008
logo
Maxim Integrated Produc...
MAX6657 MAXIM-MAX6657_10 Datasheet
170Kb / 16P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 5; 10/10
MAX6657 MAXIM-MAX6657 Datasheet
275Kb / 17P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 2; 1/02
MAX6648 MAXIM-MAX6648_08 Datasheet
200Kb / 16P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 4; 6/08
MAX6648 MAXIM-MAX6648 Datasheet
280Kb / 17P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 1; 10/02
MAX6654 MAXIM-MAX6654_13 Datasheet
215Kb / 16P
   1°C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 4; 6/13
MAX6654 MAXIM-MAX6654 Datasheet
222Kb / 16P
   1째C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 2; 1/02
MAX6690 MAXIM-MAX6690 Datasheet
235Kb / 16P
   2째C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 0; 10/01
MAX6642ATT98 MAXIM-MAX6642ATT98 Datasheet
160Kb / 14P
   SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
MAX6642 MAXIM-MAX6642_08 Datasheet
154Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 1; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com