Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA56004DDP Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SA56004DDP
Description  1 Degrees Celcious accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with over temperature alarms
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA56004DDP Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SA56004DDP Datasheet HTML 5Page - NXP Semiconductors SA56004DDP Datasheet HTML 6Page - NXP Semiconductors SA56004DDP Datasheet HTML 7Page - NXP Semiconductors SA56004DDP Datasheet HTML 8Page - NXP Semiconductors SA56004DDP Datasheet HTML 9Page - NXP Semiconductors SA56004DDP Datasheet HTML 10Page - NXP Semiconductors SA56004DDP Datasheet HTML 11Page - NXP Semiconductors SA56004DDP Datasheet HTML 12Page - NXP Semiconductors SA56004DDP Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Philips Semiconductors
Product data sheet
SA56004X
±1 °C accurate, SMBus-compatible, 8-pin, remote/local
digital temperature sensor with over temperature alarms
2004 Oct 06
9
BLOCK DIAGRAM
SMBus INTERFACE
11-BIT
Σ–∆
A–to–D
CONVERTER
LOCAL
TEMP
SENSOR
LOCAL
REMOTE
MUX
ONE-SHOT
REGISTER
CONVERSION
REGISTER
LOCAL TEMP
DATA REGISTER
REMOTE TEMP
DATA REGISTER
CONFIGURATION
REGISTER
LOCAL HIGH TEMP
THRESHOLD
LOCAL LOW TEMP
THRESHOLD
REMOTE HIGH
TEMP THRESHOLD
LOCAL TEMP HIGH
LIMIT REG
LOCAL TEMP LOW
LIMIT REGISTER
REMOTE TEMP
HIGH LIMIT REG
REMOTE TEMP
LOW LIMIT REG
REMOTE LOW
TEMP THRESHOLD
STATUS REGISTER
T_CRIT
INTERRUPT
COMMAND
REGISTER
ALERT
IINTERRUPT
OTP DEVICE
ADDRESS REGISTER
VDD
D+
D–
ALERT
T_CRIT
GND
SDATA
SCLK
REMOTE OFFSET
REGISTER
CONTROL
LOGIC
SL02015
T_CRIT
HYSTERESIS
SA56004X
Figure 12. Functional block diagram.


Similar Part No. - SA56004DDP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA56004DDP NXP-SA56004DDP Datasheet
207Kb / 36P
   짹1 째C accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with overtemperature alarms
Rev. 05-22 May 2008
More results

Similar Description - SA56004DDP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA56004X NXP-SA56004X Datasheet
207Kb / 36P
   짹1 째C accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with overtemperature alarms
Rev. 05-22 May 2008
logo
Maxim Integrated Produc...
MAX6657 MAXIM-MAX6657_10 Datasheet
170Kb / 16P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 5; 10/10
MAX6657 MAXIM-MAX6657 Datasheet
275Kb / 17P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 2; 1/02
MAX6648 MAXIM-MAX6648_08 Datasheet
200Kb / 16P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 4; 6/08
MAX6648 MAXIM-MAX6648 Datasheet
280Kb / 17P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 1; 10/02
MAX6654 MAXIM-MAX6654_13 Datasheet
215Kb / 16P
   1°C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 4; 6/13
MAX6654 MAXIM-MAX6654 Datasheet
222Kb / 16P
   1째C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 2; 1/02
MAX6690 MAXIM-MAX6690 Datasheet
235Kb / 16P
   2째C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 0; 10/01
MAX6642ATT98 MAXIM-MAX6642ATT98 Datasheet
160Kb / 14P
   SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
MAX6642 MAXIM-MAX6642_08 Datasheet
154Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 1; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com