Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA56004DD Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SA56004DD
Description  1 Degrees Celcious accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with over temperature alarms
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA56004DD Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SA56004DD Datasheet HTML 2Page - NXP Semiconductors SA56004DD Datasheet HTML 3Page - NXP Semiconductors SA56004DD Datasheet HTML 4Page - NXP Semiconductors SA56004DD Datasheet HTML 5Page - NXP Semiconductors SA56004DD Datasheet HTML 6Page - NXP Semiconductors SA56004DD Datasheet HTML 7Page - NXP Semiconductors SA56004DD Datasheet HTML 8Page - NXP Semiconductors SA56004DD Datasheet HTML 9Page - NXP Semiconductors SA56004DD Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Philips Semiconductors
Product data sheet
SA56004X
±1 °C accurate, SMBus-compatible, 8-pin, remote/local
digital temperature sensor with over temperature alarms
2004 Oct 06
6
SMBus INTERFACE AC ELECTRICAL CHARACTERISTICS
VDD = 3.0 V to 3.6 V; Tamb = 0 °C to +125 °C; unless otherwise noted.
These specifications are guaranteed by design and not tested in production.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VIH
Logic input HIGH voltage for SCLK, SDATA
VDD = 2.7 V to 5.5 V
2.2
V
VIL
Logic input LOW voltage for SCLK, SDATA
VDD = 2.7 V to 5.5 V
0.8
V
IOL
Logic output LOW sink current
ALERT, T_CRIT; VOL = 0.4 V
1.0
mA
SDATA; VOL = 0.6 V
6.0
mA
IOH
Logic output high leakage current
VOH = VDD
1.0
µA
IIH, IIL
Logic input currents
VIN = VDD or GND
–1.0
1.0
µA
Ci
SMBus input capacitance for SCLK, SDATA
5
pF
SMBus digital switching characteristics
The switching characteristics of the SA56004X fully meet or exceed all parameters specified in SMBus version 2.0. The following parameters
specify the timing between the SCLK and SDATA signals in the SA56004X. They adhere to, but are not necessarily specified as the SMBus
specifications.
fSCLK
SCLK operating frequency
400
kHz
tLOW
SCLK LOW time
10% to 10%
4.7
5.0
µs
tHIGH
SCLK HIGH time
90% to 90%
4.0
5.0
µs
tBUF
SMBus free time.
Delay from SDATA stop to SDATA start
4.7
µs
tHD:STA
Hold time of start condition.
Delay from SDATA start to first SCLK H-L
10% of SDATA to 90% of SCLK
4.0
µs
tHD:DAT
Hold time of data.
Delay from SCLK H-L to SDATA edges
300
ns
tSU:DAT
Set-up time of data in.
Delay from SDATA edges to SCLK L-H
250
ns
tSU:STA
Set-up time of repeat start condition.
Delay from SCLK L-H to restart SDATA
90% to to 90%
250
ns
tSU:STO
Set-up time of stop condition.
Delay from SCLK H-L to SDATA stop
90% of SCLK to 90% of SDATA
4.0
µs
tR
Rise time of SCLK and SDATA
1
µs
tF
Fall time of SCLK and SDATA
300
ns
tOF
Output fall time
CL = 400 pF; IO = 3 mA
250
ns
tTIMEOUT
SMBus TIMEOUT.
Low period for reset of SMBus
25
35
ms
tBUF
P
S
SCLK
SDATA
SL01204
tHD:STA
SP
tLOW
tR
tF
tHD:STA
tHD:DAT
tHIGH
tSU:DAT
tSU:STA
tSU:STO
Figure 3. Timing measurements.


Similar Part No. - SA56004DD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA56004DD NXP-SA56004DD Datasheet
207Kb / 36P
   짹1 째C accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with overtemperature alarms
Rev. 05-22 May 2008
SA56004DDP NXP-SA56004DDP Datasheet
207Kb / 36P
   짹1 째C accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with overtemperature alarms
Rev. 05-22 May 2008
More results

Similar Description - SA56004DD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA56004X NXP-SA56004X Datasheet
207Kb / 36P
   짹1 째C accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with overtemperature alarms
Rev. 05-22 May 2008
logo
Maxim Integrated Produc...
MAX6657 MAXIM-MAX6657_10 Datasheet
170Kb / 16P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 5; 10/10
MAX6657 MAXIM-MAX6657 Datasheet
275Kb / 17P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 2; 1/02
MAX6648 MAXIM-MAX6648_08 Datasheet
200Kb / 16P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 4; 6/08
MAX6648 MAXIM-MAX6648 Datasheet
280Kb / 17P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 1; 10/02
MAX6654 MAXIM-MAX6654_13 Datasheet
215Kb / 16P
   1°C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 4; 6/13
MAX6654 MAXIM-MAX6654 Datasheet
222Kb / 16P
   1째C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 2; 1/02
MAX6690 MAXIM-MAX6690 Datasheet
235Kb / 16P
   2째C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 0; 10/01
MAX6642ATT98 MAXIM-MAX6642ATT98 Datasheet
160Kb / 14P
   SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
MAX6642 MAXIM-MAX6642_08 Datasheet
154Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 1; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com