Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA57022-50D Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SA57022-50D
Description  500 mA LDO with ON/OFF control and Vref bypass
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA57022-50D Datasheet(HTML) 4 Page - NXP Semiconductors

  SA57022-50D Datasheet HTML 1Page - NXP Semiconductors SA57022-50D Datasheet HTML 2Page - NXP Semiconductors SA57022-50D Datasheet HTML 3Page - NXP Semiconductors SA57022-50D Datasheet HTML 4Page - NXP Semiconductors SA57022-50D Datasheet HTML 5Page - NXP Semiconductors SA57022-50D Datasheet HTML 6Page - NXP Semiconductors SA57022-50D Datasheet HTML 7Page - NXP Semiconductors SA57022-50D Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Philips Semiconductors
Product data
SA57022-XX
500 mA LDO with ON/OFF control and Vref bypass
2003 Oct 13
4
ELECTRICAL CHARACTERISTICS
Tamb = 25 °C; VON/OFF = 1.6 V, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICC
No-load input current
IOUT = 0 mA
1.9
5
mA
ICC(OFF)
Input current (off)
VON/OFF = 0 V
0
1
µA
VOUT
Output voltage (as % of Vnom)
IOUT = 250 mA
98%
102%
V
SA57022-18
1.764
1.8
1.836
V
SA57022-25
2.450
2.5
2.550
V
SA57022-28
2.744
2.8
2.856
V
SA57022-30
2.940
3.0
3.060
V
SA57022-33
3.234
3.3
3.060
V
SA57022-50
4.900
5.0
5.100
V
VIO
Dropout voltage (Note 2)
VIN = VOUT – 0.2 V; IOUT = 250 mA
0.3
0.5
V
∆V1
Line regulation
VIN = VOUT +1.5 V to VIN = VOUT +2.5 V;
IOUT = 250 mA
10
20
mV
∆V2
Load regulation
IOUT = 0 to 250 mA
20
120
mV
∆VOUT/∆T
VOUT Temperature coefficient
(Note 1)
Tj = –30 to +85 °C
100
ppm/
°C
RR
Ripple rejection (Note 1)
f = 120 Hz; Vripple = 1 V; IOUT = 250 mA
50
64
dB
Vn
Output noise voltage (Note 1)
fBW = 20 to 80 kHz; Cn = 470 pF
75
µVrms
ION/OFF
ON/OFF pin input current
VON/OFF = VIN
10
20
30
µA
VON/OFF(H)
ON/OFF HIGH threshold voltage
1.6
VIN+0.3
V
VON/OFF(L)
ON/OFF LOW threshold voltage
-0.3
0.4
V
NOTES:
1. The parameter is guaranteed by design.
2. This parameter is not guaranteed if VOUT is less than 2 V.


Similar Part No. - SA57022-50D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA57026 PHILIPS-SA57026 Datasheet
87Kb / 8P
   300 mA LDO with ON/OFF control and independent delayed RESET function
2003 Oct 13
SA57026D PHILIPS-SA57026D Datasheet
87Kb / 8P
   300 mA LDO with ON/OFF control and independent delayed RESET function
2003 Oct 13
SA57026F PHILIPS-SA57026F Datasheet
87Kb / 8P
   300 mA LDO with ON/OFF control and independent delayed RESET function
2003 Oct 13
More results

Similar Description - SA57022-50D

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1269 MICROCHIP-TC1269_13 Datasheet
198Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002-2012 11/27/12
TC1269 MICROCHIP-TC1269 Datasheet
432Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1174 MICROCHIP-TC1174 Datasheet
444Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1174 MICROCHIP-TC1174_13 Datasheet
211Kb / 14P
   300mA CMOS LDO with Shutdown and VREF Bypass
10/26/12
TC1107-3.3VUA MICROCHIP-TC1107-3.3VUA Datasheet
433Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
05/01/02
TC1107 MICROCHIP-TC1107 Datasheet
443Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1107 MICROCHIP-TC1107_13 Datasheet
209Kb / 14P
   300mA CMOS LDO with Shutdown and VREF Bypass
10/26/12
logo
NXP Semiconductors
SA57026 PHILIPS-SA57026 Datasheet
87Kb / 8P
   300 mA LDO with ON/OFF control and independent delayed RESET function
2003 Oct 13
logo
TelCom Semiconductor, I...
TC1072 TELCOM-TC1072 Datasheet
126Kb / 12P
   50mA CMOS LDO WITH SHUTDOWN, ERROR OUTPUT AND VREF BYPASS
logo
ON Semiconductor
MC33565 ONSEMI-MC33565 Datasheet
88Kb / 8P
   200 mA INTELLIGENT LDO REGULATOR WITH SMART BYPASS CONTROL
Rev 0, 6/99
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com