Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA57022-33D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SA57022-33D
Description  500 mA LDO with ON/OFF control and Vref bypass
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA57022-33D Datasheet(HTML) 3 Page - NXP Semiconductors

  SA57022-33D Datasheet HTML 1Page - NXP Semiconductors SA57022-33D Datasheet HTML 2Page - NXP Semiconductors SA57022-33D Datasheet HTML 3Page - NXP Semiconductors SA57022-33D Datasheet HTML 4Page - NXP Semiconductors SA57022-33D Datasheet HTML 5Page - NXP Semiconductors SA57022-33D Datasheet HTML 6Page - NXP Semiconductors SA57022-33D Datasheet HTML 7Page - NXP Semiconductors SA57022-33D Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Philips Semiconductors
Product data
SA57022-XX
500 mA LDO with ON/OFF control and Vref bypass
2003 Oct 13
3
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
TEMPERATURE
TYPE NUMBER
DESCRIPTION
VERSION
RANGE
SA57022-XXD
small outline 7-pin surface mount (see dimensional drawing)
SOP002
–40 to +85
°C
NOTE:
The device has six voltage output options, indicated by the XX on
the order code.
XX
VOLTAGE (Typical)
18
1.8 V
25
2.5 V
28
2.8 V
30
3.0 V
33
3.3 V
50
5.0 V
Part number marking
Each package is marked with a four letter code. The first three
letters designate the product. The fourth letter, represented by ‘x’, is
a date tracking code.
Part number
Marking
SA57022-18
A L M x
SA57022-25
A L N x
SA57022-28
A L P x
SA57022-30
A L R x
SA57022-33
A L S x
SA57022-50
A L T x
PIN CONFIGURATION
SL01525
1
2
45
7VIN
ON/OFF
BYPASS
NC
VOUT
SA57022-XX
3
GND
6
GND
Figure 2. Pin configuration.
PIN DESCRIPTION
PIN
SYMBOL
DESCRIPTION
1
VOUT
Regulated output voltage.
2
NC
No connection.
3
GND
Ground.
4
BYPASS
Reference bypass input. Connecting a
470 pF capacitor further reduces output
noise.
5
ON/OFF
Output voltage On/Off control pin.
6
GND
Substrate ground pin. This pin must be
connected to ground.
7
VIN
Power supply input.
MAXIMUM RATINGS
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VIN
Supply voltage
–0.3
+12
V
VIN(OPR)
Operating voltage
VOUT(typ) + 0.5
VOUT(typ) + 10
V
IOUT
Output current
0
500
mA
Toper
Operating temperature
–40
+85
°C
Tstg
Storage temperature
–40
+150
°C
PD
Power dissipation (Note 1)
400
mW
PD
Power dissipation (Note 2)
950
mW
NOTES:
1. Unattached.
2. Mounted on double-sided glass epoxy PCB, with copper ground plane 192
× 142 × 1.2 mm.


Similar Part No. - SA57022-33D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA57026 PHILIPS-SA57026 Datasheet
87Kb / 8P
   300 mA LDO with ON/OFF control and independent delayed RESET function
2003 Oct 13
SA57026D PHILIPS-SA57026D Datasheet
87Kb / 8P
   300 mA LDO with ON/OFF control and independent delayed RESET function
2003 Oct 13
SA57026F PHILIPS-SA57026F Datasheet
87Kb / 8P
   300 mA LDO with ON/OFF control and independent delayed RESET function
2003 Oct 13
More results

Similar Description - SA57022-33D

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1269 MICROCHIP-TC1269_13 Datasheet
198Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002-2012 11/27/12
TC1269 MICROCHIP-TC1269 Datasheet
432Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1174 MICROCHIP-TC1174 Datasheet
444Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1174 MICROCHIP-TC1174_13 Datasheet
211Kb / 14P
   300mA CMOS LDO with Shutdown and VREF Bypass
10/26/12
TC1107-3.3VUA MICROCHIP-TC1107-3.3VUA Datasheet
433Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
05/01/02
TC1107 MICROCHIP-TC1107 Datasheet
443Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1107 MICROCHIP-TC1107_13 Datasheet
209Kb / 14P
   300mA CMOS LDO with Shutdown and VREF Bypass
10/26/12
logo
NXP Semiconductors
SA57026 PHILIPS-SA57026 Datasheet
87Kb / 8P
   300 mA LDO with ON/OFF control and independent delayed RESET function
2003 Oct 13
logo
TelCom Semiconductor, I...
TC1072 TELCOM-TC1072 Datasheet
126Kb / 12P
   50mA CMOS LDO WITH SHUTDOWN, ERROR OUTPUT AND VREF BYPASS
logo
ON Semiconductor
MC33565 ONSEMI-MC33565 Datasheet
88Kb / 8P
   200 mA INTELLIGENT LDO REGULATOR WITH SMART BYPASS CONTROL
Rev 0, 6/99
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com