Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA57022-25D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SA57022-25D
Description  500 mA LDO with ON/OFF control and Vref bypass
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA57022-25D Datasheet(HTML) 2 Page - NXP Semiconductors

  SA57022-25D Datasheet HTML 1Page - NXP Semiconductors SA57022-25D Datasheet HTML 2Page - NXP Semiconductors SA57022-25D Datasheet HTML 3Page - NXP Semiconductors SA57022-25D Datasheet HTML 4Page - NXP Semiconductors SA57022-25D Datasheet HTML 5Page - NXP Semiconductors SA57022-25D Datasheet HTML 6Page - NXP Semiconductors SA57022-25D Datasheet HTML 7Page - NXP Semiconductors SA57022-25D Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors
Product data
SA57022-XX
500 mA LDO with ON/OFF control and Vref bypass
2
2003 Oct 13
GENERAL DESCRIPTION
The SA57022-XX has an extremely precise fixed output with a
typical accuracy of
±2%. It is designed to provide very low dropout
and ultra low noise with an optional Bypass pin, and fast transient
response. Supply current is reduced to zero (typical).
The SA57022-XX incorporates both over-temperature and
over-current protection. The SA57022-XX is stable with an output
capacitor of only 1.0
µF and has a maximum output current of
500 mA. It is available in the 7-pin small outline package (SOP002).
FEATURES
Very low dropout voltage: 300 mV typ. (I
out = 500 mA)
High precision output voltage: ±2%
Output current capacity: 500 mA
Low noise: 75 µV
rms typ. @ 20 Hz to 80 KHz, for Cn = 470 pF.
Extremely good line regulation: 10 mV typical
Extremely good load regulation: 20 mV typical
Low temperature drift co-efficient to V
out: ±100 ppm/°C
Internal current limit and thermal shut-down circuits
Input voltage range: –0.3 V to 12 V
Wide preset output voltage range: 1.8 V to 5 V
Wide operating temperature range: –40 °C to +85 °C
APPLICATIONS
Battery-operated systems
Portable computers
Cameras, VCRs and camcorders
PCMCIA cards, modems, pagers
Cellular/GSM/PHS phones
Linear post-regulator for SMPS
Instrumentation
SIMPLIFIED SYSTEM DIAGRAM
VIN
BYPASS
VOUT
GND
7
1
4
3
5
ON/OFF
R
R
CURRENT
LIMIT
REFERENCE
BIAS
DRIVER
THERMAL
SHUTDOWN
SL01527
Figure 1. Simplified system diagram.


Similar Part No. - SA57022-25D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA57026 PHILIPS-SA57026 Datasheet
87Kb / 8P
   300 mA LDO with ON/OFF control and independent delayed RESET function
2003 Oct 13
SA57026D PHILIPS-SA57026D Datasheet
87Kb / 8P
   300 mA LDO with ON/OFF control and independent delayed RESET function
2003 Oct 13
SA57026F PHILIPS-SA57026F Datasheet
87Kb / 8P
   300 mA LDO with ON/OFF control and independent delayed RESET function
2003 Oct 13
More results

Similar Description - SA57022-25D

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1269 MICROCHIP-TC1269_13 Datasheet
198Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002-2012 11/27/12
TC1269 MICROCHIP-TC1269 Datasheet
432Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1174 MICROCHIP-TC1174 Datasheet
444Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1174 MICROCHIP-TC1174_13 Datasheet
211Kb / 14P
   300mA CMOS LDO with Shutdown and VREF Bypass
10/26/12
TC1107-3.3VUA MICROCHIP-TC1107-3.3VUA Datasheet
433Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
05/01/02
TC1107 MICROCHIP-TC1107 Datasheet
443Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1107 MICROCHIP-TC1107_13 Datasheet
209Kb / 14P
   300mA CMOS LDO with Shutdown and VREF Bypass
10/26/12
logo
NXP Semiconductors
SA57026 PHILIPS-SA57026 Datasheet
87Kb / 8P
   300 mA LDO with ON/OFF control and independent delayed RESET function
2003 Oct 13
logo
TelCom Semiconductor, I...
TC1072 TELCOM-TC1072 Datasheet
126Kb / 12P
   50mA CMOS LDO WITH SHUTDOWN, ERROR OUTPUT AND VREF BYPASS
logo
ON Semiconductor
MC33565 ONSEMI-MC33565 Datasheet
88Kb / 8P
   200 mA INTELLIGENT LDO REGULATOR WITH SMART BYPASS CONTROL
Rev 0, 6/99
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com