Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA144EET1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # DTA144EET1
Description  Bias Resistor Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTA144EET1 Datasheet(HTML) 1 Page - ON Semiconductor

  DTA144EET1 Datasheet HTML 1Page - ON Semiconductor DTA144EET1 Datasheet HTML 2Page - ON Semiconductor DTA144EET1 Datasheet HTML 3Page - ON Semiconductor DTA144EET1 Datasheet HTML 4Page - ON Semiconductor DTA144EET1 Datasheet HTML 5Page - ON Semiconductor DTA144EET1 Datasheet HTML 6Page - ON Semiconductor DTA144EET1 Datasheet HTML 7Page - ON Semiconductor DTA144EET1 Datasheet HTML 8Page - ON Semiconductor DTA144EET1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2000
May, 2000 – Rev. 0
1
Publication Order Number:
DTA114EET1/D
DTA114EET1 SERIES
Preferred Devices
Bias Resistor Transistor
PNP Silicon Surface Mount Transistor
with Monolithic Bias Resistor Network
This new series of digital transistors is designed to replace a single
device and its external resistor bias network. The BRT (Bias Resistor
Transistor) contains a single transistor with a monolithic bias network
consisting of two resistors; a series base resistor and a base–emitter
resistor. The BRT eliminates these individual components by
integrating them into a single device. The use of a BRT can reduce
both system cost and board space. The device is housed in the
SC–75/SOT–416 package which is designed for low power surface
mount applications.
Simplifies Circuit Design
Reduces Board Space
Reduces Component Count
The SC–75/SOT–416 package can be soldered using
wave or reflow. The modified gull–winged leads absorb
thermal stress during soldering eliminating the possibility
of damage to the die.
Available in 8 mm, 7 inch/3000 Unit Tape & Reel
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
Vdc
Collector-Emitter Voltage
VCEO
50
Vdc
Collector Current
IC
100
mAdc
DEVICE MARKING AND RESISTOR VALUES
Device
Marking
R1 (K)
R2 (K)
Shipping
DTA114EET1
DTA124EET1
DTA144EET1
DTA114YET1
DTA114TET1
DTA143TET1
DTA123EET1
DTA143ZET1
DTA124XET1
DTA123JET1
6A
6B
6C
6D
6E
6F
6H
6K
6L
6M
10
22
47
10
10
4.7
2.2
4.7
22
2.2
10
22
47
47
2.2
47
47
47
3000/Tape & Reel
http://onsemi.com
CASE 463
SOT–416/SC–75
STYLE 1
Preferred devices are recommended choices for future use
and best overall value.
PNP SILICON
BIAS RESISTOR
TRANSISTORS
3
2
1
COLLECTOR
3
1
BASE
2
EMITTER


Similar Part No. - DTA144EET1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTA144EET1 ONSEMI-DTA144EET1 Datasheet
142Kb / 12P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
July, 2004 ??Rev. 4
DTA144EET1 ONSEMI-DTA144EET1 Datasheet
108Kb / 13P
   Bias Resistor Transistors
March, 2006 ??Rev. 6
DTA144EET1G ONSEMI-DTA144EET1G Datasheet
108Kb / 13P
   Bias Resistor Transistors
March, 2006 ??Rev. 6
DTA144EET1G ONSEMI-DTA144EET1G Datasheet
148Kb / 12P
   Digital Transistors (BRT) R1 = 47 k, R2 = 47 k
September, 2012 ??Rev. 1
DTA144EET1G ONSEMI-DTA144EET1G Datasheet
113Kb / 12P
   Digital Transistors (BRT) R1 = 47 k, R2 = 47 kA
January, 2015 ??Rev. 4
More results

Similar Description - DTA144EET1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_06 Datasheet
109Kb / 12P
   Bias Resistor Transistor
February, 2006 ??Rev. 8
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
132Kb / 12P
   Bias Resistor Transistor
October, 2004 ??Rev. 7
logo
Leshan Radio Company
LDTA123YET1G LRC-LDTA123YET1G_15 Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTA124GET1G LRC-LDTA124GET1G_15 Datasheet
285Kb / 3P
   Bias Resistor Transistor
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211_07 Datasheet
470Kb / 10P
   Bias Resistor Transistor
logo
ON Semiconductor
MMUN2211LT1 ONSEMI-MMUN2211LT1 Datasheet
104Kb / 12P
   Bias Resistor Transistor
May, 2004 ??Rev. 4
logo
E-Tech Electronics LTD
MMUN2211 ETL-MMUN2211 Datasheet
269Kb / 8P
   Bias Resistor Transistor
logo
Leshan Radio Company
LDTC123TLT1G LRC-LDTC123TLT1G Datasheet
217Kb / 3P
   Bias Resistor Transistor
MUN2211RT1 LRC-MUN2211RT1 Datasheet
328Kb / 8P
   Bias Resistor Transistor
LDTA123YET1G LRC-LDTA123YET1G Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTC113ZET1G LRC-LDTC113ZET1G Datasheet
278Kb / 3P
   Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com