Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM3283D Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # RM3283D
Description  Dual ARINC 429 Line Receiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RM3283D Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button RM3283D Datasheet HTML 2Page - Fairchild Semiconductor RM3283D Datasheet HTML 3Page - Fairchild Semiconductor RM3283D Datasheet HTML 4Page - Fairchild Semiconductor RM3283D Datasheet HTML 5Page - Fairchild Semiconductor RM3283D Datasheet HTML 6Page - Fairchild Semiconductor RM3283D Datasheet HTML 7Page - Fairchild Semiconductor RM3283D Datasheet HTML 8Page - Fairchild Semiconductor RM3283D Datasheet HTML 9Page - Fairchild Semiconductor RM3283D Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
RM3283
PRODUCT SPECIFICATION
7
REV. 1.0.1 12/7/00
Applications
Figure 10. ARINC Receiver Standard Connections
Figure 11. Repeater Circuit
In 1A
In 1B
In 2A
In 2B
RM3283
+15V
-15V
65-3283-13
ARINC
Channel
1
ARINC
Channel
2
+5V
9
11
1
14
15
12
8
5
39 pF
39 pF
39 pF
39 pF
Cap 1A
Cap 1B
Cap 2A
Cap 2B
Test A
Test B
18
16
19
17
6
4
7
3
2
20
Logic
Test
Inputs
Channel 1
Data Out
To Logic
Channel 2
Data Out
To Logic
A
B
A
B
In 1A
Out 1A
In 1B
Out 2A
ARINC
Test
Channel
Input
A
B
1/2
RM3283
Data (A)
Data (B)
A
B
OUT
OUT
RM3182A
RM3182A
A OUT
B OUT
A
B
Test
Channel
1
Test
Channel
2
A
B
Data (B)
Data (A)
To Additional
Channels
65-3282-14


Similar Part No. - RM3283D

ManufacturerPart #DatasheetDescription
logo
Vaisala
RM32 VAISALA-RM32 Datasheet
107Kb / 2P
   Telemetry Antenna RM32
logo
RAYEX ELECTRONICS CO., ...
RM32-L1A110 RAYEX-RM32-L1A110 Datasheet
540Kb / 1P
   RM SERIES RELAY MODULE
RM32-L1D12 RAYEX-RM32-L1D12 Datasheet
540Kb / 1P
   RM SERIES RELAY MODULE
RM32-L1D24 RAYEX-RM32-L1D24 Datasheet
540Kb / 1P
   RM SERIES RELAY MODULE
RM32-L2A110 RAYEX-RM32-L2A110 Datasheet
540Kb / 1P
   RM SERIES RELAY MODULE
More results

Similar Description - RM3283D

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8482 HOLTIC-HI-8482 Datasheet
676Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
HI-8482 HOLTIC-HI-8482_06 Datasheet
415Kb / 10P
   ARINC 429 DUAL LINE RECEIVER
HI-8483 HOLTIC-HI-8483 Datasheet
103Kb / 11P
   ARINC 429 Dual Line Receiver
logo
List of Unclassifed Man...
RM3183 ETC1-RM3183 Datasheet
86Kb / 12P
   Dual ARINC 429 Line Receiver
logo
Device Engineering Inco...
DEI3283 DEIAZ-DEI3283 Datasheet
590Kb / 11P
   DUAL ARINC 429 LINE RECEIVER
logo
Holt Integrated Circuit...
HI-8591 HOLTIC-HI-8591 Datasheet
137Kb / 7P
   ARINC 429 LINE RECEIVER
HI-8591 HOLTIC-HI-8591_13 Datasheet
78Kb / 8P
   ARINC 429 Line Receiver
HI-8588-10 HOLTIC-HI-8588-10 Datasheet
125Kb / 6P
   ARINC 429 LINE RECEIVER
logo
Device Engineering Inco...
DEI1041 DEIAZ-DEI1041 Datasheet
136Kb / 8P
   ARINC 429 LINE RECEIVER
logo
Holt Integrated Circuit...
HI-8588 HOLTIC-HI-8588_06 Datasheet
116Kb / 6P
   ARINC 429 LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com