Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M28LV16 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M28LV16
Description  16K (2K x 8) LOW VOLTAGE PARALLEL EEPROM with SOFTWARE DATA PROTECTION
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28LV16 Datasheet(HTML) 5 Page - STMicroelectronics

  M28LV16 Datasheet HTML 1Page - STMicroelectronics M28LV16 Datasheet HTML 2Page - STMicroelectronics M28LV16 Datasheet HTML 3Page - STMicroelectronics M28LV16 Datasheet HTML 4Page - STMicroelectronics M28LV16 Datasheet HTML 5Page - STMicroelectronics M28LV16 Datasheet HTML 6Page - STMicroelectronics M28LV16 Datasheet HTML 7Page - STMicroelectronics M28LV16 Datasheet HTML 8Page - STMicroelectronics M28LV16 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Software Data Protection
The M28LV16 offers a software controlled write
protection facility that allows the user to inhibit all
write modes to the device including the Chip Erase
instruction. This can be useful in protecting the
memory from inadvertent write cycles that may
occur due to uncontrolled bus conditions.
The M28LV16 is shipped as standard in the ”unpro-
tected” state meaning that the memory contents
can be changed as required by the user. After the
Software Data Protection enable algorithm is is-
sued, the device enters the ”Protect Mode” of
operation where no further write commands have
any effect on the memory contents. The device
remains in this mode until a valid Software Data
Protection (SDP) disable sequence is received
whereby the device reverts to its ”unprotected”
state. The Software Data Protection is fully non-
volatile and is not changed by power on/off se-
quences.
To enable the Software Data Protection (SDP) the
device requires the user to write (with a Page Write)
three specific data bytes to three specific memory
locations as per Figure 5. Similarly to disable the
Software Data Protection the user has to write
specific data bytes into six different locations as per
Figure 6 (with a Page Write). This complex series
ensures that the user will never enable or disable
the Software Data Protection accidentally.
AI01509B
WRITE AAh in
Address 555h
WRITE 55h in
Address 2AAh
WRITE A0h in
Address 555h
SDP is set
WRITE AAh in
Address 555h
WRITE 55h in
Address 2AAh
WRITE A0h in
Address 555h
Write Page
(1 up to 64 bytes)
WRITE IN MEMORY
WHEN SDP IS SET
SDP ENABLE ALGORITHM
Page
Write
Instruction
(Note 1)
Page
Write
Instruction
(Note 1)
WRITE
is enabled
Figure 5. Software Data Protection Enable Algorithm and Memory Write
AI01510
WRITE AAh in
Address 555h
WRITE 55h in
Address 2AAh
WRITE 80h in
Address 555h
Unprotected State
WRITE AAh in
Address 555h
WRITE 55h in
Address 2AAh
WRITE 20h in
Address 555h
Page
Write
Instruction
Figure 6. Software Data Protection Disable
Algorithm
Note: 1. MSB Address bits (A6 to A10) differ during these specific Page Write operations.
5/17
M28LV16


Similar Part No. - M28LV16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28LV64 STMICROELECTRONICS-M28LV64 Datasheet
127Kb / 18P
   64K 8K x 8 LOW VOLTAGE PARALLEL EEPROM with SOFTWARE DATA PROTECTION
M28LV64-200K1 STMICROELECTRONICS-M28LV64-200K1 Datasheet
127Kb / 18P
   64K 8K x 8 LOW VOLTAGE PARALLEL EEPROM with SOFTWARE DATA PROTECTION
M28LV64-200K6 STMICROELECTRONICS-M28LV64-200K6 Datasheet
127Kb / 18P
   64K 8K x 8 LOW VOLTAGE PARALLEL EEPROM with SOFTWARE DATA PROTECTION
M28LV64-200MS1 STMICROELECTRONICS-M28LV64-200MS1 Datasheet
127Kb / 18P
   64K 8K x 8 LOW VOLTAGE PARALLEL EEPROM with SOFTWARE DATA PROTECTION
M28LV64-200MS6 STMICROELECTRONICS-M28LV64-200MS6 Datasheet
127Kb / 18P
   64K 8K x 8 LOW VOLTAGE PARALLEL EEPROM with SOFTWARE DATA PROTECTION
More results

Similar Description - M28LV16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28C16 STMICROELECTRONICS-M28C16 Datasheet
129Kb / 18P
   16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
M28C17 STMICROELECTRONICS-M28C17 Datasheet
165Kb / 17P
   16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
M28C16B STMICROELECTRONICS-M28C16B Datasheet
131Kb / 17P
   16 Kbit 2K x 8 Parallel EEPROM With Software Data Protection
M28LV64 STMICROELECTRONICS-M28LV64 Datasheet
127Kb / 18P
   64K 8K x 8 LOW VOLTAGE PARALLEL EEPROM with SOFTWARE DATA PROTECTION
M28C64 STMICROELECTRONICS-M28C64 Datasheet
153Kb / 24P
   64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection
M28010 STMICROELECTRONICS-M28010 Datasheet
150Kb / 23P
   1 Mbit 128K x 8 Parallel EEPROM With Software Data Protection
logo
Microchip Technology
28C16A MICROCHIP-28C16A Datasheet
64Kb / 8P
   16K (2K x 8) CMOS EEPROM
1996
28C16A MICROCHIP-28C16A_04 Datasheet
125Kb / 10P
   16K (2K x 8) CMOS EEPROM
2004
28C17A MICROCHIP-28C17A Datasheet
67Kb / 8P
   16K (2K x 8) CMOS EEPROM
1996
logo
Renesas Technology Corp
X4163 RENESAS-X4163 Datasheet
880Kb / 22P
   16K, 2K x 8 Bit CPU Supervisor with 16K EEPROM
November 26, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com