Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA124EET1 Datasheet(PDF) 10 Page - ON Semiconductor

Part # DTA124EET1
Description  Bias Resistor Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTA124EET1 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button DTA124EET1 Datasheet HTML 4Page - ON Semiconductor DTA124EET1 Datasheet HTML 5Page - ON Semiconductor DTA124EET1 Datasheet HTML 6Page - ON Semiconductor DTA124EET1 Datasheet HTML 7Page - ON Semiconductor DTA124EET1 Datasheet HTML 8Page - ON Semiconductor DTA124EET1 Datasheet HTML 9Page - ON Semiconductor DTA124EET1 Datasheet HTML 10Page - ON Semiconductor DTA124EET1 Datasheet HTML 11Page - ON Semiconductor DTA124EET1 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
DTA114EET1 SERIES
http://onsemi.com
10
PACKAGE DIMENSIONS
SC–75
(SOT–416)
CASE 463–01
ISSUE B
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
0.70
0.80
0.028
0.031
B
1.40
1.80
0.055
0.071
C
0.60
0.90
0.024
0.035
D
0.15
0.30
0.006
0.012
G
1.00 BSC
0.039 BSC
H
–––
0.10
–––
0.004
J
0.10
0.25
0.004
0.010
K
1.45
1.75
0.057
0.069
L
0.10
0.20
0.004
0.008
S
0.50 BSC
0.020 BSC
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
M
0.20 (0.008)
B
–A–
–B–
S
D
G
3 PL
0.20 (0.008) A
K
J
L
C
H
3
2
1
STYLE 1:
PIN 1. BASE
2. EMITTER
3. COLLECTOR
STYLE 2:
PIN 1. ANODE
2. N/C
3. CATHODE
STYLE 3:
PIN 1. ANODE
2. ANODE
3. CATHODE
STYLE 4:
PIN 1. CATHODE
2. CATHODE
3. ANODE


Similar Part No. - DTA124EET1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTA124EET1 ONSEMI-DTA124EET1 Datasheet
142Kb / 12P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
July, 2004 ??Rev. 4
DTA124EET1 ONSEMI-DTA124EET1 Datasheet
108Kb / 13P
   Bias Resistor Transistors
March, 2006 ??Rev. 6
DTA124EET1G ONSEMI-DTA124EET1G Datasheet
108Kb / 13P
   Bias Resistor Transistors
March, 2006 ??Rev. 6
DTA124EET1G ONSEMI-DTA124EET1G Datasheet
146Kb / 12P
   Digital Transistors (BRT) R1 = 22 k, R2 = 22 k
September, 2012 ??Rev. 1
DTA124EET1G ONSEMI-DTA124EET1G Datasheet
149Kb / 12P
   Digital Transistors (BRT) R1 = 22 kOhm, R2 = 22 kOhm
March, 2013 ??Rev. 3
More results

Similar Description - DTA124EET1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_06 Datasheet
109Kb / 12P
   Bias Resistor Transistor
February, 2006 ??Rev. 8
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
132Kb / 12P
   Bias Resistor Transistor
October, 2004 ??Rev. 7
logo
Leshan Radio Company
LDTA123YET1G LRC-LDTA123YET1G_15 Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTA124GET1G LRC-LDTA124GET1G_15 Datasheet
285Kb / 3P
   Bias Resistor Transistor
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211_07 Datasheet
470Kb / 10P
   Bias Resistor Transistor
logo
ON Semiconductor
MMUN2211LT1 ONSEMI-MMUN2211LT1 Datasheet
104Kb / 12P
   Bias Resistor Transistor
May, 2004 ??Rev. 4
logo
E-Tech Electronics LTD
MMUN2211 ETL-MMUN2211 Datasheet
269Kb / 8P
   Bias Resistor Transistor
logo
Leshan Radio Company
LDTC123TLT1G LRC-LDTC123TLT1G Datasheet
217Kb / 3P
   Bias Resistor Transistor
MUN2211RT1 LRC-MUN2211RT1 Datasheet
328Kb / 8P
   Bias Resistor Transistor
LDTA123YET1G LRC-LDTA123YET1G Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTC113ZET1G LRC-LDTC113ZET1G Datasheet
278Kb / 3P
   Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com