Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJU8714VB2 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJU8714VB2
Description  STEREO BTL OUTPUTS SWITCHING DRIVER FOR Class D AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU8714VB2 Datasheet(HTML) 5 Page - New Japan Radio

  NJU8714VB2 Datasheet HTML 1Page - New Japan Radio NJU8714VB2 Datasheet HTML 2Page - New Japan Radio NJU8714VB2 Datasheet HTML 3Page - New Japan Radio NJU8714VB2 Datasheet HTML 4Page - New Japan Radio NJU8714VB2 Datasheet HTML 5Page - New Japan Radio NJU8714VB2 Datasheet HTML 6Page - New Japan Radio NJU8714VB2 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NJU3555
NJU3555
NJU8714
-5 -
Ver.2004-05-21
TIMING CHARACTERISTICS
Audio Signal Input
(Ta=25
°C, VDD=2.5V, VDDO1=VDDO2=1.7V, VSS=VSSO=0V,
STBYB=HALTB=SEL=2.5V, fs=44.1kHz, unless otherwise noted)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
MCK Frequency
fMCKI
8
-
35
MHz
MCK Pulse Width (H)
tMCKH
9
-
-
ns
MCK Pulse Width (L)
tMCKL
9
-
-
ns
DIN1,DIN2 Setup Time
tDS
5
-
-
ns
DIN1,DIN2 Hold Time
tDH
5
-
-
ns
BEEP Frequency
fb
0.1
20
kHz
Output Control Signal Input
(Ta=25
°C, VDD=2.5V, VDDO1=VDDO2=1.7V, VSS=VSSO=0V,
STBYB=HALTB=SEL=2.5V, fs=44.1kHz, unless otherwise noted)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Rise Time
tUP
-
-
50
ns
Fall Time
tDN
-
-
50
ns
tDN
tUP
BEEPIN, HALTB
STBYB, SEL
0.9VDD
0.1VDD
tMCKH
tDS
tDH
MCK
DIN1,DIN2
tMCKL
0.7VDD
0.7VDD
0.3VDD
0.3VDD


Similar Part No. - NJU8714VB2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU8710 NJRC-NJU8710 Datasheet
90Kb / 6P
   2V Operation Clock-less Switching Driver for Class D Amplifier
NJU8710R NJRC-NJU8710R Datasheet
90Kb / 6P
   2V Operation Clock-less Switching Driver for Class D Amplifier
NJU8711 NJRC-NJU8711 Datasheet
97Kb / 7P
   3V Operation Switching Driver for Class D Amplifier
NJU8711V NJRC-NJU8711V Datasheet
97Kb / 7P
   3V Operation Switching Driver for Class D Amplifier
NJU8713 NJRC-NJU8713 Datasheet
100Kb / 8P
   2V Operation Switching Driver for Class D Amplifier
More results

Similar Description - NJU8714VB2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU8719 NJRC-NJU8719 Datasheet
79Kb / 6P
   Monaural BTL Output Switching Driver for Class D Amplifier
NJU8789 NJRC-NJU8789 Datasheet
198Kb / 6P
   Monaural BTL Output Clock-less Switching Driver for Class D Amplifier
logo
NXP Semiconductors
TFA9812 NXP-TFA9812 Datasheet
384Kb / 66P
   BTL stereo Class-D audio amplifier with I2S input
Rev. 01-30 October 2008
TFA9812 PHILIPS-TFA9812 Datasheet
385Kb / 66P
   BTL stereo Class-D audio amplifier with I2S input
Rev. 02-22 January 2009
logo
Texas Instruments
TPA3144D2 TI1-TPA3144D2 Datasheet
1Mb / 40P
[Old version datasheet]   6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
logo
STMicroelectronics
TDA7490L STMICROELECTRONICS-TDA7490L_05 Datasheet
242Kb / 11P
   20W 20W STEREO CLASS-D AMPLIFIER 40W MONO IN BTL
TDA7490 STMICROELECTRONICS-TDA7490 Datasheet
193Kb / 10P
   25W 25W STEREO CLASS-D AMPLIFIER 50W MONO IN BTL
logo
Texas Instruments
TPA3140D2 TI1-TPA3140D2 Datasheet
1Mb / 40P
[Old version datasheet]   10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
logo
Richtek Technology Corp...
RT9116 RICHTEK-RT9116 Datasheet
240Kb / 11P
   10W Stereo Class-D Speaker Driver Amplifier
logo
Lyontek Inc.
LY8271A LYONTEK-LY8271A_17 Datasheet
666Kb / 19P
   16Wx2(BTL) Stereo / 20Wx1(PBTL) Mono Class D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com