Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL400 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # IL400
Description  Optocoupler, PhotoSCR Output, 400 VRM, 1 A surge current
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL400 Datasheet(HTML) 3 Page - Vishay Siliconix

  IL400 Datasheet HTML 1Page - Vishay Siliconix IL400 Datasheet HTML 2Page - Vishay Siliconix IL400 Datasheet HTML 3Page - Vishay Siliconix IL400 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
IL400
Document Number 83626
Rev. 1.5, 26-Oct-04
Vishay Semiconductors
www.vishay.com
3
Coupler
Package Dimensions in Inches (mm)
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Turn-on current
VFX = 100 V
IFT
0.5
5.0
10.0
mA
Capacitance (input-output)
f = 1.0 MHz
CIO
2pF
i178004
.010 (.25)
typ.
.114 (2.90)
.130 (3.0)
.130 (3.30)
.150 (3.81)
.031 (0.80) min.
.300 (7.62)
typ.
.031 (0.80)
.035 (0.90)
.100 (2.54) typ.
.039
(1.00)
Min.
.018 (0.45)
.022 (0.55)
.048 (0.45)
.022 (0.55)
.248 (6.30)
.256 (6.50)
.335 (8.50)
.343 (8.70)
pin one ID
6
5
4
1
2
3
18°
3°–9°
.300–.347
(7.62–8.81)
typ.
ISO Method A
.315 (8.0)
MIN.
.300 (7.62)
TYP.
.180 (4.6)
.160 (4.1)
.331 (8.4)
MIN.
.406 (10.3)
MAX.
.028 (0.7)
MIN.
Option 7
18494
min.
.315 (8.00)
.020 (.51)
.040 (1.02)
.300 (7.62)
ref.
.375 (9.53)
.395 (10.03)
.012 (.30) typ.
.0040 (.102)
.0098 (.249)
15° max.
Option 9


Similar Part No. - IL400

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL400 SIEMENS-IL400 Datasheet
21Kb / 1P
   PHOTO SCR OPTOCOUPLER
More results

Similar Description - IL400

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
H11C4 VISHAY-H11C4 Datasheet
95Kb / 5P
   Optocoupler, PhotoSCR Output, 400 V VRM, 5 A surge current
Rev. 1.6, 26-Oct-04
VO3020 VISHAY-VO3020 Datasheet
183Kb / 8P
   Optocoupler, Phototriac Output, 400 VDRM
Rev. 1.2, 09-Sep-13
VO3021 VISHAY-VO3021_V01 Datasheet
203Kb / 11P
   Optocoupler, Phototriac Output, 400 VDRM
01-Jan-2022
logo
List of Unclassifed Man...
HCPL-3020 ETC1-HCPL-3020 Datasheet
73Kb / 1P
   0.2 A Output Current Gate Drive Optocoupler
logo
ON Semiconductor
FOD8314 ONSEMI-FOD8314 Datasheet
434Kb / 20P
   1.0 A Output Current, Gate Drive Optocoupler
March 2016 Rev. 1.1
logo
Vishay Siliconix
K3020P VISHAY-K3020P_05 Datasheet
196Kb / 10P
   Optocoupler, Phototriac Output, 400 V VDRM
Rev. 1.9, 26-Oct-04
logo
ON Semiconductor
FOD8342 ONSEMI-FOD8342 Datasheet
444Kb / 21P
   3.0 A Output Current, High Speed Gate Drive Optocoupler
March 2016 Rev. 1.1
FOD8343 ONSEMI-FOD8343 Datasheet
704Kb / 20P
   4.0 A Output Current, High Speed Gate Drive Optocoupler
May 2017 Rev. 1.0
FOD3125 ONSEMI-FOD3125 Datasheet
301Kb / 18P
   High Temperature, 2.5 A Output Current, Gate Drive Optocoupler
March, 2020 ??Rev. 2
logo
Vishay Siliconix
K3020P VISHAY-K3020P_16 Datasheet
152Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 400 VDRM
Rev. 2.4, 30-Aug-16
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com