Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IS660 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. IS660
Description  HIGH VOLTAGE DARLINGTON OUTPUT OPTICALLY COUPLED ISOLATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IS660 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  IS660 Datasheet HTML 1Page - List of Unclassifed Manufacturers IS660 Datasheet HTML 2Page - List of Unclassifed Manufacturers IS660 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DB92260m-AAS/A1
7/12/00
0
0.5
1.0
Relative Current Transfer Ratio
vs. Ambient Temperature
0
0.4
0.8
1.2
1.6
2.0
40
60
Collector-emitter voltage V
CE ( V )
20
0
-30
0
25
50
75
100
Ambient temperature T
A ( °C )
Collector Current vs. Collector-emitter
Voltage
1.5
-30
0
25
50
75
100
Ambient temperature T
A ( °C )
Collector Dark Current vs.
Ambient Temperature
V
CE= 200V
-30
0
25
50
75
100
125
Ambient temperature T
A ( °C )
200
0
Ambient temperature T
A ( °C )
60
30
20
10
0
40
50
-30
0
25
50
75
100
125
Collector Power Dissipation vs. Ambient Temperature
Forward Current vs. Ambient Temperature
100
-30
0
25
50
75
100
Ambient temperature T
A ( °C )
Collector-emitter Saturation
Voltage vs. Ambient Temperature
0
0.2
0.4
0.6
0.8
1.0
1.2
I
F = 20mA
I
C = 100mA
80
100
120
140
I
F = 0.5mA
1mA
2mA
4mA
10mA
I
F = 1mA
V
CE= 2V
10-11
10-10
10-9
10-8
10-7
10-6
10-5
300
400


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn