Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VLMRGB6112-00-GS08 Datasheet(PDF) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # VLMRGB6112-00-GS08
Description  Multi SMD LED RGB
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

VLMRGB6112-00-GS08 Datasheet(HTML) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  VLMRGB6112-00-GS08 Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMRGB6112-00-GS08 Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMRGB6112-00-GS08 Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMRGB6112-00-GS08 Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMRGB6112-00-GS08 Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMRGB6112-00-GS08 Datasheet HTML 6Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMRGB6112-00-GS08 Datasheet HTML 7Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMRGB6112-00-GS08 Datasheet HTML 8Page - HK TO-GRACE TECHNOLOGY CO.,LTD. VLMRGB6112-00-GS08 Datasheet HTML 9Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
VLMRGB6112..
www.vishay.com
Vishay Semiconductors
Rev. 1.1, 12-Apr-17
1
Document Number: 84342
For technical questions, contact: LED@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Multi SMD LED RGB
DESCRIPTION
The VLMRGB611.. is a high brightness tricolor LED
designed primarily for interior automotive lighting, RGB
displays and backlights. It is using the popular 3528 SMD
package with white reflector and lambertian emission
characteristic. The PLCC-6 package allows independent
individual driving of each chip also in serial circuits and thus
a gapless coverage of a wide color space by additive color
mixing. It provides high reliability in a large temperature
range from -40 °C to +110°C, using highly suitable UV stable
package materials and corrosion resistant metal surfaces.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: SMD PLCC-6
• Product series: RGB
• Angle of half intensity: ± 60°
FEATURES
• Utilizing high brightness AlInGaP and InGaN
chip technologies
• 6 pin RGB SMD LED package allows
independent control of each chip
• Compact
package
outline
dimensions
(L x W x H in mm): 3.5 x 2.8 x 1.45
• AEC-Q101 qualified, according to version D
• Qualified according to JEDEC® moisture
sensitivity level 2
• Compatible to IR reflow soldering
• Operation temperature range: -40 °C to 110 °C
• Excellent corrosion robustness (H2S)
• ESD-withstand voltage: up to 2 kV according to
JESD22-A114-B
• Luminous intensities and colors categorized per reel
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Automotive, interior lighting
• Wide range of accent and decorative lighting
• Displays: full color message and displays video boards
• Consumer appliances: backlight LCDs, PDAs, TVs
• Industry: white goods such as ovens, microwaves, etc.
Note
• Measurement accuracy: ± 11 % for luminous intensity, ± 1 nm for dominant wavelength, ± 0.1 V for forward voltage
PARTS TABLE
PART
COLOR
LUMINOUS
INTENSITY
(mcd)
at IF
(mA)
WAVELENGTH
(nm)
at IF
(mA)
FORWARD
VOLTAGE
(V)
at IF
(mA)
TECHNOLOGY
MIN. TYP. MAX.
MIN. TYP. MAX.
MIN. TYP. MAX.
VLMRGB6112-00-GS08
Red
560
730
920
20
618
624
629
20
1.8
2.0
2.4
20
AlInGaP
True green
900
1030
1800
20
519
526
534
20
2.7
3.1
3.6
20
InGaN
Blue
180
230
450
20
463
469
476
20
2.7
3.0
3.6
20
InGaN


Similar Part No. - VLMRGB6112-00-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMRGB6112-00-GS08 VISHAY-VLMRGB6112-00-GS08 Datasheet
214Kb / 9P
   Multi SMD LED RGB
Rev. 1.0, 14-Jun-16
VLMRGB6112-00-GS08 VISHAY-VLMRGB6112-00-GS08 Datasheet
214Kb / 9P
   Multi SMD LED RGB
Rev. 1.0, 14-Jun-16
VLMRGB6112-00-GS08 VISHAY-VLMRGB6112-00-GS08 Datasheet
208Kb / 9P
   Multi SMD LED RGB
01-Jan-2023
More results

Similar Description - VLMRGB6112-00-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMRGB343-ST-UV-RS VISHAY-VLMRGB343-ST-UV-RS Datasheet
222Kb / 9P
   Multi SMD LED RGB
Rev. 1.4, 20-Apr-09
VLMRGB6112 VISHAY-VLMRGB6112 Datasheet
214Kb / 9P
   Multi SMD LED RGB
Rev. 1.0, 14-Jun-16
VLMRGB6112-00-GS08 VISHAY-VLMRGB6112-00-GS08 Datasheet
214Kb / 9P
   Multi SMD LED RGB
Rev. 1.0, 14-Jun-16
VLMRGB343 VISHAY-VLMRGB343 Datasheet
186Kb / 7P
   Multi SMD LED RGB
Rev. 1.7, 18-Sep-14
logo
HK TO-GRACE TECHNOLOGY ...
VLMRGB343-ST-UV-RS TO-GRACE-VLMRGB343-ST-UV-RS Datasheet
685Kb / 7P
   Multi SMD LED RGB
logo
Vishay Siliconix
VLMRGB6112 VISHAY-VLMRGB6112_V02 Datasheet
208Kb / 9P
   Multi SMD LED RGB
01-Jan-2023
VLMRGB6112 VISHAY-VLMRGB6112_V01 Datasheet
209Kb / 9P
   Multi SMD LED RGB
01-Jan-2022
logo
WORLDSEMI CO., LIMITED
WS-5050RGB WORLDSEMI-WS-5050RGB Datasheet
299Kb / 5P
   RGB SMD LED
logo
Cree, Inc
UHD1110-FKA CREE-UHD1110-FKA Datasheet
1Mb / 11P
   Cree짰 RGB SMD LED
logo
List of Unclassifed Man...
QBLP650-RGB ETC1-QBLP650-RGB Datasheet
616Kb / 10P
   SMD 1210 RGB LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com