Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28RS480ZXCT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY28RS480ZXCT
Description  Clock Generator for ATI RS480 Chipset
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28RS480ZXCT Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY28RS480ZXCT Datasheet HTML 1Page - Cypress Semiconductor CY28RS480ZXCT Datasheet HTML 2Page - Cypress Semiconductor CY28RS480ZXCT Datasheet HTML 3Page - Cypress Semiconductor CY28RS480ZXCT Datasheet HTML 4Page - Cypress Semiconductor CY28RS480ZXCT Datasheet HTML 5Page - Cypress Semiconductor CY28RS480ZXCT Datasheet HTML 6Page - Cypress Semiconductor CY28RS480ZXCT Datasheet HTML 7Page - Cypress Semiconductor CY28RS480ZXCT Datasheet HTML 8Page - Cypress Semiconductor CY28RS480ZXCT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Clock Generator for ATIRS480 Chipset
CY28RS480
Cypress Semiconductor Corporation
3901 North First Street
San Jose
, CA 95134
408-943-2600
Document #: 38-07638 Rev. *C
Revised February 21, 2005
Features
• Supports AMDCPU
• 200-MHz differential CPU clock pairs
• 100-MHz differential SRC clocks
• 48-MHz USB clock
• 33-MHz PCI clock
• 66-MHz HyperTransport
 clock
•I2C support with readback capabilities
• Ideal Lexmark Spread Spectrum profile for maximum
electromagnetic interference (EMI) reduction
• 3.3V power supply
• 56-pin SSOP and TSSOP packages
CPU
SRC
HTT66
PCI
REF
USB_48
x2
x8
x1
x1
x 3
x 1
Block Diagram
Pin Configuration
XIN
XOUT
USB_48
VSS_48
NC
SCLK
SDATA
NC
CLKREQ#0
CLKREQ#1
SRCT5
SRCC5
VDD_SRC
VSS_SRC
SRCT4
SRCC4
SRCT3
SRCC3
VSS_SRC
VDD_SRC
SRCT2
SRCC2
SRCT1
SRCC1
VDD_REF
VSS_REF
SRCST0
VSS_SRC1
VSSA
IREF
VDDA
CPUT1
CPUC1
VSS_CPU
VDD_CPU
CPUT0
HTT66
VSS_HTT
VDD_HTT
PCI0
VDD_PCI
REF1
REF2
REF0
VDD_SRC1
VSS_SRC
SRCST1
SRCSC1
SRCT0
SRCC0
VSS_SRCS
SRCSC0
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
32
31
30
29
VDD_REF
XTAL
PLL Ref Freq
XOUT
XIN
OSC
SCLK
PLL1
I2C
Logic
VDD_48 MHz
SDATA
VDD_PCI
Divider
Network
VDD_CPU
REF[0:2]
IREF
PCI
PLL2
CPUT[0:1], CPUC[0:1],
VDD_SRC
SRCT[0:5],SRCC[0:5]
USB_48
CPU_STP#
CLKREQ[0:1]#
VDD_48
VDD_SRCS
VSS_PCI
56 SSOP/TSSOP
PD
VDD_SRCS
SRCST[0:1],SRCSC[0:1]
CPUC0
VDD_HTT
HTT66


Similar Part No. - CY28RS480ZXCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28RS480ZXCT SPECTRALINEAR-CY28RS480ZXCT Datasheet
144Kb / 14P
   Clock Generator for ATI RS480 Chipset
More results

Similar Description - CY28RS480ZXCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28RS480 SPECTRALINEAR-CY28RS480 Datasheet
144Kb / 14P
   Clock Generator for ATI RS480 Chipset
logo
Cypress Semiconductor
CY28RS480-1 CYPRESS-CY28RS480-1 Datasheet
231Kb / 16P
   Clock Generator for ATI RS480 Chipset
CY28RS400 CYPRESS-CY28RS400 Datasheet
256Kb / 19P
   Clock Generator for ATI RS400 Chipset
logo
SpectraLinear Inc
CY28RS400 SPECTRALINEAR-CY28RS400 Datasheet
179Kb / 18P
   Clock Generator for ATI RS400 Chipset
logo
Renesas Technology Corp
ICS951416 RENESAS-ICS951416 Datasheet
435Kb / 26P
   System Clock Chip for ATI RS480
2019
ICS951412B RENESAS-ICS951412B Datasheet
395Kb / 22P
   System Clock Chip for ATI RS480 K8-based Systems
2019
logo
Integrated Circuit Syst...
ICS951412 ICST-ICS951412 Datasheet
283Kb / 10P
   System Clock Chip for ATI RS480 K8-based Systems
logo
Renesas Technology Corp
IDTCV137 RENESAS-IDTCV137 Datasheet
323Kb / 18P
   PROGRAMMABLE FLEXPC™ CLOCK FOR AMD K8 PROCESSOR ATI RS480
MARCH 2005
IDTCV149 RENESAS-IDTCV149 Datasheet
595Kb / 18P
   PROGRAMMABLE FLEXPC™ CLOCK FOR AMD K8 PROCESSOR ATI RS480
MAY 2004
logo
Silicon Laboratories
SL28541 SILABS-SL28541 Datasheet
307Kb / 31P
   Clock Generator for Intel짰Mobile Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com