Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4C1M16F5-60TI Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AS4C1M16F5-60TI
Description  5V 1M X 16 CMOS DRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AS4C1M16F5-60TI Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AS4C1M16F5-60TI Datasheet HTML 1Page - List of Unclassifed Manufacturers AS4C1M16F5-60TI Datasheet HTML 2Page - List of Unclassifed Manufacturers AS4C1M16F5-60TI Datasheet HTML 3Page - List of Unclassifed Manufacturers AS4C1M16F5-60TI Datasheet HTML 4Page - List of Unclassifed Manufacturers AS4C1M16F5-60TI Datasheet HTML 5Page - List of Unclassifed Manufacturers AS4C1M16F5-60TI Datasheet HTML 6Page - List of Unclassifed Manufacturers AS4C1M16F5-60TI Datasheet HTML 7Page - List of Unclassifed Manufacturers AS4C1M16F5-60TI Datasheet HTML 8Page - List of Unclassifed Manufacturers AS4C1M16F5-60TI Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
AS4C1M16F5
4/11/01; v.0.9.1
Alliance Semiconductor
P. 3 of 21
®
Absolute maximum ratings
DC electrical characteristics
Parameter
Symbol
Min
Max
Unit
Input voltage
Vin
-1.0
+7.0
V
Input voltage (DQs)
VDQ
-1.0
VCC + 0.5
V
Power supply voltage
VCC
-1.0
+7.0
V
Storage temperature (plastic)
TSTG
-55
+150
°C
Soldering temperature × time
TSOLDER
–260 × 10
oC × sec
Power dissipation
PD
–1
W
Short circuit output current
Iout
–50
mA
Parameter
Symbol
Test conditions
-50
-60
Unit
Notes
MinMax
MinMax
Input leakage current
IIL
0V
≤ V
in ≤ +5.5V,
Pins not under test = 0V
-5
+5
-5
+5
µA
Output leakage current
IOL
DOUT disabled, 0V ≤ Vout ≤ +5.5V
-5+5-5+5
µA
Operating power
supply current
ICC1
RAS
, UCAS, LCAS, Address cycling;
tRC=min
170
160
mA
1,2
TTL standby power
supply current
ICC2
RAS
= UCAS = LCAS
≥ V
IH
2.5
2.5
mA
Average power supply
current, RAS refresh mode
or CBR
ICC3
RAS
cycling, UCAS = LCAS
≥ V
IH,
tRC = min of RAS low after XCAS low.
170
160
mA
1
Fast page mode average
power supply current
ICC4
RAS
= VIL, UCAS or LCAS,
address cycling: tPC = min
120
110
mA
1, 2
CMOS standby power
supply current
ICC5
RAS
= UCAS = LCAS = VCC - 0.2V
2.0
2.0
mA
Output voltage
VOH
IOUT = -5.0 mA
2.4
2.4
V
VOL
IOUT = 4.2 mA
0.4
0.4
V
CAS
before RAS refresh
current
ICC6
RAS
, UCAS or LCAS cycling, tRC = min
170
160
mA


Similar Part No. - AS4C1M16F5-60TI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C1M16E5 ALSC-AS4C1M16E5 Datasheet
603Kb / 22P
   5V 1M횞16 CMOS DRAM (EDO)
AS4C1M16E5-45JC ALSC-AS4C1M16E5-45JC Datasheet
603Kb / 22P
   5V 1M횞16 CMOS DRAM (EDO)
AS4C1M16E5-45TC ALSC-AS4C1M16E5-45TC Datasheet
603Kb / 22P
   5V 1M횞16 CMOS DRAM (EDO)
AS4C1M16E5-50JC ALSC-AS4C1M16E5-50JC Datasheet
603Kb / 22P
   5V 1M횞16 CMOS DRAM (EDO)
AS4C1M16E5-50JI ALSC-AS4C1M16E5-50JI Datasheet
603Kb / 22P
   5V 1M횞16 CMOS DRAM (EDO)
More results

Similar Description - AS4C1M16F5-60TI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4LC2M8S1 ALSC-AS4LC2M8S1 Datasheet
712Kb / 28P
   3.3V 2M x 8/1M x 16 CMOS synchronous DRAM
logo
List of Unclassifed Man...
HY514400 ETC1-HY514400 Datasheet
916Kb / 18P
   1M x 4-bit CMOS DRAM
HY514400A ETC1-HY514400A Datasheet
804Kb / 18P
   1M x 4-bit CMOS DRAM
logo
Alliance Semiconductor ...
AS4C1M16S ALSC-AS4C1M16S Datasheet
2Mb / 53P
   1M x 16 bit Synchronous DRAM
AS4C256K16FO ALSC-AS4C256K16FO Datasheet
526Kb / 25P
   5V 256K X 16 CMOS DRAM (Fast Page Mode)
logo
List of Unclassifed Man...
AS4LC1M16E5 ETC-AS4LC1M16E5 Datasheet
604Kb / 22P
   3V 1M X 6 CMOS DRAM (EDO)
logo
Alliance Semiconductor ...
AS4C1M16S-7TCN ALSC-AS4C1M16S-7TCN Datasheet
1Mb / 54P
   1M x 16 bit Synchronous DRAM (SDRAM)
logo
Etron Technology, Inc.
EM636165TS ETRON-EM636165TS Datasheet
489Kb / 52P
   1M x 16 bit Synchronous DRAM (SDRAM)
logo
Generalplus Technology ...
GPR323616A GENERALPLUS-GPR323616A Datasheet
1Mb / 56P
   1M x 16 bit Synchronous DRAM (SDRAM)
logo
Micron Technology
MT4C16270 MICRON-MT4C16270 Datasheet
278Kb / 22P
   DRAM 256K X 16 DRAM 5V, EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com