Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28RS480 Datasheet(PDF) 15 Page - Cypress Semiconductor

Part # CY28RS480
Description  Clock Generator for ATI RS480 Chipset
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28RS480 Datasheet(HTML) 15 Page - Cypress Semiconductor

Back Button CY28RS480 Datasheet HTML 7Page - Cypress Semiconductor CY28RS480 Datasheet HTML 8Page - Cypress Semiconductor CY28RS480 Datasheet HTML 9Page - Cypress Semiconductor CY28RS480 Datasheet HTML 10Page - Cypress Semiconductor CY28RS480 Datasheet HTML 11Page - Cypress Semiconductor CY28RS480 Datasheet HTML 12Page - Cypress Semiconductor CY28RS480 Datasheet HTML 13Page - Cypress Semiconductor CY28RS480 Datasheet HTML 14Page - Cypress Semiconductor CY28RS480 Datasheet HTML 15Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
CY28RS480
Document #: 38-07638 Rev. *C
Page 15 of 15
Document History Page
Document Title: CY28RS480 Clock Generator for ATIRS480 Chipset
Document Number: 38-07638
REV.
ECN NO. Issue Date
Orig. of
Change
Description of Change
**
204582
See ECN
RGL
New data sheet
*A
215828
See ECN
RGL
Minor change: posted to external web site
*B
267850
See ECN
RGL
Changed pins 10 and 11 from internal Pull up to Pull down
Changed polarity of CLKREQ#
Added register byte 3 bits [1:3] for CPU Stop control
Changed the Slew rate to max of 6.5V/ns
Changed the IDD max load from 400 to 450 mA
Changed the IPD Outputs Driven from 70 to 75 mA
Changed the CPU Duty Cycle from 45 to 53 to 45 to 55%
Changed the HTT66 Cycle to cycle jitter from 300 to 450 ps
Fixed the Single-ended loading diagram
*C
325360
See ECN
RGL
Fixed the ordering information table to match the parts in the DevMaster


Similar Part No. - CY28RS480

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28RS480 SPECTRALINEAR-CY28RS480 Datasheet
144Kb / 14P
   Clock Generator for ATI RS480 Chipset
logo
Cypress Semiconductor
CY28RS480-1 CYPRESS-CY28RS480-1 Datasheet
231Kb / 16P
   Clock Generator for ATI RS480 Chipset
logo
SpectraLinear Inc
CY28RS480OXC SPECTRALINEAR-CY28RS480OXC Datasheet
144Kb / 14P
   Clock Generator for ATI RS480 Chipset
logo
Cypress Semiconductor
CY28RS480OXC-1 CYPRESS-CY28RS480OXC-1 Datasheet
231Kb / 16P
   Clock Generator for ATI RS480 Chipset
logo
SpectraLinear Inc
CY28RS480OXCT SPECTRALINEAR-CY28RS480OXCT Datasheet
144Kb / 14P
   Clock Generator for ATI RS480 Chipset
More results

Similar Description - CY28RS480

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28RS480 SPECTRALINEAR-CY28RS480 Datasheet
144Kb / 14P
   Clock Generator for ATI RS480 Chipset
logo
Cypress Semiconductor
CY28RS480-1 CYPRESS-CY28RS480-1 Datasheet
231Kb / 16P
   Clock Generator for ATI RS480 Chipset
CY28RS400 CYPRESS-CY28RS400 Datasheet
256Kb / 19P
   Clock Generator for ATI RS400 Chipset
logo
SpectraLinear Inc
CY28RS400 SPECTRALINEAR-CY28RS400 Datasheet
179Kb / 18P
   Clock Generator for ATI RS400 Chipset
logo
Renesas Technology Corp
ICS951416 RENESAS-ICS951416 Datasheet
435Kb / 26P
   System Clock Chip for ATI RS480
2019
ICS951412B RENESAS-ICS951412B Datasheet
395Kb / 22P
   System Clock Chip for ATI RS480 K8-based Systems
2019
logo
Integrated Circuit Syst...
ICS951412 ICST-ICS951412 Datasheet
283Kb / 10P
   System Clock Chip for ATI RS480 K8-based Systems
logo
Renesas Technology Corp
IDTCV137 RENESAS-IDTCV137 Datasheet
323Kb / 18P
   PROGRAMMABLE FLEXPC™ CLOCK FOR AMD K8 PROCESSOR ATI RS480
MARCH 2005
IDTCV149 RENESAS-IDTCV149 Datasheet
595Kb / 18P
   PROGRAMMABLE FLEXPC™ CLOCK FOR AMD K8 PROCESSOR ATI RS480
MAY 2004
logo
Silicon Laboratories
SL28541 SILABS-SL28541 Datasheet
307Kb / 31P
   Clock Generator for Intel짰Mobile Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com