Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM79Q02JC Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AM79Q02JC
Description  Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AM79Q02JC Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AM79Q02JC Datasheet HTML 7Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 8Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 9Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 10Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 11Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 12Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 13Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 14Page - List of Unclassifed Manufacturers AM79Q02JC Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
SLAC Products
11
ABSOLUTE MAXIMUM RATINGS
Storage Temperature . . . . . . . . –60°C < TA < +125°C
Ambient Operating Temperature –40°C < TA < +85°C
Ambient Relative Humidity . . . . . . . . . . . . 5% to 95%
(non-condensing)
VCCA with respect to AGND . . . . . . . .–0.4 V to +7.0 V
VCCA with respect to VCCD . . . . . . . . . . . . . . ±50 mV
VCCD with respect to DGND. . . . . . . .–0.4 V to +7.0 V
VIN with respect to AGND . . .–0.4 V to (VCCA +0.4 V)
AGND with respect to DGND . . . . . . . . . . . . . . ±0.4 V
Other pins
with respect to DGND . . . . . –0.4 V to VCCD +0.4 V
Total combined CD1–C5 current per device:
Source from VCCD . . . . . . . . . . . . . . . . . . . . . 40 mA
Sink into DGND . . . . . . . . . . . . . . . . . . . . . . . . 40 mA
Latch-up immunity (any pin). . . . . . . . . . . . . ±100 mA
Stresses above those listed under Absolute Maximum
Ratings may cause permanent device failure. Functionality
at or above these limits is not implied. Exposure to
Absolute Maximum Ratings for extended periods may
affect device reliability.
OPERATING RANGES
VCCA, Analog Supply . . . . . . . . . . . . . +5.0 V ±0.25 V
VCCA, Analog Supply . . . . . . . . . . . . . . VCCD ±10 mV
VCCD, Digital Supply . . . . . . . . . . . . . +5.0 V ±0.25 V
DGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V
AGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±50 mV
Ambient Temperature . . . . . . . . . . . 0°C < TA < +70°C
Ambient Relative Humidity . . . . . . . . . . . 15% to 95%
Operating Ranges define those limits between which
functionality of the device is guaranteed by production testing.
Functionality of the device from 0
°C to +70°C is guaranteed
by production testing. Performance from –40
°C to +85°C is
guaranteed by characterization and periodic sampling of
production units.


Similar Part No. - AM79Q02JC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM79Q4457 ETC1-AM79Q4457 Datasheet
661Kb / 44P
   Quad Subscriber Line Audio Processing Circuit-Non-Programmable (QSLAC-NP) Devices
AM79Q4457J ETC1-AM79Q4457J Datasheet
661Kb / 44P
   Quad Subscriber Line Audio Processing Circuit-Non-Programmable (QSLAC-NP) Devices
AM79Q4457JC ETC1-AM79Q4457JC Datasheet
661Kb / 44P
   Quad Subscriber Line Audio Processing Circuit-Non-Programmable (QSLAC-NP) Devices
AM79Q4457V ETC1-AM79Q4457V Datasheet
661Kb / 44P
   Quad Subscriber Line Audio Processing Circuit-Non-Programmable (QSLAC-NP) Devices
AM79Q4457VC ETC1-AM79Q4457VC Datasheet
661Kb / 44P
   Quad Subscriber Line Audio Processing Circuit-Non-Programmable (QSLAC-NP) Devices
More results

Similar Description - AM79Q02JC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM79Q4457 ETC1-AM79Q4457 Datasheet
661Kb / 44P
   Quad Subscriber Line Audio Processing Circuit-Non-Programmable (QSLAC-NP) Devices
logo
Advanced Micro Devices
AM79C03 AMD-AM79C03 Datasheet
723Kb / 48P
   Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
AM7905A AMD-AM7905A Datasheet
1Mb / 33P
   Subscriber Line Audio-Processing Circuit(SLAC)Device
AM79D2251 AMD-AM79D2251 Datasheet
410Kb / 35P
   Dual Intelligent Subscriber Line Audio-Processing Circuit (ISLAC)
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
STMicroelectronics
L3037 STMICROELECTRONICS-L3037 Datasheet
267Kb / 22P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38630 INFINEON-PBL38630 Datasheet
1Mb / 48P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com