Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GCA1943T Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. GCA1943T
Description  PNP POWER TRANSISTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GCA1943T Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GCA1943T Datasheet HTML 1Page - List of Unclassifed Manufacturers GCA1943T Datasheet HTML 2Page - List of Unclassifed Manufacturers GCA1943T Datasheet HTML 3Page - List of Unclassifed Manufacturers GCA1943T Datasheet HTML 4Page - List of Unclassifed Manufacturers GCA1943T Datasheet HTML 5Page - List of Unclassifed Manufacturers GCA1943T Datasheet HTML 6Page - List of Unclassifed Manufacturers GCA1943T Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
GCA1943T PNP POWER TRANSISTOR
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC)
PARAMETER
VALUE
UNIT
VCEO,MAX
Collector-Emitter Voltage
-230
V
VCBO,MAX
Collector-Base Voltage
-230
V
VEBO,MAX
Emitter-Base Voltage
-5
V
IB,MAX
Base Current
-1.5
A
IC,MAX
Continuous Collector Current
-15
A
Pc,MAX
Collector Power dissipation
150
W
TEMPERATURE RATINGS (Ta=25ºC)
PARAMETER
VALUE
UNIT
Tj,MAX
Junction Temperature
150
oC
TSTG
Storage Temperature
-55~150
oC
DC CHARACTERISTICS ( Ta=25ºC)
PARAMETER
TEST CONDITION
MIN
MAX
UNIT
VCEO
Max Collector-Emitter Voltage
IC=-50 mA
-230
V
ICBO
Collector Cut-off Current
VCB=-230V
-5
uA
IEBO
Emitter Cut-off Current
VEB=-5V
-5
uA
VCE
Collector-Emitter Saturation Voltage
IC=-8A IB=-0.8A
-3
V
VBE
Base-Emitter Saturation Voltage
IC=-7A VCE=-5V
-1.5
V
AC CHARACTERISTICS ( Ta=25ºC)
PARAMETER
TEST CONDITION
MIN
MAX
UNIT
fT
Transition frequency
IC=-1A VCE=-5V
30
MHz
COB
Collector Output Capacitance
VCB=-10V,f=1MHZ
360
pF
IC=-1A VCE=-5V
55
160
-
hFE
Current Gain
IC=-7A VCE=-5V
35
60
-
GateLevel 10 Changi South St 3 #5-03 Singapore 486147 Tel : +65-6542 3691/2 Fax : +65-6543 4100 sales@gatelevel.net www.gatelevel.net
2 of 7


Similar Part No. - GCA1943T

ManufacturerPart No.DatasheetDescription
SanRex Corporation
SanRex Corporation
GCA100AA120 SANREX-GCA100AA120 Datasheet
510Kb / 3P
   IGBT MODULE
List of Unclassifed Manufacturers
List of Unclassifed Man...
GCA150AA120 ETC-GCA150AA120 Datasheet
495Kb / 3P
   High speed, high current switching applications.
GCA150BA60 ETC-GCA150BA60 Datasheet
497Kb / 3P
   IGBT MODULE
More results

Similar Description - GCA1943T

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
BD330 PHILIPS-BD330 Datasheet
44Kb / 8P
   PNP power transistor
1999 Apr 26
BD830 PHILIPS-BD830 Datasheet
44Kb / 8P
   PNP power transistor
1999 Apr 21
Seme LAB
Seme LAB
BDX16AA SEME-LAB-BDX16AA Datasheet
41Kb / 2P
   PNP POWER TRANSISTOR
Solid States Devices, Inc
Solid States Devices, I...
TR0015H SSDI-TR0015H Datasheet
149Kb / 3P
   PNP Power Transistor
NXP Semiconductors
NXP Semiconductors
BD231 PHILIPS-BD231 Datasheet
44Kb / 8P
   PNP power transistor
1999 Apr 21
Solid States Devices, Inc
Solid States Devices, I...
TR0013A SSDI-TR0013A Datasheet
62Kb / 2P
   PNP POWER TRANSISTOR
Diodes Incorporated
Diodes Incorporated
FCX1151A DIODES-FCX1151A_17 Datasheet
715Kb / 8P
   PNP POWER TRANSISTOR
TAITRON Components Incorporated
TAITRON Components Inco...
2SB817E TAITRON-2SB817E Datasheet
217Kb / 3P
   Power Transistor (PNP)
STMicroelectronics
STMicroelectronics
BD442 STMICROELECTRONICS-BD442 Datasheet
150Kb / 9P
   PNP power transistor
Solid States Devices, Inc
Solid States Devices, I...
TR0015H SSDI-TR0015H_15 Datasheet
149Kb / 3P
   PNP Power Transistor
Shenzhen Jingdao Electronic Co.,Ltd
Shenzhen Jingdao Electr...
B647 JINGDAO-B647 Datasheet
49Kb / 3P
   PNP Power Transistor
More results


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz