Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADS8381 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part No. ADS8381
Description  18-BIT, 580-kHz, UNIPOLAR INPUT, MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE
Download  35 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

ADS8381 Datasheet(HTML) 2 Page - Texas Instruments

  ADS8381 Datasheet HTML 1Page - Texas Instruments ADS8381 Datasheet HTML 2Page - Texas Instruments ADS8381 Datasheet HTML 3Page - Texas Instruments ADS8381 Datasheet HTML 4Page - Texas Instruments ADS8381 Datasheet HTML 5Page - Texas Instruments ADS8381 Datasheet HTML 6Page - Texas Instruments ADS8381 Datasheet HTML 7Page - Texas Instruments ADS8381 Datasheet HTML 8Page - Texas Instruments ADS8381 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
ADS8381
SLAS364D − APRIL 2002 − REVISED FEBRUARY 2005
www.ti.com
2
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
MODEL
MAXIMUM
INTEGRAL
LINEARITY
(LSB)
MAXIMUM
DIFFERENTIAL
LINEARITY
(LSB)
NO
MISSING
CODES
RESOLU-
TION (BIT)
PACKAGE
TYPE
PACKAGE
DESIGNATOR
TEMPER-
ATURE
RANGE
ORDERING
INFORMATION
TRANS-
PORT
MEDIA
QUANTITY
ADS8381I
±6
−2/3
17
48 Pin
PFB
−40
°C to
ADS8381IPFBT
Tape and
reel 250
ADS8381I
±6
−2/3
17
48 Pin
TQFP
PFB
−40 C to
85
°C
ADS8381IPFBR
Tape and
reel 1000
ADS8381IB
±5
−1/2
18
48 Pin
PFB
−40
°C to
ADS8381IBPFBT
Tape and
reel 250
ADS8381IB
±5
−1/2
18
48 Pin
TQFP
PFB
−40 C to
85
°C
ADS8381IBPFBR
Tape and
reel 1000
NOTE: For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website
at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
UNIT
Voltage
+IN to AGND
−0.4 V to +VA + 0.1 V
Voltage
−IN to AGND
−0.4 V to 0.5 V
+VA to AGND
−0.3 V to 7 V
Voltage range
+VBD to BDGND
−0.3 V to 7 V
Voltage range
+VA to +VBD
−0.3 V to 2.55 V
Digital input voltage to BDGND
−0.3 V to +VBD + 0.3 V
Digital output voltage to BDGND
−0.3 V to +VBD + 0.3 V
Operating free-air temperature range, TA
−40
°C to 85°C
Storage temperature range, Tstg
−65
°C to 150°C
Junction temperature (TJ max)
150
°C
TQFP package
Power dissipation
(TJMax − TA)/θJA
TQFP package
θJA thermal impedance
86
°C/W
Lead temperature, soldering
Vapor phase (60 sec)
215
°C
Lead temperature, soldering
Infrared (15 sec)
220
°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADS841116-BIT 2 MSPS UNIPOLAR INPUT MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE 1 2 3 4 5 MoreBurr-Brown (TI)
ADS841116-BIT 2 MSPS UNIPOLAR INPUT MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE 1 2 3 4 5 MoreBurr-Brown (TI)
ADS840216-BIT 1.25 MSPS UNIPOLAR DIFFERENTIAL INPUT MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE 1 2 3 4 5 MoreBurr-Brown (TI)
ADS848118-BIT 1-MSPS PSEUDO-DIFFERENTIAL UNIPOLAR INPUT MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE 1 2 3 4 5 MoreBurr-Brown (TI)
ADS837116BIT 750KHZ UNIPOLAR INPUT MICRO POWER SAMPLING ANALOG TO DIGITAL CONVERTER WITH PARALLEL INTERFACE 1 2 3 4 5 MoreBurr-Brown (TI)
ADS840116-BIT 1.25 MSPS UNIPOLAR INPUT MICRO POWER SAMPLING ANALOG-TODIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE 1 2 3 4 5 MoreBurr-Brown (TI)
ADS838318-BIT 500-kHz UNIPOLAR INPUT MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE 1 2 3 4 5 MoreTexas Instruments
ADS840616-BIT 1.25 MSPS PSEUDO-BIPOLAR FULLY DIFFERENTIAL INPUT MICRO POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE 1 2 3 4 5 MoreBurr-Brown (TI)
ADS841216-BIT 2 MSPS UNIPOLAR DIFFERENTIAL INPUT MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH PARALLEL INTERFACE AND REFERENCE 1 2 3 4 5 MoreBurr-Brown (TI)
ADS838018-BIT 600-kHz PSEUDO-DIFFERENTIAL INPUT MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE AND REFERENCE 1 2 3 4 5 MoreBurr-Brown (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn