Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5D431K Datasheet(PDF) 4 Page - Shanghai Yint Electronic Co., Ltd

Part # 5D431K
Description  5D Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YINT [Shanghai Yint Electronic Co., Ltd]
Direct Link  https://www.yint.com.cn/
Logo YINT - Shanghai Yint Electronic Co., Ltd

5D431K Datasheet(HTML) 4 Page - Shanghai Yint Electronic Co., Ltd

  5D431K Datasheet HTML 1Page - Shanghai Yint Electronic Co., Ltd 5D431K Datasheet HTML 2Page - Shanghai Yint Electronic Co., Ltd 5D431K Datasheet HTML 3Page - Shanghai Yint Electronic Co., Ltd 5D431K Datasheet HTML 4Page - Shanghai Yint Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Metal Oxide Varistors
Trustworthy electronic circuit protection
expert
5D series
www.yint.com.cn
Rev:19.3
4
降额曲线图
Reduction curve
横轴是冲击时间即浪涌波型宽度,纵轴是冲击电流峰值,
线上的数字是冲击次数
Maximum Surge current i max=f(tr,pules train)
5D180L-5D680K
5D820K-5D681K
伏安特性图
v/i characteristics
A 区是泄露电流图,A=Leakage current
B 区是冲击电流与限制电流对称区
B=Protection level for worst-case varistor tolerances
5D180L-5D681K
Disclaimer
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device
performance may vary over time.
Users should verify actual device performance in their specific applications.


Similar Part No. - 5D431K

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
5D431K WPI-5D431K Datasheet
1Mb / 65P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
5D431K SUNMATE-5D431K Datasheet
685Kb / 4P
   METAL OXIDE VARISTORS
More results

Similar Description - 5D431K

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
SFP-5D-C ATGBICS-SFP-5D-C Datasheet
292Kb / 8P
   SFP-5D Rad Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com