Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HY57V561620 Datasheet(PDF) 5 Page - Hynix Semiconductor

Part No. HY57V561620
Description  4Banks x 4M x 16Bit Synchronous DRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY57V561620 Datasheet(HTML) 5 Page - Hynix Semiconductor

  HY57V561620 Datasheet HTML 1Page - Hynix Semiconductor HY57V561620 Datasheet HTML 2Page - Hynix Semiconductor HY57V561620 Datasheet HTML 3Page - Hynix Semiconductor HY57V561620 Datasheet HTML 4Page - Hynix Semiconductor HY57V561620 Datasheet HTML 5Page - Hynix Semiconductor HY57V561620 Datasheet HTML 6Page - Hynix Semiconductor HY57V561620 Datasheet HTML 7Page - Hynix Semiconductor HY57V561620 Datasheet HTML 8Page - Hynix Semiconductor HY57V561620 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
HY57V561620(L)T
Revision 1.8 / Apr.01
Output
Vtt=1.4V
RT=250
50pF
50pF
Output
DC Output Load Circuit
AC Output Load Circuit
CAPACITANCE (TA=25°C, f=1MHz)
OUTPUT LOAD CIRCUIT
DC CHARACTERISTICS I (TA=0 to 70°C, VDD=3.3
±0.3V)
Note :
1. VIN = 0 to 3.6V, All other pins are not under test = 0V
2. DOUT is disabled, VOUT=0 to 3.6V
Parameter
Pin
Symbol
-H
-8/P/S
Unit
Min
Max
Min
Max
Input capacitance
CLK
CI1
2.5
3.5
2.5
4.0
pF
A0 ~ A12, BA0, BA1, CKE, CS, RAS, CAS,
WE, UDQM, LDQM
CI2
2.5
3.8
2.5
5.0
pF
Data input / output capacitance
DQ0 ~ DQ15
CI/O
4.0
6.5
4.0
6.5
pF
Parameter
Symbol
Min.
Max
Unit
Note
Input leakage current
ILI
-1
1
uA
1
Output leakage current
ILO
-1
1
uA
2
Output high voltage
VOH
2.4
-
V
IOH = -4mA
Output low voltage
VOL
-
0.4
V
IOL =+4mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn