Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C402-10PC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C402-10PC
Description  64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C402-10PC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C402-10PC Datasheet HTML 4Page - Cypress Semiconductor CY7C402-10PC Datasheet HTML 5Page - Cypress Semiconductor CY7C402-10PC Datasheet HTML 6Page - Cypress Semiconductor CY7C402-10PC Datasheet HTML 7Page - Cypress Semiconductor CY7C402-10PC Datasheet HTML 8Page - Cypress Semiconductor CY7C402-10PC Datasheet HTML 9Page - Cypress Semiconductor CY7C402-10PC Datasheet HTML 10Page - Cypress Semiconductor CY7C402-10PC Datasheet HTML 11Page - Cypress Semiconductor CY7C402-10PC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
CY7C401/CY7C403
CY7C402/CY7C404
8
FIFO Expansion[13, 14, 15, 16, 17]
Notes:
13. When the memory is empty, the last word read will remain on the outputs until the master reset is strobed or a new data word bubbles through to the output.
However, OR will remain LOW, indicating data at the output is not valid.
14. When the output data changes as a result of a pulse on SO, the OR signal always goes LOW before there is any change in output data, and stays LOW
until the new data has appeared on the outputs. Anytime OR is HIGH, there is valid, stable data on the outputs.
15. If SO is held HIGH while the memory is empty and a word is written into the input, that word will ripple through the memory to the output. OR will go HIGH
for one internal cycle (at least tORL) and then go back LOW again. The stored word will remain on the outputs. If more words are written into the FIFO,
they will line up behind the first word and will not appear on the outputs until SO has been brought LOW.
16. When the master reset is brought LOW, the outputs are cleared to LOW, IR goes HIGH and OR goes LOW. If SI is HIGH when the master reset goes HIGH,
then the data on the inputs will be written into the memory and IR will return to the LOW state until SI is brought LOW. If SI is LOW when the master reset
is ended, then IR will go HIGH, but the data on the inputs will not enter the memory until SI goes HIGH.
17. All Cypress FIFOs will cascade with other Cypress FIFOs. However, hey may not cascade with pin-compatible FIFOs from other manufacturers.
18. FIFOs can be easily cascaded to any desired depth. The handshaking and associated timing between the FIFOs are handled by the inherent timing of the
devices.
19. FIFOs are expandable in depth and width. However, in forming wider words two external gates are required to generate composite input and output ready
flags. This need is due to the variation of delays of the FIFOs.
SO
OR
SI
IR
DI0
DI1
DI2
DI3
DO0
DO1
DO2
DO3
MR
SO
OR
SI
IR
DI0
DI1
DI2
DI3
DO0
DO1
DO2
DO3
MR
OUTPUT READY
SHIFT IN
SHIFT OUT
INPUT READY
DATA IN
DATA OUT
MR
C401–16
SO
OR
SI
IR
DI0
DI1
DI2
DI3
DO0
DO1
DO2
DO3
MR
SO
OR
SI
IR
DI0
DI1
DI2
DI3
DO0
DO1
DO2
DO3
MR
SO
OR
SI
IR
DI0
DI1
DI2
DI3
DO0
DO1
DO2
DO3
MR
COMPOSITE
OUTPUT READY
SO
OR
SI
IR
DI0
DI1
DI2
DI3
DO0
DO1
DO2
DO3
MR
SO
OR
SI
IR
DI0
DI1
DI2
DI3
DO0
DO1
DO2
DO3
MR
SO
OR
SI
IR
DI0
DI1
DI2
DI3
DO0
DO1
DO2
DO3
MR
SO
OR
SI
IR
DI0
DI1
DI2
DI3
DO0
DO1
DO2
DO3
MR
SO
OR
SI
IR
DI0
DI1
DI2
DI3
DO0
DO1
DO2
DO3
MR
SO
OR
SI
IR
DI0
DI1
DI2
DI3
DO0
DO1
DO2
DO3
MR
SHIFT OUT
MR
COMPOSITE
INPUT READY
SHIFT IN
C401–17
128 x 4 Application[18]
192 x 12 Application[19]


Similar Part No. - CY7C402-10PC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4021KV13 CYPRESS-CY7C4021KV13 Datasheet
1Mb / 46P
   72-Mbit QDR??IV HP SRAM
CY7C4021KV13-600FCXC CYPRESS-CY7C4021KV13-600FCXC Datasheet
1Mb / 46P
   72-Mbit QDR??IV HP SRAM
CY7C4021KV13-667FCXC CYPRESS-CY7C4021KV13-667FCXC Datasheet
1Mb / 46P
   72-Mbit QDR??IV HP SRAM
CY7C4022KV13 CYPRESS-CY7C4022KV13 Datasheet
1Mb / 46P
   72-Mbit QDR??IV XP SRAM
CY7C4022KV13-106FCXC CYPRESS-CY7C4022KV13-106FCXC Datasheet
1Mb / 46P
   72-Mbit QDR??IV XP SRAM
More results

Similar Description - CY7C402-10PC

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5481 SHARP-LH5481 Datasheet
125Kb / 16P
   Cascadable 64 x 8 FIFO Cascadable 64 x 9 FIFO
logo
Cypress Semiconductor
CY7C408A-409A CYPRESS-CY7C408A-409A Datasheet
344Kb / 16P
   64 x 8 Cascadable FIFO 64 x 9 Cascadable FIFO
logo
Advanced Micro Devices
C67401 AMD-C67401 Datasheet
450Kb / 9P
   FIRST - IN FIRST - OUT (FIFO) 64 X 4, 64 X 5 CASCADABLE MEMORY
logo
Integrated Device Techn...
IDT72401 IDT-IDT72401_05 Datasheet
89Kb / 9P
   CMOS PARALLEL FIFO 64 x 4 and 64 x 5
IDT72401 IDT-IDT72401 Datasheet
95Kb / 9P
   CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT
logo
Fairchild Semiconductor
3341 FAIRCHILD-3341 Datasheet
174Kb / 3P
   64 x 4 FIFO Serial Memory
logo
Renesas Technology Corp
IDT72413 RENESAS-IDT72413 Datasheet
384Kb / 11P
   CMOS PARALLEL FIFO WITH FLAGS 64 x 5
JUNE 2012
logo
Integrated Device Techn...
IDT72413 IDT-IDT72413 Datasheet
104Kb / 11P
   CMOS PARALLEL 64 x 5-BIT FIFO WITH FLAGS
logo
NXP Semiconductors
74HC7404 PHILIPS-74HC7404 Datasheet
131Kb / 28P
   5-Bit x 64-word FIFO register; 3-state
September 1993
logo
Texas Instruments
TMS4024 TI-TMS4024 Datasheet
172Kb / 5P
[Old version datasheet]   9 X 64 DIGITAL STORAGE BUFFER (FIFO)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com