Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM5302A Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # SM5302A
Description  3-channel Video Buffer with Built-in wideband LPF
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5302A Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM5302A Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5302A Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5302A Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5302A Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5302A Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5302A Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5302A Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5302A Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5302A Datasheet HTML 12Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
SM5302A
NIPPON PRECISION CIRCUITS INC.—8
Analog Characteristics
Analog input characteristics
VCC = 5.0V, VDD = 3.0 to 5.5V, Ta = 25°C, fin = 100kHz, VIN = 1.0Vp-p, RISET = 1.8kΩ, RL = 75Ω,
CH-1 set to clamp input, CH-2 and CH-3 set to bias input, FCDATA
= 227, unless otherwise noted.
Internal mode settings are shown in table 1 in "Mode Condition Settings".
Parameter
Symbol
Condition
Rating
Unit
Test
level
min
typ
max
Clamp voltage
VCLMP
Clamp input
1.8
2.0
2.2
V
I
Bias voltage
VBIAS
Bias input
2.2
2.4
2.6
V
I
Input resistance
RBIAS
Bias input
20
k
II
Filter mode maximum input
voltage
VAI1
Mode: b0 (bias, 0dB), THD
< 1.0%
1.4
−−
Vp-p
I
VAI2
Mode: b6 (bias, 6dB), THD
< 1.0%
1.4
−−
Vp-p
I
VAI3
Mode: c0 (clamp, 0dB), THD
< 1.0%
1.4
−−
Vp-p
I
VAI4
Mode: c6 (clamp, 6dB), THD
< 1.5%
1.0
−−
Vp-p
I
Bias mode maximum input
voltage
VAI5
Mode: f0 (bias, 0dB), THD
< 1.0%
1.4
−−
Vp-p
I
VAI6
Mode: f6 (bias, 6dB), THD
< 1.5%
1.2
−−
Vp-p
I
VAI7
Mode: g0 (clamp, 0dB), THD
< 1.0%
1.4
−−
Vp-p
I
VAI8
Mode: g6 (clamp, 6dB), THD
< 1.5%
1.0
−−
Vp-p
I
Direct mode input
DC voltage range
VIDC1
Mode: h0 , THD
< 1.5%,
VIN < 1.4Vp-p
1.5
3.5
V
I
VIDC2
Mode: h6, THD
< 1.5%,
VIN < 1.2Vp-p
1.7
3.0
V
I
VIDC3
Mode: j0 , THD
< 1.5%,
VIN < 1.4Vp-p
1.1
3.3
V
I
VIDC4
Mode: j6, THD
< 1.5%,
VIN < 1.2Vp-p
1.4
2.9
V
I


Similar Part No. - SM5302A

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5301 NPC-SM5301 Datasheet
178Kb / 12P
   3-channel Video Buffer with Built-in Wideband Filters
SM5301AS NPC-SM5301AS Datasheet
178Kb / 12P
   3-channel Video Buffer with Built-in Wideband Filters
SM5301BS NPC-SM5301BS Datasheet
204Kb / 15P
   3-channel Video Buffer with Built-in Wideband Filters with Filter Through Function
SM5304AV NPC-SM5304AV Datasheet
244Kb / 12P
   Video Buffer with Built-in Analog LPF
SM5304AV NPC-SM5304AV Datasheet
231Kb / 12P
   Video Buffer with Built-in Analog LPF
More results

Similar Description - SM5302A

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5309A NPC-SM5309A Datasheet
419Kb / 24P
   3-channel Video Buffer with Built-in wideband LPF
SM5309B NPC-SM5309B Datasheet
409Kb / 24P
   3-channel Video Buffer with Built-in wideband LPF
SM5320A NPC-SM5320A Datasheet
696Kb / 23P
   5-channel Video Buffer with Built-in wideband LPF
SM5301 NPC-SM5301 Datasheet
178Kb / 12P
   3-channel Video Buffer with Built-in Wideband Filters
SM5304AV NPC-SM5304AV Datasheet
244Kb / 12P
   Video Buffer with Built-in Analog LPF
SM5304AV NPC-SM5304AV_06 Datasheet
231Kb / 12P
   Video Buffer with Built-in Analog LPF
SM5301BS NPC-SM5301BS Datasheet
204Kb / 15P
   3-channel Video Buffer with Built-in Wideband Filters with Filter Through Function
logo
3PEAK INC.
TPF113 3PEAK-TPF113 Datasheet
664Kb / 10P
   Zero-PeakingTM, Ultra-low Power, 3-Channel SD Video Buffer with LPF
logo
Sanyo Semicon Device
LV7150V_0712 SANYO-LV7150V_0712 Datasheet
107Kb / 7P
   Switch for the Wideband Video Signal (with LPF)
logo
Calogic, LLC
LH4002A CALOGIC-LH4002A Datasheet
53Kb / 5P
   Wideband Video Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com