Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRPT1059 Datasheet(PDF) 2 Page - International Rectifier

Part # IRPT1059
Description  Integrated Power Stage for 1hp Motor Drives
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPT1059 Datasheet(HTML) 2 Page - International Rectifier

  IRPT1059 Datasheet HTML 1Page - International Rectifier IRPT1059 Datasheet HTML 2Page - International Rectifier IRPT1059 Datasheet HTML 3Page - International Rectifier IRPT1059 Datasheet HTML 4Page - International Rectifier IRPT1059 Datasheet HTML 5Page - International Rectifier IRPT1059 Datasheet HTML 6Page - International Rectifier IRPT1059 Datasheet HTML 7Page - International Rectifier IRPT1059 Datasheet HTML 8Page - International Rectifier IRPT1059 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IRPT1059
page 2
www.irf.com
The IRPT1059C
provides the complete
conversion function for a 1hp (0.75kW) variable frequency,
variable voltage, AC motor controller. The
combines a power module IRPT1059A with a Driver-Plus Board
IRPT1059D. Figure 1 shows the block diagram of the
within an AC motor control system.
The power module contains a single-phase input bridge
rectifier, 3-phase IGBT inverter, current sense shunts, and a
thermistor. It is designed for easy mounting to a heat sink. The
Driver-Plus Board contains DC link capacitors, capacitor soft
charge function using NTC thermistor, surge suppression MOV,
IGBT gate drivers, DC bus voltage and current feedback signals,
protection circuitry and local power supply. It is designed to mate
with a controller board through a single row header. Terminal
blocks are provided on the Driver-Plus Board for all end user line
input and motor output.
Output power is Pulse-Width Modulated (PWM) 3-phase,
variable frequency, variable voltage controlled by an externally
generated user-provided PWM controller for inverter IGBT
switching. The power supply offers the user non-isolated 5V and
15V to power the micro-controller.
The IRPT1059C offers several benefits to the drive
manufacturer listed below:
It greatly simplifies component selection, design of layout,
interconnection, gate drive, local power supply, thermal
sensing, current sensing and protection.
Gate drive and protection circuits are designed to closely
match the operating characteristics of the power
semiconductors. This allows power losses to be minimized and
power rating to be maximized to a greater extent than is
possible by designing with individual components.
It reduces the effort of calculating and evaluating power
semiconductor losses and junction temperature.
It reduces the manufacturer's part inventory and simplifies
assembly.
[
specifications and ratings are given for system
input and output voltage and current, power losses and heat sink
requirements over a range of operating conditions.
system ratings are verified by IR in final testing.]
The IRPT1059A Power Module
The IRPT1059A Power Module, shown in figure 2, is a chip
and wire epoxy encapsulated module. It houses input rectifiers
output inverter, current sense shunts and NTC thermistor. The
single-phase input bridge rectifiers are rated at 800V. The
inverter section employs 600V, short circuit rated, ultrafast
IGBTs and ultrafast freewheeling diodes. Current sensing is
achieved through 45m
Ω low inductance shunts provided in the
positive and negative DC bus rail. The NTC thermistor
provides temperature sensing capability. The lead spacing on the
power module meets UL840 pollution level 3 requirements.
The power circuit and layout within the module are carefully
designed to minimize inductance in the power path, to reduce
noise during inverter operation and to improve the inverter
efficiency. The Driver-Plus Board required to run the inverter
can be soldered to the power module pins, thus minimizing
assembly and alignment. The power module is designed to be
mounted to a heat sink with two screw mount positions, in order
to insure good thermal contact between the module substrate and
the heat sink.
System Description
Figure 2. IRPT1059A Power Module


Similar Part No. - IRPT1059

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPT1059A IRF-IRPT1059A Datasheet
245Kb / 12P
   Power Module for 1 hp Motor Drives
More results

Similar Description - IRPT1059

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPT1060 IRF-IRPT1060 Datasheet
409Kb / 12P
   Integrated Power Stage for 1 hp Motor Drives
IRPT5051 IRF-IRPT5051 Datasheet
433Kb / 12P
   Integrated Power Stage for 15 hp Motor Drives
IRPT2051 IRF-IRPT2051 Datasheet
131Kb / 12P
   Integrated Power Stage for 3 hp Motor Drives
IRPT1058 IRF-IRPT1058 Datasheet
311Kb / 12P
   Integrated Power Stage for 0.75 hp Motor Drives
IRPT2056 IRF-IRPT2056 Datasheet
351Kb / 12P
   Power Module for 3 hp Motor Drives
IRPT2060A IRF-IRPT2060A Datasheet
338Kb / 12P
   Power Module for 3 hp Motor Drives
IRPT2059A IRF-IRPT2059A Datasheet
333Kb / 12P
   Power Module for 2 hp Motor Drives
IRPT2061A IRF-IRPT2061A Datasheet
278Kb / 12P
   Power Module for 1.5 hp Motor Drives
logo
Vincotech
V23990-P760-A50-D2-14 VINCOTECH-V23990-P760-A50-D2-14 Datasheet
462Kb / 28P
   Motor Drives Power Generation
V23990-P580-A46-P1-14 VINCOTECH-V23990-P580-A46-P1-14 Datasheet
511Kb / 25P
   Motor Drives Power Generation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com