Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAAF-5050RGBS-13 Datasheet(PDF) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # KAAF-5050RGBS-13
Description  5.0 mm x 5.0 mm Surface Mount LED Lamp
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

KAAF-5050RGBS-13 Datasheet(HTML) 2 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  KAAF-5050RGBS-13 Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. KAAF-5050RGBS-13 Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. KAAF-5050RGBS-13 Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. KAAF-5050RGBS-13 Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. KAAF-5050RGBS-13 Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
© 2018 Kingbright. All Rights Reserved. Spec No: DSAM4651 / 1201008348 Rev No: V.7B Date: 05/22/2018
Page 2 / 5
KAAF-5050RGBS-13
Notes:
1. Within 350mW at all chips are lightened
2. 1/10 Duty Cycle , 0.1ms Pulse Width .
3. Rth JA, Rth JS Results from mounting on PC board FR4 (pad size≥16 mm
2 per pad).
4. Relative humidity levels maintained between 40% and 60% in production area are recommended to avoid the build-up of static electricity – Ref JEDEC/JESD625-A and JEDEC/J-STD-033.
ABSOLUTE MAXIMUM RATINGS at TA=25°C
ELECTRICAL / OPTICAL CHARACTERISTICS at TA=25°C
Parameter
Symbol
Emitting Color
Value
Unit
Typ.
Max.
Wavelength at Peak Emission IF = 50mA
Wavelength at Peak Emission IF = 30mA
Wavelength at Peak Emission IF = 30mA
λpeak
Hyper Red
Green
Blue
640
520
465
-
nm
Dominant Wavelength IF = 50mA
Dominant Wavelength IF = 30mA
Dominant Wavelength IF = 30mA
λdom
[1]
Hyper Red
Green
Blue
625
525
470
-
nm
Spectral Bandwidth at 50% Φ REL MAX IF = 50mA
Spectral Bandwidth at 50% Φ REL MAX IF = 30mA
Spectral Bandwidth at 50% Φ REL MAX IF = 30mA
Δλ
Hyper Red
Green
Blue
25
35
22
-
nm
Capacitance
C
Hyper Red
Green
Blue
27
100
100
-
pF
Forward Voltage IF = 50mA
Forward Voltage IF = 30mA
Forward Voltage IF = 30mA
VF
[2]
Hyper Red
Green
Blue
2.5
3.3
3.5
3.2
4.1
4.5
V
Reverse Current (VR = 5V)
IR
Hyper Red
Green
Blue
-
10
50
50
uA
Temperature Coefficient of λpeak IF = 50mA, -10°C ≤ T ≤ 85°C
Temperature Coefficient of λpeak IF = 30mA, -10°C ≤ T ≤ 85°C
Temperature Coefficient of λpeak IF = 30mA, -10°C ≤ T ≤ 85°C
TCλpeak
Hyper Red
Green
Blue
0.13
0.05
0.04
-
nm/°C
Temperature Coefficient of λdom IF = 50mA, -10°C ≤ T ≤ 85°C
Temperature Coefficient of λdom IF = 30mA, -10°C ≤ T ≤ 85°C
Temperature Coefficient of λdom IF = 30mA, -10°C ≤ T ≤ 85°C
TCλdom
Hyper Red
Green
Blue
0.06
0.03
0.03
-
nm/°C
Temperature Coefficient of VF IF = 50mA, -10°C ≤ T ≤ 85°C
Temperature Coefficient of VF IF = 30mA, -10°C ≤ T ≤ 85°C
Temperature Coefficient of VF IF = 30mA, -10°C ≤ T ≤ 85°C
TCV
Hyper Red
Green
Blue
-2.0
-2.9
-2.9
-
mV/°C
Parameter
Symbol
Value
Unit
Hyper Red
Green
Blue
Power Dissipation
PD
[1]
mW
Reverse Voltage
VR
5
5
5
V
Junction Temperature
Tj
115
115
115
°C
Operating Temperature
Top
-40 to +85
°C
Storage Temperature
Tstg
-40 to +85
°C
DC Forward Current
IF
50
30
30
mA
Peak Forward Current
IFM
[2]
150
100
100
mA
Electrostatic Discharge Threshold (HBM)
-
3000
450
250
V
Thermal Resistance (Junction / Ambient)
Rth JA
[3]
210
235
240
°C/W
Thermal Resistance (Junction / Solder point)
Rth JS
[3]
130
165
150
°C/W
350
Notes:
1. The dominant wavelength (λd) above is the setup value of the sorting machine. (Tolerance λd: ±1nm. )
2. Forward voltage: ±0.1V.
3. Wavelength value is traceable to CIE127-2007 standards.
4. Excess driving current and / or operating temperature higher than recommended conditions may result in severe light degradation or premature failure.
Kingbright


Similar Part No. - KAAF-5050RGBS-13

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
KAAF-3529BGRS-132 TO-GRACE-KAAF-3529BGRS-132 Datasheet
1Mb / 5P
   3.5 x 2.8 mm Surface Mount SMD Chip LED
More results

Similar Description - KAAF-5050RGBS-13

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
XZM2CRKDGKCBD107S-IC SUNLED-XZM2CRKDGKCBD107S-IC Datasheet
364Kb / 6P
   5.0 x 5.0 mm Surface Mount LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
AAAF5051-05 TO-GRACE-AAAF5051-05 Datasheet
1Mb / 5P
   5.0 x 5.0 mm Full-Color Surface Mount LED Lamp
logo
HB Electronic Component...
540R2GBC-CA HB-540R2GBC-CA Datasheet
399Kb / 8P
   5.0 mm DIA LED LAMP
520PG2C-F2 HB-520PG2C-F2 Datasheet
327Kb / 11P
   5.0 mm DIA LED LAMP
560JY8C HB-560JY8C Datasheet
412Kb / 8P
   5.0 mm DIA LED LAMP
560PR2C HB-560PR2C Datasheet
318Kb / 8P
   5.0 mm DIA LED LAMP
520PG0C HB-520PG0C Datasheet
223Kb / 3P
   5.0 mm DIA LED LAMP
540R2GBC-CC HB-540R2GBC-CC Datasheet
368Kb / 8P
   5.0 mm DIA LED LAMP
560MY8C HB-560MY8C Datasheet
557Kb / 8P
   5.0 mm DIA LED LAMP
599R2GBC-CC HB-599R2GBC-CC Datasheet
395Kb / 8P
   5.0 mm DIA LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com