Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAAF-5050RGBS-13 Datasheet(PDF) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

Part # KAAF-5050RGBS-13
Description  5.0 mm x 5.0 mm Surface Mount LED Lamp
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TO-GRACE [HK TO-GRACE TECHNOLOGY CO.,LTD.]
Direct Link  http://www.to-grace.com/index.html
Logo TO-GRACE - HK TO-GRACE TECHNOLOGY CO.,LTD.

KAAF-5050RGBS-13 Datasheet(HTML) 1 Page - HK TO-GRACE TECHNOLOGY CO.,LTD.

  KAAF-5050RGBS-13 Datasheet HTML 1Page - HK TO-GRACE TECHNOLOGY CO.,LTD. KAAF-5050RGBS-13 Datasheet HTML 2Page - HK TO-GRACE TECHNOLOGY CO.,LTD. KAAF-5050RGBS-13 Datasheet HTML 3Page - HK TO-GRACE TECHNOLOGY CO.,LTD. KAAF-5050RGBS-13 Datasheet HTML 4Page - HK TO-GRACE TECHNOLOGY CO.,LTD. KAAF-5050RGBS-13 Datasheet HTML 5Page - HK TO-GRACE TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2018 Kingbright. All Rights Reserved. Spec No: DSAM4651 / 1201008348 Rev No: V.7B Date: 05/22/2018
Page 1 / 5
DESCRIPTIONS
The Hyper Red device is based on light emitting diode
chip made from AlGaInP
The Green source color devices are made with InGaN
Light Emitting Diode
The Blue source color devices are made with InGaN
Light Emitting Diode
Electrostatic discharge and power surge could
damage the LEDs
It is recommended to use a wrist band or
anti-electrostatic glove when handling the LEDs
All devices, equipments and machineries must be
electrically grounded
FEATURES
Chips can be controlled separately
Suitable for all SMD assembly and solder process
Available on tape and reel
White SMD package, silicone resin
Package: 500 pcs / reel
Moisture sensitivity level: 3
RoHS compliant
APPLICATIONS
Backlight
Status indicator
Home and smart appliances
Wearable and portable devices
Healthcare applications
ATTENTION
Observe precautions for handling
electrostatic discharge sensitive devices
KAAF-5050RGBS-13
5.0 mm x 5.0 mm Surface Mount LED Lamp
RECOMMENDED SOLDERING PATTERN
(units : mm; tolerance : ± 0.1)
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.2(0.008") unless otherwise noted.
3. The specifications, characteristics and technical data described in the datasheet are subject to
change without prior notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.
Part Number
Emitting Color
(Material)
Lens Type
Iv (mcd)
@ 50mA [2]
Iv (mcd)
@ 30mA [2]
Viewing Angle [1]
Min.
Typ.
Min.
Typ.
2θ1/2
KAAF-5050RGBS-13
Hyper Red
(AlGaInP)
Water Clear
1000
1400
-
-
120
°
Green (InGaN)
-
-
1300
2000
Blue (InGaN)
-
-
300
420
SELECTION GUIDE
Notes:
1. θ1/2 is the angle from optical centerline where the luminous intensity is 1/2 of the optical peak value.
2. Luminous intensity / luminous flux: +/-15%.
3. Luminous intensity value is traceable to CIE127-2007 standards.
PACKAGE DIMENSIONS
Red
Green
Blue
Kingbright
香港至恩科技有限公司    
www.to-grace.com
公司授权代理销售LITE-ON:光耦,贴片LED灯等
进口原装,现货供应,价格优势,技术支持
电话:0755-83464948 传真:0755-83464076


Similar Part No. - KAAF-5050RGBS-13

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
KAAF-3529BGRS-132 TO-GRACE-KAAF-3529BGRS-132 Datasheet
1Mb / 5P
   3.5 x 2.8 mm Surface Mount SMD Chip LED
More results

Similar Description - KAAF-5050RGBS-13

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
XZM2CRKDGKCBD107S-IC SUNLED-XZM2CRKDGKCBD107S-IC Datasheet
364Kb / 6P
   5.0 x 5.0 mm Surface Mount LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
AAAF5051-05 TO-GRACE-AAAF5051-05 Datasheet
1Mb / 5P
   5.0 x 5.0 mm Full-Color Surface Mount LED Lamp
logo
HB Electronic Component...
540R2GBC-CA HB-540R2GBC-CA Datasheet
399Kb / 8P
   5.0 mm DIA LED LAMP
520PG2C-F2 HB-520PG2C-F2 Datasheet
327Kb / 11P
   5.0 mm DIA LED LAMP
560JY8C HB-560JY8C Datasheet
412Kb / 8P
   5.0 mm DIA LED LAMP
560PR2C HB-560PR2C Datasheet
318Kb / 8P
   5.0 mm DIA LED LAMP
520PG0C HB-520PG0C Datasheet
223Kb / 3P
   5.0 mm DIA LED LAMP
540R2GBC-CC HB-540R2GBC-CC Datasheet
368Kb / 8P
   5.0 mm DIA LED LAMP
560MY8C HB-560MY8C Datasheet
557Kb / 8P
   5.0 mm DIA LED LAMP
599R2GBC-CC HB-599R2GBC-CC Datasheet
395Kb / 8P
   5.0 mm DIA LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com