Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S3904-2048Q Datasheet(PDF) 4 Page - Hamamatsu Corporation

Part # S3904-2048Q
Description  NMOS Linear image sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S3904-2048Q Datasheet(HTML) 4 Page - Hamamatsu Corporation

  S3904-2048Q Datasheet HTML 1Page - Hamamatsu Corporation S3904-2048Q Datasheet HTML 2Page - Hamamatsu Corporation S3904-2048Q Datasheet HTML 3Page - Hamamatsu Corporation S3904-2048Q Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Hamamatsu City, 435-8558 Japan, Telephone: (81) 053-434-3311, Fax: (81) 053-434-5184, http://www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2005 Hamamatsu Photonics K.K.
NMOS linear image sensor
S3901-1024Q, S3904-2048Q
Cat. No. KMPD1049E02
Jan. 2005 DN
tvd
tpw 1
tpw 2
tpw s
st
V s (H)
V s (L)
V 1 (H)
V 1 (L)
V 2 (H)
V 2 (L)
1
2
END OF SCAN
st
1
2
tr s
tf s
tr 1
tf 1
X1
X2
t ov
tf 2
tr 2
ACTIVE VIDEO OUTPUT
10
–5
10
2
10
1
10
0
10
–1
10
–2
10
–3
10
–4
10
–3
10
–2
10
–1
10
0
EXPOSURE (lx · s)
(Typ. Vb=2 V, V =5 V, light source: 2856 K)
SATURATION
CHARGE
S3904-2048Q
S3901-1024Q
SATURATION EXPOSURE
0.3
0.2
0.1
0
200
400
600
800
1000
1200
WAVELENGTH (nm)
(Ta=25 ˚C)
4
0
6
8
10
4
567
8
10
CLOCK PULSE AMPLITUDE (V)
2
9
MIN.
VIDEO BIAS RANGE
MAX.
RECOMMENDED
BIAS
Figure 5 Spectral response (typical example)
Figure 6 Output charge vs. exposure
KMPDB0149EA
KMPDB0160EB
KMPDB0043EA
Figure 7 Timing chart
Figure 8 Video bias voltage margin
KMPDC0022EA
4


Similar Part No. - S3904-2048Q

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S3904-2048Q HAMAMATSU-S3904-2048Q Datasheet
117Kb / 4P
   NMOS linear image sensor
More results

Similar Description - S3904-2048Q

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S3901-1024Q HAMAMATSU-S3901-1024Q_07 Datasheet
117Kb / 4P
   NMOS linear image sensor
S5930 HAMAMATSU-S5930_15 Datasheet
1Mb / 10P
   NMOS linear image sensor
S3922 HAMAMATSU-S3922_15 Datasheet
229Kb / 7P
   NMOS linear image sensor
S3904-F HAMAMATSU-S3904-F Datasheet
196Kb / 4P
   NMOS linear image sensor
S3901 HAMAMATSU-S3901 Datasheet
240Kb / 6P
   NMOS Linear image sensor
S3904-1024F HAMAMATSU-S3904-1024F Datasheet
190Kb / 4P
   NMOS Linear image sensor
S3902 HAMAMATSU-S3902_15 Datasheet
161Kb / 6P
   NMOS linear image sensor
S3901-F HAMAMATSU-S3901-F_15 Datasheet
143Kb / 4P
   NMOS linear image sensor
S3921 HAMAMATSU-S3921_15 Datasheet
213Kb / 7P
   NMOS linear image sensor
S3901-FX HAMAMATSU-S3901-FX Datasheet
144Kb / 3P
   NMOS linear image sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com