Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PKA2411PIL Datasheet(PDF) 4 Page - Ericsson

Part # PKA2411PIL
Description  25-40 W DC/DC Power Modules 24 V Input Series
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PKA2411PIL Datasheet(HTML) 4 Page - Ericsson

  PKA2411PIL Datasheet HTML 1Page - Ericsson PKA2411PIL Datasheet HTML 2Page - Ericsson PKA2411PIL Datasheet HTML 3Page - Ericsson PKA2411PIL Datasheet HTML 4Page - Ericsson PKA2411PIL Datasheet HTML 5Page - Ericsson PKA2411PIL Datasheet HTML 6Page - Ericsson PKA2411PIL Datasheet HTML 7Page - Ericsson PKA2411PIL Datasheet HTML 8Page - Ericsson PKA2411PIL Datasheet HTML 9Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
EN/LZT 146 09 R1A © Ericsson Microelectronics AB, June 2000
4
Fundamental circuit diagrams
Electrical Data
Single output
9
8
10
5
4
1
3
Dual output
Triple output
6
9
8
5
4
3
7
10
1
9
8
10
5
4
1
3


Similar Part No. - PKA2411PIL

ManufacturerPart #DatasheetDescription
logo
StarHope
PKA20A SPSEMI-PKA20A Datasheet
156Kb / 4P
   Surface Mount Auto Surge Suppressor Stand-off Voltage - 15 to 60 Volts 6600 Watt Peak Pulse Power
PKA22A SPSEMI-PKA22A Datasheet
156Kb / 4P
   Surface Mount Auto Surge Suppressor Stand-off Voltage - 15 to 60 Volts 6600 Watt Peak Pulse Power
PKA26A SPSEMI-PKA26A Datasheet
156Kb / 4P
   Surface Mount Auto Surge Suppressor Stand-off Voltage - 15 to 60 Volts 6600 Watt Peak Pulse Power
More results

Similar Description - PKA2411PIL

ManufacturerPart #DatasheetDescription
logo
Ericsson
PKG2000 ERICSSON-PKG2000 Datasheet
1Mb / 16P
   46-60 W DC/DC Power Modules 24 V Input Series
PKF4000 ERICSSON-PKF4000 Datasheet
1Mb / 24P
   3-7 W DC/DC Power Modules 48 V Input Series
PKF5611SI ERICSSON-PKF5611SI Datasheet
1Mb / 16P
   5-6 W DC/DC Power Modules Wide Input Series
logo
Texas Instruments
PT4500 TI-PT4500 Datasheet
193Kb / 8P
[Old version datasheet]   20-W 24-V Input Isolated DC/DC Converter
PT4140 TI-PT4140 Datasheet
176Kb / 9P
[Old version datasheet]   20-W 24-V Input Isolated DC/DC Converter
PT4582 TI-PT4582 Datasheet
181Kb / 9P
[Old version datasheet]   30-W 24/48-V Input Isolated DC/DC Converter
logo
WOLFSPEED, INC.
CGHV1F025S WOLFSPEED-CGHV1F025S Datasheet
2Mb / 11P
   25 W, DC - 15 GHz, 40 V, GaN HEMT
Rev. 4.7, 2022-12-2
logo
Advantech Co., Ltd.
PWR-246E ADVANTECH-PWR-246E Datasheet
735Kb / 2P
   Industrial DC to DC Converter w/24 48VDC Power Input
logo
Vicor Corporation
DC048B010T010FP VICOR-DC048B010T010FP Datasheet
2Mb / 21P
   48 V Input DC-DC Converter Modules
DC048B VICOR-DC048B Datasheet
2Mb / 21P
   48 V Input DC-DC Converter Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com