Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEB2055 Datasheet(PDF) 11 Page - Siemens Semiconductor Group

Part # PEB2055
Description  ICs for Communications
Download  269 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PEB2055 Datasheet(HTML) 11 Page - Siemens Semiconductor Group

Back Button PEB2055 Datasheet HTML 7Page - Siemens Semiconductor Group PEB2055 Datasheet HTML 8Page - Siemens Semiconductor Group PEB2055 Datasheet HTML 9Page - Siemens Semiconductor Group PEB2055 Datasheet HTML 10Page - Siemens Semiconductor Group PEB2055 Datasheet HTML 11Page - Siemens Semiconductor Group PEB2055 Datasheet HTML 12Page - Siemens Semiconductor Group PEB2055 Datasheet HTML 13Page - Siemens Semiconductor Group PEB2055 Datasheet HTML 14Page - Siemens Semiconductor Group PEB2055 Datasheet HTML 15Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 269 page
background image
PEB 2055
PEF 2055
Overview
Semiconductor Group
11
1.3
Pin Definitions and Functions
Pin No.
EPIC-S EPIC
Symbol Input (I)
Output (O)
Function
30
30
CS
I
Chip Select; active low. A “low” on this line
selects the EPIC for read/write operations.
29
29
WR,
R/W
I
Write, active low, Siemens/Intel bus mode.
When “low”, a write operation is indicated.
Read/Write, Motorola bus mode.
When “high” a valid
µP-access identifies a read
operation, when “low” it identifies a write access.
28
28
RD, DS
I
Read, active low, Siemens/Intel bus mode.
When “low” a read operation is indicated.
Data Strobe, Motorola bus mode.
A rising edge marks the end of a read or write
operation.
19
20
21
22
23
24
25
26
19
20
21
22
23
24
25
26
AD0, D0
AD1, D1
AD2, D2
AD3, D3
AD4, D4
AD5, D5
AD6, D6
AD7, D7
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
Address/Data Bus; multiplexed bus mode.
Transfers addresses from the
µP-system to the
EPIC and data between the
µP and the EPIC.
Data Bus; demultiplexed bus mode.
Transfers data between the
µP and the EPIC.
When driving data the pins have push pull
characteristic, otherwise they are in high
impedance state.
31
31
ALE
I
Address Latch Enable
ALE controls the on chip address latch in
multiplexed bus mode. While ALE is “high”, the
latch is transparent. The falling edge latches the
current address. During the first read/write
access following reset ALE is evaluated to select
the bus mode.
32
32
INT
O
(OD)
Interrupt Request, active low.
This signal is activated when the EPIC requests
an interrupt. Due to the open drain (OD)
characteristic of INT multiple interrupt sources
can be connected together.
44
44
RES
I
Reset
A “high” forces the EPIC into reset state.
16
16
PFS
I
PCM Interface Frames Synchronization


Similar Part No. - PEB2055

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEB2055 INFINEON-PEB2055 Datasheet
1Mb / 269P
   ICs for Communications Extended PCM Interface Controller
02.97
PEB20550 INFINEON-PEB20550 Datasheet
1Mb / 269P
   ICs for Communications Extended PCM Interface Controller
02.97
PEB20550 INFINEON-PEB20550 Datasheet
1Mb / 407P
   ICs for Communications
Versions 1.3 01.96
PEB20550HV1.3 INFINEON-PEB20550HV1.3 Datasheet
3Mb / 252P
   2 Channel Serial Optimized Communication Controller for HDLC/PPP
DS 1, Sep. 2000
More results

Similar Description - PEB2055

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEB20320 INFINEON-PEB20320 Datasheet
2Mb / 252P
   ICs for Communications
Version 3.4 01.2000
PEB20550 INFINEON-PEB20550 Datasheet
1Mb / 407P
   ICs for Communications
Versions 1.3 01.96
PEB20570 INFINEON-PEB20570 Datasheet
3Mb / 291P
   ICs for Communications
Version 2.1 2003-08
PXB4340E INFINEON-PXB4340E Datasheet
2Mb / 185P
   ICs for Communications
Version 1.1 04.2000
logo
Siemens Semiconductor G...
TUA4306 SIEMENS-TUA4306 Datasheet
309Kb / 33P
   ICs for Communications
PMB2333 SIEMENS-PMB2333 Datasheet
1Mb / 69P
   ICs for Communications
logo
Infineon Technologies A...
PXB4360F INFINEON-PXB4360F Datasheet
869Kb / 66P
   ICs for Communications
Version 1.10 7.2000
PEB20560 INFINEON-PEB20560 Datasheet
3Mb / 433P
   ICs for Communications
Version 2.1 2003-08
PEF2015 INFINEON-PEF2015 Datasheet
1Mb / 84P
   ICs for Communications
Version 1.1 12.97
PEB2254 INFINEON-PEB2254 Datasheet
16Kb / 3P
   ICs for Communications
10.97
PEB20324 INFINEON-PEB20324 Datasheet
705Kb / 63P
   ICs for Communications
Version 2.2 04.99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com